Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VRE306C Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # VRE306C
Description  Low Cost Precision Reference
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

VRE306C Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  VRE306C Datasheet HTML 1Page - List of Unclassifed Manufacturers VRE306C Datasheet HTML 2Page - List of Unclassifed Manufacturers VRE306C Datasheet HTML 3Page - List of Unclassifed Manufacturers VRE306C Datasheet HTML 4Page - List of Unclassifed Manufacturers VRE306C Datasheet HTML 5Page - List of Unclassifed Manufacturers VRE306C Datasheet HTML 6Page - List of Unclassifed Manufacturers VRE306C Datasheet HTML 7Page - List of Unclassifed Manufacturers VRE306C Datasheet HTML 8Page - List of Unclassifed Manufacturers VRE306C Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 41 page
background image
DISCUSSION OF PERFORMANCE
THEORY OF OPERATION
The following discussion refers to the schematic in
figure 2 below. A FET current source is used to bias a
6.3V zener diode. The zener voltage is divided by the
resistor network R1 and R2. This voltage is then applied
to the noninverting input of the operational amplifier which
amplifies the voltage to produce a 2.500V output. The
gain is determined by the resistor networks R3 and R4:
G=1 + R4/R3. The 6.3V zener diode is used because it is
the most stable diode over time and temperature.
The current source provides a closely regulated zener
current, which determines the slope of the references’
voltage vs. temperature function. By trimming the zener
current a lower drift over temperature can be achieved.
But since the voltage vs. temperature function is nonlinear
this compensation technique is not well suited for wide
temperature ranges.
Thaler
Corporation
has
developed
a
nonlinear
compensation network of thermistors and resistors that is
used in the VRE series voltage references. This
proprietary network eliminates most of the nonlinearity in
the voltage vs. temperature function. By adjusting the
slope, Thaler Corporation produces a very stable voltage
over wide temperature ranges.
VRE302
FIGURE 2
VRE302DS REV. F MAY 2001
This network is less than 2% of the overall network
resistance so it has a negligible effect on long term
stability.
Figure 3 shows the proper connection of the VRE302
series voltage references with the optional trim resistor for
initial error.
The VRE302 reference has the ground
terminal brought out on two pins (pin 4 and pin 7) which
are connected together internally. This allows the user to
achieve greater accuracy when using a socket. Voltage
references have a voltage drop across their power supply
ground pin due to quiescent current flowing through the
contact resistance. If the contact resistance was constant
with time and temperature, this voltage drop could be
trimmed out. When the reference is plugged into a socket,
this source of error can be as high as 20ppm. By
connecting pin 4 to the power supply ground and pin 7 to
a high impedance ground point in the measurement
circuit, the error due to the contact resistance can be
eliminated. If the unit is soldered into place, the contact
resistance is sufficiently small that it does not effect
performance. Pay careful attention to the circuit layout to
avoid noise pickup and voltage drops in the lines.
EXTERNAL CONNECTIONS
FIGURE 3
8
4
6
5
+ V
OUT
2
+ V
IN
VRE302
10k
C
N
1µF
OPTIONAL
NOISE REDUCTION
CAPACITOR
OPTIONAL
FINE TRIM
ADJUSTMENT
3
V TEMP OUT
7
REF. GND


Similar Part No. - VRE306C

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
VRE306C ETC-VRE306C Datasheet
320Kb / 5P
   Low Cost Precision Reference
logo
Cirrus Logic
VRE306C CIRRUS-VRE306C Datasheet
539Kb / 4P
   Precision Voltage Reference
More results

Similar Description - VRE306C

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
VRE3041 ETC1-VRE3041 Datasheet
187Kb / 8P
   Low Cost Precision Reference
VRE3021 ETC-VRE3021 Datasheet
188Kb / 8P
   Low Cost Precision Reference
VRE306 ETC-VRE306 Datasheet
320Kb / 5P
   Low Cost Precision Reference
VRE3025 ETC1-VRE3025 Datasheet
199Kb / 8P
   Low Cost Precision Reference
VRE310 ETC-VRE310 Datasheet
420Kb / 5P
   Low Cost Precision Reference
VRE304 ETC1-VRE304 Datasheet
330Kb / 5P
   Low Cost Precision Reference
VRE3050 ETC-VRE3050 Datasheet
188Kb / 8P
   VRE3050 Low Cost Precision Reference
logo
Maxim Integrated Produc...
MAX6120 MAXIM-MAX6120 Datasheet
86Kb / 6P
   Low-Cost, Micropower, Precision, 3-Terminal, 1.2V Voltage Reference
Rev 1; 9/96
logo
ON Semiconductor
MC1403 ONSEMI-MC1403 Datasheet
125Kb / 8P
   PRECISION LOW VOLTAGE REFERENCE
REV 1
logo
Analog Devices
AD680ARZ-REEL AD-AD680ARZ-REEL Datasheet
399Kb / 12P
   Low Power, Low Cost 2.5 V Reference
Rev. H
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com