Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VRPB-10A12S Datasheet(PDF) 11 Page - Bel Fuse Inc.

Part # VRPB-10A12S
Description  NON-ISOLATED DC/DC CONVERTERS 12V Input / 1.0 - 5.0V Output / 10A
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

VRPB-10A12S Datasheet(HTML) 11 Page - Bel Fuse Inc.

Back Button VRPB-10A12S Datasheet HTML 7Page - Bel Fuse Inc. VRPB-10A12S Datasheet HTML 8Page - Bel Fuse Inc. VRPB-10A12S Datasheet HTML 9Page - Bel Fuse Inc. VRPB-10A12S Datasheet HTML 10Page - Bel Fuse Inc. VRPB-10A12S Datasheet HTML 11Page - Bel Fuse Inc. VRPB-10A12S Datasheet HTML 12Page - Bel Fuse Inc. VRPB-10A12S Datasheet HTML 13Page - Bel Fuse Inc. VRPB-10A12S Datasheet HTML 14Page - Bel Fuse Inc. VRPB-10A12S Datasheet HTML 15Page - Bel Fuse Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
Bel Fuse Inc. 206 Van Vorst Street, Jersey City, NJ 07302 • Tel 201-432-0463 • Fax 201-432-9542 • www.belfuse.com
©2006 Bel Fuse Inc.
Specifications subject to change without notice. 02.06
POWER PRODUCTS
NON-ISOLATED DC/DC CONVERTERS
BP06VRPB-10A
12V Input / 1.0 – 5.0V Output / 10A
Ripple and Noise
Ripple and noise at full load and 12Vdc input,
1.8Vdc output, full load with an external 22µF
tantalum capacitor and Ta=25° C
Ripple and noise at full load and 12Vdc input,
1.5Vdc output, full load with an external 22µF
tantalum capacitor and Ta=25° C
Ripple and noise at full load and 12Vdc input,
1.2Vdc output, full load with an external 22µF
tantalum capacitor and Ta=25° C
Ripple and noise at full load and 12Vdc input,
1.0Vdc output, full load with an external 22µF
tantalum capacitor and Ta=25° C
page 11


Similar Part No. - VRPB-10A12S

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
VRPB-10B BEL-VRPB-10B Datasheet
248Kb / 18P
   NON-ISOLATED DC/DC CONVERTERS 5V Input / 0.9V - 3.3V Output / 10A
VRPB-10B09L BEL-VRPB-10B09L Datasheet
248Kb / 18P
   NON-ISOLATED DC/DC CONVERTERS 5V Input / 0.9V - 3.3V Output / 10A
VRPB-10B09S BEL-VRPB-10B09S Datasheet
248Kb / 18P
   NON-ISOLATED DC/DC CONVERTERS 5V Input / 0.9V - 3.3V Output / 10A
VRPB-10B12L BEL-VRPB-10B12L Datasheet
248Kb / 18P
   NON-ISOLATED DC/DC CONVERTERS 5V Input / 0.9V - 3.3V Output / 10A
VRPB-10B12S BEL-VRPB-10B12S Datasheet
248Kb / 18P
   NON-ISOLATED DC/DC CONVERTERS 5V Input / 0.9V - 3.3V Output / 10A
More results

Similar Description - VRPB-10A12S

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
V7PB-10A BEL-V7PB-10A Datasheet
511Kb / 22P
   NON-ISOLATED DC/DC CONVERTERS 12V Input / 1.0 - 5.0V Output / 10A
S7AH-03A BEL-S7AH-03A Datasheet
165Kb / 15P
   NON-ISOLATED DC/DC CONVERTERS 12V Input / 1.5V - 5.0V Output / 3A
S7AH-02A BEL-S7AH-02A Datasheet
329Kb / 25P
   NON-ISOLATED DC/DC CONVERTERS 12V Input / 0.9V - 5.0V Output / 2A
V7PF-15A BEL-V7PF-15A Datasheet
74Kb / 2P
   NON-ISOLATED DC/DC CONVERTERS 12V Input / 0.9V - 5.0V Output / 15A
SRAH-03A BEL-SRAH-03A Datasheet
173Kb / 15P
   NON-ISOLATED DC/DC CONVERTERS 12V Input / 1.5V - 5.0V Output / 3A
S7DB-07A BEL-S7DB-07A Datasheet
249Kb / 14P
   NON-ISOLATED DC/DC CONVERTERS 12V Input / 1.2V - 5.0V Output / 7A
SRAH-02A BEL-SRAH-02A Datasheet
336Kb / 25P
   NON-ISOLATED DC/DC CONVERTERS 12V Input / 0.9V - 5.0V Output / 2A
X7PF-20A1A0 BEL-X7PF-20A1A0 Datasheet
203Kb / 7P
   NON-ISOLATED DC/DC CONVERTERS 12V Input 0.9V-5.0V/20A Output
SRDB-07A BEL-SRDB-07A Datasheet
256Kb / 14P
   NON-ISOLATED DC/DC CONVERTERS 12V Input / 1.2V - 5.0V Output / 7A
S7AH-05A BEL-S7AH-05A Datasheet
504Kb / 27P
   NON-ISOLATED DC/DC CONVERTERS 12V Input / 0.9V - 5.0V Output / 5A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com