Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1.5KE56CARL Datasheet(PDF) 4 Page - STMicroelectronics

Part # 1.5KE56CARL
Description  TRANSIL UNIAND BIDIRECTIONALTYPES
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

1.5KE56CARL Datasheet(HTML) 4 Page - STMicroelectronics

  1.5KE56CARL Datasheet HTML 1Page - STMicroelectronics 1.5KE56CARL Datasheet HTML 2Page - STMicroelectronics 1.5KE56CARL Datasheet HTML 3Page - STMicroelectronics 1.5KE56CARL Datasheet HTML 4Page - STMicroelectronics 1.5KE56CARL Datasheet HTML 5Page - STMicroelectronics 1.5KE56CARL Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
1.5KExx
4/6
Fig. 2 : Peak pulse power versus exponential pulse duration.
Fig. 3 :
Clamping voltage versus peak pulse current.
Exponential waveform: tp =20
µs________
tp = 1 ms——————-
tp = 10 ms ...............
Note : The curves of the figure 3 are specified for a junction temperature of 25°C before surge.
The given results may be extrapolated for other junction temperatures by using the following formula :
∆VBR = αT* (Tamb -25) * VBR(25°C).
For intermediate voltages, extrapolate the given results.


Similar Part No. - 1.5KE56CARL

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
1.5KE56CA ONSEMI-1.5KE56CA Datasheet
58Kb / 8P
   1500 Watt Mosorb Zener Transient Voltage Suppressors
February, 2002 ??Rev. 2
logo
Socay Electornics Co., ...
1.5KE56CA SOCAY-1.5KE56CA Datasheet
3Mb / 56P
   Surface Mount Transient Voltage Suppressors (TVS)
logo
DB Lectro Inc
1.5KE56CA DBLECTRO-1.5KE56CA Datasheet
147Kb / 3P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE-6.8 TO 440 Volts 1500 watt Peak Power / 6.5 Watt Steady State
logo
Shanghai Yint Electroni...
1.5KE56CA YINT-1.5KE56CA Datasheet
682Kb / 5P
   1.5KE Transient Voltage Suppressor Diode Series
logo
Micro Commercial Compon...
1.5KE56CA MCC-1.5KE56CA Datasheet
974Kb / 4P
   1500 Watt Transient Voltage Suppressors 6.8V to 550 Volts
More results

Similar Description - 1.5KE56CARL

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SMAJ STMICROELECTRONICS-SMAJ Datasheet
152Kb / 6P
   TRANSIL
SMBJ5.0A-TR STMICROELECTRONICS-SMBJ5.0A-TR Datasheet
133Kb / 10P
   Transil
P6KE6V8A STMICROELECTRONICS-P6KE6V8A_04 Datasheet
96Kb / 6P
   TRANSIL
BZW04-13 STMICROELECTRONICS-BZW04-13 Datasheet
124Kb / 6P
   TRANSIL
SM2T STMICROELECTRONICS-SM2T_05 Datasheet
54Kb / 6P
   TRANSIL?
SMCJ STMICROELECTRONICS-SMCJ Datasheet
129Kb / 10P
   Transil?
July 2010 Rev 8
15KE250CA STMICROELECTRONICS-15KE250CA Datasheet
142Kb / 10P
   Transil
SM6T56CA STMICROELECTRONICS-SM6T56CA Datasheet
125Kb / 10P
   Transil
SM4T6V8 STMICROELECTRONICS-SM4T6V8 Datasheet
126Kb / 7P
   TRANSIL
BZW06-28B STMICROELECTRONICS-BZW06-28B Datasheet
176Kb / 6P
   TRANSIL
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com