Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS3903E-020 Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # DS3903E-020
Description  Triple 128-Position Nonvolatile Digital Potentiometer
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS3903E-020 Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button DS3903E-020 Datasheet HTML 3Page - Maxim Integrated Products DS3903E-020 Datasheet HTML 4Page - Maxim Integrated Products DS3903E-020 Datasheet HTML 5Page - Maxim Integrated Products DS3903E-020 Datasheet HTML 6Page - Maxim Integrated Products DS3903E-020 Datasheet HTML 7Page - Maxim Integrated Products DS3903E-020 Datasheet HTML 8Page - Maxim Integrated Products DS3903E-020 Datasheet HTML 9Page - Maxim Integrated Products DS3903E-020 Datasheet HTML 10Page - Maxim Integrated Products DS3903E-020 Datasheet HTML 11Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
Triple 128-Position Nonvolatile
Digital Potentiometer
8
______________________________________________________________________
word consists of 101000 binary followed by A0 then the
R/W bit. If the R/W bit is high, a read operation is initiat-
ed. If the R/W bit is low, a write operation is initiated.
For a device to become active, the value of A0 must be
the same as the hard-wired address pins on the
DS3903. Upon a match of written and hard-wired
addresses, the DS3903 outputs a zero for one clock
cycle as an acknowledge. If the address does not
match, the DS3903 returns to a low-power mode.
Write Operations
After receiving a matching device address byte with the
R/W bit set low, the device goes into the write mode of
operation. The master must transmit an 8-bit EEPROM
memory address to the device to define the address
where the data is to be written. After the byte has been
received, the DS3903 transmits a zero for one clock
cycle to acknowledge the memory address has been
received. The master must then transmit an 8-bit data
word to be written into this memory address. The
DS3903 again transmits a zero for one clock cycle to
acknowledge the receipt of the data byte. At this point,
the master must terminate the write operation with a stop
condition. The DS3903 then enters an internally timed
STOP
CONDITION
OR REPEATED
START
CONDITION
REPEATED IF MORE BYTES
ARE TRANSFERRED
ACK
START
CONDITION
ACK
ACKNOWLEDGEMENT
SIGNAL FROM RECEIVER
ACKNOWLEDGEMENT
SIGNAL FROM RECEIVER
SLAVE ADDRESS
MSB
SCL
SDA
R/W
DIRECTION
BIT
12
6
7
8
9
12
8
9
3–7
Figure 2. 2-Wire Data Transfer Protocol
SDA
SCL
tHD:STA
tLOW
tHIGH
tR
tF
tBUF
tHD:DAT
tSU:DAT
REPEATED
START
tSU:STA
tHD:STA
tSU:STO
tSP
STOP
START
Figure 3. 2-Wire AC Characteristics


Similar Part No. - DS3903E-020

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS3900 DALLAS-DS3900 Datasheet
876Kb / 15P
   Serial Communications Module For Evaluation Kits
logo
Maxim Integrated Produc...
DS3900 MAXIM-DS3900 Datasheet
894Kb / 15P
   Serial Communications Module For Evaluation Kits
2004
logo
Dallas Semiconductor
DS3900EVKIT DALLAS-DS3900EVKIT Datasheet
876Kb / 15P
   Serial Communications Module For Evaluation Kits
logo
Maxim Integrated Produc...
DS3900EVKIT MAXIM-DS3900EVKIT Datasheet
894Kb / 15P
   Serial Communications Module For Evaluation Kits
2004
DS3900H2 MAXIM-DS3900H2 Datasheet
1Mb / 14P
   USB HID Communications Module for Evaluation Kits
Rev 0; 6/13
More results

Similar Description - DS3903E-020

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS3904 MAXIM-DS3904 Datasheet
392Kb / 11P
   Triple 128-Position Nonvolatile Digital
Rev 3; 3/07
logo
Dallas Semiconductor
DS3904 DALLAS-DS3904 Datasheet
254Kb / 11P
   Triple 128-Position Nonvolatile Digital Variable Resistor/Switch
logo
Analog Devices
AD5123 AD-AD5123 Datasheet
731Kb / 28P
   Quad Channel, 128-/256-Position, I2C, Nonvolatile Digital Potentiometer
AD5122 AD-AD5122_17 Datasheet
751Kb / 32P
   Dual Channel, 128-/256-Position, SPI, Nonvolatile Digital Potentiometer
AD5122A AD-AD5122A_17 Datasheet
768Kb / 32P
   Dual Channel, 128-/256-Position, I2C, Nonvolatile Digital Potentiometer
AD5123BCPZ100-RL7 AD-AD5123BCPZ100-RL7 Datasheet
642Kb / 28P
   Quad Channel, 128-/256-Position, I2C Nonvolatile Digital Potentiometer
REV. A
AD7376ARWZ10 AD-AD7376ARWZ10 Datasheet
452Kb / 20P
   128-Position Digital Potentiometer
REV. D
AD5124 AD-AD5124_17 Datasheet
829Kb / 36P
   Quad Channel, 128-/256-Position, I2C/SPI, Nonvolatile Digital Potentiometer
logo
Dallas Semiconductor
DS4301 DALLAS-DS4301 Datasheet
150Kb / 7P
   Nonvolatile, 32-Position Digital Potentiometer
logo
Maxim Integrated Produc...
DS4301 MAXIM-DS4301 Datasheet
155Kb / 7P
   Nonvolatile, 32-Position Digital Potentiometer
Rev 0; 8/03
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com