Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS42BR400TSQ Datasheet(PDF) 7 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DS42BR400TSQ
Description  Quad Transceiver with Input Equalization and Output De-Emphasis
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DS42BR400TSQ Datasheet(HTML) 7 Page - National Semiconductor (TI)

Back Button DS42BR400TSQ Datasheet HTML 3Page - National Semiconductor (TI) DS42BR400TSQ Datasheet HTML 4Page - National Semiconductor (TI) DS42BR400TSQ Datasheet HTML 5Page - National Semiconductor (TI) DS42BR400TSQ Datasheet HTML 6Page - National Semiconductor (TI) DS42BR400TSQ Datasheet HTML 7Page - National Semiconductor (TI) DS42BR400TSQ Datasheet HTML 8Page - National Semiconductor (TI) DS42BR400TSQ Datasheet HTML 9Page - National Semiconductor (TI) DS42BR400TSQ Datasheet HTML 10Page - National Semiconductor (TI) DS42BR400TSQ Datasheet HTML 11Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
Absolute Maximum Ratings (Note 1)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
Supply Voltage (V
CC)
−0.3V to 4V
CMOS/TTL Input Voltage
−0.3V to
(V
CC +0.3V)
CML Input/Output Voltage
−0.3V to
(V
CC +0.3V)
Junction Temperature
+150˚C
Storage Temperature
−65˚C to +150˚C
Lead Temperature
Soldering, 4 sec
+260˚C
Thermal Resistance,
θ
JA
22.3˚C/W
Thermal Resistance,
θ
JC
3.2˚C/W
Thermal Resistance,
Φ
JB
10.3˚C/W
(Note: assumes 26 thermal vias)
ESD Ratings
HBM
6kV
CDM
1kV
MM
350V
Recommended Operating Ratings
Min Typ
Max
Units
Supply Voltage (V
CC-GND)
3.135 3.3
3.465
V
Supply Noise Amplitude
10 Hz to 2 GHz
100
mV
PP
Ambient Temperature
−40
+85
˚C
Case Temperature
100
˚C
Electrical Characteristics
Over recommended operating supply and temperature ranges unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
(Note 2)
Max
Units
LVCMOS DC SPECIFICATIONS
V
IH
High Level Input
Voltage
2.0
V
CC
+0.3
V
V
IL
Low Level Input
Voltage
−0.3
0.8
V
I
IH
High Level Input
Current
V
IN =VCC
−10
10
µA
I
IL
Low Level Input
Current
V
IN = GND
75
94
124
µA
R
PU
Pull-High Resistance
35
k
RECEIVER SPECIFICATIONS
V
ID
Differential Input
Voltage Range
AC Coupled Differential Signal.
Below 1.25 Gb/s
At 1.25 Gbps–3.125 Gbps
Above 3.125 Gbps
This parameter is not production tested.
100
100
100
1750
1560
1200
mV
P-P
mV
P-P
mV
P-P
V
ICM
Common Mode
Voltage at Receiver
Inputs
Measured at receiver inputs reference to
ground.
1.3
V
R
ITD
Input Differential
Termination
On-chip differential termination between IN+
or IN−.
84
100
116
R
ITSE
Input Termination
(single-ended)
On-chip termination IN+ or IN− to GND for
frequency > 100 MHz.
50
DRIVER SPECIFICATIONS
VODB
Output Differential
Voltage Swing
without De-Emphasis
R
L = 100
±1%
PreA_1 = 0; PreA_0 = 0
PreB_1 = 0; PreB_0 = 0
Driver de-emphasis disabled.
Running K28.7 pattern at 4 Gbps.
(Figure 6)
1000
1200
1400
mV
P-P
www.national.com
7


Similar Part No. - DS42BR400TSQ

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS42BR400TSQ NSC-DS42BR400TSQ Datasheet
299Kb / 14P
   Quad 4.25 Gbps CML Transceiver with Transmit De-Emphasis and Receive Equalization
logo
Texas Instruments
DS42BR400TSQ/NOPB TI1-DS42BR400TSQ/NOPB Datasheet
822Kb / 18P
[Old version datasheet]   DS42BR400 Quad 4.25 Gbps CML Transceiver with Transmit De-Emphasis and Receive Equalization
DS42BR400TSQ/NOPB TI1-DS42BR400TSQ/NOPB Datasheet
817Kb / 18P
[Old version datasheet]   Quad 4.25 Gbps CML Transceiver with Transmit De-Emphasis and Receive Equalization
More results

Similar Description - DS42BR400TSQ

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS25BR400 NSC-DS25BR400 Datasheet
579Kb / 12P
   Quad Transceiver with Input Equalization and Output De-Emphasis
logo
Texas Instruments
DS64BR401 TI1-DS64BR401_13 Datasheet
4Mb / 36P
[Old version datasheet]   Quad Bi-Directional Transceiver with Equalization and De-Emphasis
logo
National Semiconductor ...
DS64BR401 NSC-DS64BR401 Datasheet
1Mb / 30P
   Quad Bi-Directional Transceiver with Equalization and De-Emphasis
logo
Texas Instruments
DS34RT5110 TI1-DS34RT5110_14 Datasheet
5Mb / 26P
[Old version datasheet]   DVI, HDMI Retimer with Input Equalization and Output De-Emphasis
logo
National Semiconductor ...
DS34RT5110 NSC-DS34RT5110 Datasheet
1Mb / 20P
   DVI, HDMI Retimer with Input Equalization and Output De-Emphasis
logo
Texas Instruments
DS34RT5110 TI1-DS34RT5110_15 Datasheet
5Mb / 26P
[Old version datasheet]   DS34RT5110 DVI, HDMI Retimer with Input Equalization and Output De-Emphasis
DS25BR400 TI1-DS25BR400_14 Datasheet
777Kb / 17P
[Old version datasheet]   Quad 2.5 Gbps CML Transceiver with Transmit De-Emphasis and Receive Equalization
DS42BR400 TI1-DS42BR400_17 Datasheet
817Kb / 18P
[Old version datasheet]   Quad 4.25 Gbps CML Transceiver with Transmit De-Emphasis and Receive Equalization
logo
National Semiconductor ...
DS42BR400 NSC-DS42BR400_07 Datasheet
284Kb / 12P
   Quad 4.25 Gbps CML Transceiver with Transmit De-Emphasis and Receive Equalization
DS25BR400 NSC-DS25BR400_08 Datasheet
298Kb / 14P
   Quad 2.5 Gbps CML Transceiver with Transmit De-Emphasis and Receive Equalization
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com