Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HSMP-4893-BLK Datasheet(PDF) 3 Page - Agilent(Hewlett-Packard)

Part # HSMP-4893-BLK
Description  Surface Mount RF PIN Switch Diodes
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HSMP-4893-BLK Datasheet(HTML) 3 Page - Agilent(Hewlett-Packard)

  HSMP-4893-BLK Datasheet HTML 1Page - Agilent(Hewlett-Packard) HSMP-4893-BLK Datasheet HTML 2Page - Agilent(Hewlett-Packard) HSMP-4893-BLK Datasheet HTML 3Page - Agilent(Hewlett-Packard) HSMP-4893-BLK Datasheet HTML 4Page - Agilent(Hewlett-Packard) HSMP-4893-BLK Datasheet HTML 5Page - Agilent(Hewlett-Packard) HSMP-4893-BLK Datasheet HTML 6Page - Agilent(Hewlett-Packard) HSMP-4893-BLK Datasheet HTML 7Page - Agilent(Hewlett-Packard) HSMP-4893-BLK Datasheet HTML 8Page - Agilent(Hewlett-Packard) HSMP-4893-BLK Datasheet HTML 9Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
3
Electrical Specifications, T
C = 25
°C, each diode
Package
Minimum
Maximum
Maximum
Part Number
Marking
Lead
Breakdown
Series Resistance Total Capacitance
HSMP-
Code
Code
Configuration
Voltage V
BR (V)
R
S (Ω)CT (pF)
3890
G0
[1]
0
Single
100
2.5
0.30
3892
G2
[1]
2
Series
3893
G3
[1]
3
Common Anode
3894
G4
[1]
4
Common Cathode
3895
G5
[1]
5
Unconnected Pair
389B
G0
[2]
B
Single
389C
G2
[2]
C
Series
389E
G3
[2]
E
Common Anode
389F
G4
[2]
F
Common Cathode
389L
GL
[2]
L
Unconnected Trio
389R
S
[2]
R
Dual Switch Mode
389T
Z
[2]
T
Low Inductance Single
389U
GU
[2]
U
Series-Shunt Pair
389V
GV
[2]
V
High Frequency Series Pair
Test Conditions
V
R = VBR
IF = 5 mA
V
R = 5 V
Measure
f = 100 MHz
f = 1 MHz
I
R ≤ 10 µA
Notes:
1. Package marking code is white.
2. Package is laser marked.
High Frequency (Low Inductance, 500 MHz – 3 GHz) PIN Diodes
Minimum
Maximum
Typical
Maximum
Typical
Part
Package
Breakdown
Series
Total
Total
Total
Number
Marking
Voltage
Resistance
Capacitance
Capacitance
Inductance
HSMP-
Code[1]
Configuration
V
BR (V)
R
S (Ω)C T (pF)
C
T (pF)
L
T (nH)
489x
GA
Dual Anode
100
2.5
0.33
0.375
1.0
Test Conditions
V
R = VBR
I
F = 5 mA
f = 1 MHz
V
R = 5 V
f = 500 MHz –
Measure
V
R = 5 V
f = 1 MHz
3 GHz
I
R ≤ 10 µA
Note:
1. SOT-23 package marking code is white; SOT-323 is laser marked.
Typical Parameters at
T
C = 25
°C
Part Number
Series Resistance
Carrier Lifetime
Total Capacitance
HSMP-
R
S (Ω)
τ (ns)
C
T (pF)
389x
3.8
200
0.20 @ 5 V
Test Conditions
I
F = 1 mA
I
F = 10 mA
f = 100 MHz
I
R = 6 mA


Similar Part No. - HSMP-4893-BLK

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HSMP-4890 HP-HSMP-4890 Datasheet
99Kb / 12P
   Surface Mount PIN Diodes
logo
Broadcom Corporation.
HSMP-4890 BOARDCOM-HSMP-4890 Datasheet
1Mb / 13P
   Surface Mount RF PIN Switch Diodes
logo
Agilent(Hewlett-Packard...
HSMP-4890-BLK HP-HSMP-4890-BLK Datasheet
99Kb / 12P
   Surface Mount PIN Diodes
HSMP-4890-TR1 HP-HSMP-4890-TR1 Datasheet
99Kb / 12P
   Surface Mount PIN Diodes
HSMP-4890-TR2 HP-HSMP-4890-TR2 Datasheet
99Kb / 12P
   Surface Mount PIN Diodes
More results

Similar Description - HSMP-4893-BLK

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
HSMP-389C BOARDCOM-HSMP-389C Datasheet
1Mb / 13P
   Surface Mount RF PIN Switch Diodes
HSMP-3890 BOARDCOM-HSMP-3890 Datasheet
1Mb / 13P
   Surface Mount RF PIN Switch Diodes
HSMP-389B BOARDCOM-HSMP-389B Datasheet
1Mb / 13P
   Surface Mount RF PIN Switch Diodes
HSMP-389F BOARDCOM-HSMP-389F Datasheet
1Mb / 13P
   Surface Mount RF PIN Switch Diodes
HSMP-389E BOARDCOM-HSMP-389E Datasheet
1Mb / 13P
   Surface Mount RF PIN Switch Diodes
HSMP-389L BOARDCOM-HSMP-389L Datasheet
1Mb / 13P
   Surface Mount RF PIN Switch Diodes
HSMP-389T BOARDCOM-HSMP-389T Datasheet
1Mb / 13P
   Surface Mount RF PIN Switch Diodes
HSMP-3892 BOARDCOM-HSMP-3892 Datasheet
1Mb / 13P
   Surface Mount RF PIN Switch Diodes
logo
AVAGO TECHNOLOGIES LIMI...
HSMP-3890 AVAGO-HSMP-3890_15 Datasheet
1Mb / 13P
   Surface Mount RF PIN Switch Diodes
logo
Broadcom Corporation.
HSMP-3893 BOARDCOM-HSMP-3893 Datasheet
1Mb / 13P
   Surface Mount RF PIN Switch Diodes
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com