Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HSMP-4894-BLK Datasheet(PDF) 5 Page - Agilent(Hewlett-Packard)

Part # HSMP-4894-BLK
Description  Surface Mount RF PIN Switch Diodes
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HSMP-4894-BLK Datasheet(HTML) 5 Page - Agilent(Hewlett-Packard)

  HSMP-4894-BLK Datasheet HTML 1Page - Agilent(Hewlett-Packard) HSMP-4894-BLK Datasheet HTML 2Page - Agilent(Hewlett-Packard) HSMP-4894-BLK Datasheet HTML 3Page - Agilent(Hewlett-Packard) HSMP-4894-BLK Datasheet HTML 4Page - Agilent(Hewlett-Packard) HSMP-4894-BLK Datasheet HTML 5Page - Agilent(Hewlett-Packard) HSMP-4894-BLK Datasheet HTML 6Page - Agilent(Hewlett-Packard) HSMP-4894-BLK Datasheet HTML 7Page - Agilent(Hewlett-Packard) HSMP-4894-BLK Datasheet HTML 8Page - Agilent(Hewlett-Packard) HSMP-4894-BLK Datasheet HTML 9Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
5
Typical Applications for Multiple Diode Products (continued)
Figure 11. HSMP-389V Series/Shunt Pair used in a
1.8 GHz Transmit/Receive Switch.
Figure 10. HSMP-389U Series/Shunt Pair used in a
900 MHz Transmit/Receive Switch.
Figure 8. HSMP-389L Unconnected Trio used in a
Positive Voltage, High Isolation Switch.
Figure 9. HSMP-389T used in a Low Inductance
Shunt Mounted Switch.
RF in
RF out
1
+V
0
2
0
+V
“ON”
“OFF”
4
5
6
1
11
2
2
3
RF in
RF out
4
5
6
12
3
λ
4
Rcvr
Xmtr
Bias
Ant
PA
bias
HSMP-389U
LNA
λ
4
Rcvr
Bias
Xmtr
HSMP-389V
Antenna
λ
4
λ
4
Rcvr
Xmtr
Bias
Ant
CC


Similar Part No. - HSMP-4894-BLK

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HSMP-4890 HP-HSMP-4890 Datasheet
99Kb / 12P
   Surface Mount PIN Diodes
logo
Broadcom Corporation.
HSMP-4890 BOARDCOM-HSMP-4890 Datasheet
1Mb / 13P
   Surface Mount RF PIN Switch Diodes
logo
Agilent(Hewlett-Packard...
HSMP-4890-BLK HP-HSMP-4890-BLK Datasheet
99Kb / 12P
   Surface Mount PIN Diodes
HSMP-4890-TR1 HP-HSMP-4890-TR1 Datasheet
99Kb / 12P
   Surface Mount PIN Diodes
HSMP-4890-TR2 HP-HSMP-4890-TR2 Datasheet
99Kb / 12P
   Surface Mount PIN Diodes
More results

Similar Description - HSMP-4894-BLK

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
HSMP-389C BOARDCOM-HSMP-389C Datasheet
1Mb / 13P
   Surface Mount RF PIN Switch Diodes
HSMP-3890 BOARDCOM-HSMP-3890 Datasheet
1Mb / 13P
   Surface Mount RF PIN Switch Diodes
HSMP-389B BOARDCOM-HSMP-389B Datasheet
1Mb / 13P
   Surface Mount RF PIN Switch Diodes
HSMP-389F BOARDCOM-HSMP-389F Datasheet
1Mb / 13P
   Surface Mount RF PIN Switch Diodes
HSMP-389E BOARDCOM-HSMP-389E Datasheet
1Mb / 13P
   Surface Mount RF PIN Switch Diodes
HSMP-389L BOARDCOM-HSMP-389L Datasheet
1Mb / 13P
   Surface Mount RF PIN Switch Diodes
HSMP-389T BOARDCOM-HSMP-389T Datasheet
1Mb / 13P
   Surface Mount RF PIN Switch Diodes
HSMP-3892 BOARDCOM-HSMP-3892 Datasheet
1Mb / 13P
   Surface Mount RF PIN Switch Diodes
logo
AVAGO TECHNOLOGIES LIMI...
HSMP-3890 AVAGO-HSMP-3890_15 Datasheet
1Mb / 13P
   Surface Mount RF PIN Switch Diodes
logo
Broadcom Corporation.
HSMP-3893 BOARDCOM-HSMP-3893 Datasheet
1Mb / 13P
   Surface Mount RF PIN Switch Diodes
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com