Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HSMP-4894-BLK Datasheet(PDF) 9 Page - Agilent(Hewlett-Packard)

Part # HSMP-4894-BLK
Description  Surface Mount RF PIN Switch Diodes
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HSMP-4894-BLK Datasheet(HTML) 9 Page - Agilent(Hewlett-Packard)

Back Button HSMP-4894-BLK Datasheet HTML 4Page - Agilent(Hewlett-Packard) HSMP-4894-BLK Datasheet HTML 5Page - Agilent(Hewlett-Packard) HSMP-4894-BLK Datasheet HTML 6Page - Agilent(Hewlett-Packard) HSMP-4894-BLK Datasheet HTML 7Page - Agilent(Hewlett-Packard) HSMP-4894-BLK Datasheet HTML 8Page - Agilent(Hewlett-Packard) HSMP-4894-BLK Datasheet HTML 9Page - Agilent(Hewlett-Packard) HSMP-4894-BLK Datasheet HTML 10Page - Agilent(Hewlett-Packard) HSMP-4894-BLK Datasheet HTML 11Page - Agilent(Hewlett-Packard) HSMP-4894-BLK Datasheet HTML 12Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
9
Package Characteristics
Lead Material .................... Copper (SOT-323/363); Alloy 42 (SOT-23/143)
Lead Finish ............................................................................ Tin-Lead 85-15%
Maximum Soldering Temperature .............................. 260
°C for 5 seconds
Minimum Lead Strength .......................................................... 2 pounds pull
Typical Package Inductance .................................................................. 2 nH
Typical Package Capacitance .............................. 0.08 pF (opposite leads)
Package Dimensions
Outline 23 (SOT-23)
Outline 143 (SOT-143)
3
1
2
SIDE VIEW
TOP VIEW
END VIEW
DIMENSIONS ARE IN MILLIMETERS (INCHES)
1.02 (0.040)
0.89 (0.035)
0.60 (0.024)
0.45 (0.018)
1.40 (0.055)
1.20 (0.047)
2.65 (0.104)
2.10 (0.083)
3.06 (0.120)
2.80 (0.110)
2.04 (0.080)
1.78 (0.070)
1.02 (0.041)
0.85 (0.033)
0.152 (0.006)
0.066 (0.003)
0.10 (0.004)
0.013 (0.0005)
0.69 (0.027)
0.45 (0.018)
0.54 (0.021)
0.37 (0.015)
X X X
PACKAGE
MARKING
CODE (XX)
DATE CODE (X)
0.69 (0.027)
0.45 (0.018)
1.40 (0.055)
1.20 (0.047)
2.65 (0.104)
2.10 (0.083)
0.60 (0.024)
0.45 (0.018)
0.54 (0.021)
0.37 (0.015)
0.10 (0.004)
0.013 (0.0005)
1.04 (0.041)
0.85 (0.033)
0.92 (0.036)
0.78 (0.031)
2.04 (0.080)
1.78 (0.070)
DIMENSIONS ARE IN MILLIMETERS (INCHES)
0.15 (0.006)
0.09 (0.003)
3.06 (0.120)
2.80 (0.110)
PACKAGE
MARKING
CODE (XX)
43
1
2
X X X
DATE CODE (X)
Outline SOT-363 (SC-70 6 Lead)
Outline SOT-323 (SC-70 3 Lead)
2.20 (0.087)
2.00 (0.079)
1.35 (0.053)
1.15 (0.045)
1.30 (0.051)
REF.
0.650 BSC (0.025)
2.20 (0.087)
1.80 (0.071)
0.10 (0.004)
0.00 (0.00)
0.25 (0.010)
0.15 (0.006)
1.00 (0.039)
0.80 (0.031)
0.20 (0.008)
0.10 (0.004)
0.30 (0.012)
0.10 (0.004)
0.30 REF.
10
°
0.425 (0.017)
TYP.
DIMENSIONS ARE IN MILLIMETERS (INCHES)
PACKAGE
MARKING
CODE (XX)
X X X
DATE CODE (X)
2.20 (0.087)
2.00 (0.079)
1.35 (0.053)
1.15 (0.045)
1.30 (0.051)
REF.
0.650 BSC (0.025)
2.20 (0.087)
1.80 (0.071)
0.10 (0.004)
0.00 (0.00)
0.25 (0.010)
0.15 (0.006)
1.00 (0.039)
0.80 (0.031)
0.20 (0.008)
0.10 (0.004)
0.30 (0.012)
0.10 (0.004)
0.30 REF.
10
°
0.425 (0.017)
TYP.
DIMENSIONS ARE IN MILLIMETERS (INCHES)
PACKAGE
MARKING
CODE (XX)
X X X
DATE CODE (X)


Similar Part No. - HSMP-4894-BLK

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HSMP-4890 HP-HSMP-4890 Datasheet
99Kb / 12P
   Surface Mount PIN Diodes
logo
Broadcom Corporation.
HSMP-4890 BOARDCOM-HSMP-4890 Datasheet
1Mb / 13P
   Surface Mount RF PIN Switch Diodes
logo
Agilent(Hewlett-Packard...
HSMP-4890-BLK HP-HSMP-4890-BLK Datasheet
99Kb / 12P
   Surface Mount PIN Diodes
HSMP-4890-TR1 HP-HSMP-4890-TR1 Datasheet
99Kb / 12P
   Surface Mount PIN Diodes
HSMP-4890-TR2 HP-HSMP-4890-TR2 Datasheet
99Kb / 12P
   Surface Mount PIN Diodes
More results

Similar Description - HSMP-4894-BLK

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
HSMP-389C BOARDCOM-HSMP-389C Datasheet
1Mb / 13P
   Surface Mount RF PIN Switch Diodes
HSMP-3890 BOARDCOM-HSMP-3890 Datasheet
1Mb / 13P
   Surface Mount RF PIN Switch Diodes
HSMP-389B BOARDCOM-HSMP-389B Datasheet
1Mb / 13P
   Surface Mount RF PIN Switch Diodes
HSMP-389F BOARDCOM-HSMP-389F Datasheet
1Mb / 13P
   Surface Mount RF PIN Switch Diodes
HSMP-389E BOARDCOM-HSMP-389E Datasheet
1Mb / 13P
   Surface Mount RF PIN Switch Diodes
HSMP-389L BOARDCOM-HSMP-389L Datasheet
1Mb / 13P
   Surface Mount RF PIN Switch Diodes
HSMP-389T BOARDCOM-HSMP-389T Datasheet
1Mb / 13P
   Surface Mount RF PIN Switch Diodes
HSMP-3892 BOARDCOM-HSMP-3892 Datasheet
1Mb / 13P
   Surface Mount RF PIN Switch Diodes
logo
AVAGO TECHNOLOGIES LIMI...
HSMP-3890 AVAGO-HSMP-3890_15 Datasheet
1Mb / 13P
   Surface Mount RF PIN Switch Diodes
logo
Broadcom Corporation.
HSMP-3893 BOARDCOM-HSMP-3893 Datasheet
1Mb / 13P
   Surface Mount RF PIN Switch Diodes
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com