Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY7C1325-50AC Datasheet(PDF) 2 Page - Cypress Semiconductor

Part # CY7C1325-50AC
Description  256K x 18 Synchronous 3.3V Cache RAM
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1325-50AC Datasheet(HTML) 2 Page - Cypress Semiconductor

  CY7C1325-50AC Datasheet HTML 1Page - Cypress Semiconductor CY7C1325-50AC Datasheet HTML 2Page - Cypress Semiconductor CY7C1325-50AC Datasheet HTML 3Page - Cypress Semiconductor CY7C1325-50AC Datasheet HTML 4Page - Cypress Semiconductor CY7C1325-50AC Datasheet HTML 5Page - Cypress Semiconductor CY7C1325-50AC Datasheet HTML 6Page - Cypress Semiconductor CY7C1325-50AC Datasheet HTML 7Page - Cypress Semiconductor CY7C1325-50AC Datasheet HTML 8Page - Cypress Semiconductor CY7C1325-50AC Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
CY7C1325
2
Pin Configurations
A10
NC
NC
VDDQ
VSS
NC
DP0
DQ7
DQ6
VSS
VDDQ
DQ5
DQ4
VSS
NC
VDD
DQ3
DQ2
VDDQ
VSS
DQ1
DQ0
NC
NC
VSS
VDDQ
NC
NC
NC
NC
NC
NC
VDDQ
VSS
NC
NC
DQ8
DQ9
VSS
VDDQ
DQ10
DQ11
NC
VDD
NC
VSS
DQ12
DQ13
VDDQ
VSS
DQ14
DQ15
DP1
NC
VSS
VDDQ
NC
NC
NC
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
80
79
78
77
76
75
74
73
72
71
70
69
68
67
66
65
64
63
62
61
60
59
58
57
56
55
54
53
52
51
BYTE0
BYTE1
ZZ
CY7C1325
100-Lead TQFP


Similar Part No. - CY7C1325-50AC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C13251KV18 CYPRESS-CY7C13251KV18 Datasheet
890Kb / 32P
   18-Mbit QDR짰 II SRAM 2-Word Burst Architecture
CY7C1325B CYPRESS-CY7C1325B Datasheet
339Kb / 17P
   256K x 18 Synchronous 3.3V Cache RAM
CY7C1325B-100AC CYPRESS-CY7C1325B-100AC Datasheet
339Kb / 17P
   256K x 18 Synchronous 3.3V Cache RAM
CY7C1325B-100AI CYPRESS-CY7C1325B-100AI Datasheet
339Kb / 17P
   256K x 18 Synchronous 3.3V Cache RAM
CY7C1325B-100BGC CYPRESS-CY7C1325B-100BGC Datasheet
339Kb / 17P
   256K x 18 Synchronous 3.3V Cache RAM
More results

Similar Description - CY7C1325-50AC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1325B CYPRESS-CY7C1325B Datasheet
339Kb / 17P
   256K x 18 Synchronous 3.3V Cache RAM
logo
Weida Semiconductor, In...
WCSS0418V1F WEIDA-WCSS0418V1F Datasheet
647Kb / 18P
   256K x 18 Synchronous 3.3V Cache RAM
WCSS0436V1P WEIDA-WCSS0436V1P Datasheet
647Kb / 18P
   256K x 18 Synchronous 3.3V Cache RAM
WCSS0418V1P WEIDA-WCSS0418V1P Datasheet
664Kb / 17P
   256K x 18 Synchronous-Pipelined Cache RAM
logo
Cypress Semiconductor
CY7C1327B CYPRESS-CY7C1327B Datasheet
596Kb / 17P
   256K x 18 Synchronous-Pipelined Cache RAM
CY7C1359A CYPRESS-CY7C1359A Datasheet
237Kb / 24P
   256K x 18 Synchronous-Pipelined Cache Tag RAM
CY7C1031 CYPRESS-CY7C1031 Datasheet
282Kb / 13P
   64K x 18 Synchronous Cache RAM
CY7C179 CYPRESS-CY7C179 Datasheet
1Mb / 12P
   32K x 18 Synchronous Cache RAM
logo
Integrated Silicon Solu...
IS61SP25616 ISSI-IS61SP25616 Datasheet
120Kb / 15P
   256K x 16, 256K x 18 SYNCHRONOUS PIPELINED STATIC RAM
logo
GSI Technology
GS84118T-166 GSI-GS84118T-166 Datasheet
501Kb / 30P
   256K x 18 Sync Cache Tag
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com