Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TL592B-8DR Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TL592B-8DR
Description  DIFFERENTIAL VIDEO AMPLIFIER
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TL592B-8DR Datasheet(HTML) 1 Page - Texas Instruments

  TL592B-8DR Datasheet HTML 1Page - Texas Instruments TL592B-8DR Datasheet HTML 2Page - Texas Instruments TL592B-8DR Datasheet HTML 3Page - Texas Instruments TL592B-8DR Datasheet HTML 4Page - Texas Instruments TL592B-8DR Datasheet HTML 5Page - Texas Instruments TL592B-8DR Datasheet HTML 6Page - Texas Instruments TL592B-8DR Datasheet HTML 7Page - Texas Instruments TL592B-8DR Datasheet HTML 8Page - Texas Instruments TL592B-8DR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
TL592B
DIFFERENTIAL VIDEO AMPLIFIER
SLFS001A – JUNE 1985 – REVISED APRIL 1988
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
D Adjustable Gain to 400 Typ
D No Frequency Compensation Required
D Low Noise ...3 µV Typ Vn
description
This device is a monolithic two-stage video
amplifier with differential inputs and differential
outputs. It features internal series-shunt feedback
that
provides
wide
bandwidth,
low
phase
distortion, and excellent gain stability. Emitter-
follower outputs enable the device to drive
capacitive loads. All stages are current-source
biased to obtain high common-mode and supply-
voltage rejection ratios.
The differential gain is typically 400 when the gain
adjust
pins
are
connected
together,
or
amplification may be adjusted for near 0 to 400 by
the use of a single external resistor connected
between the gain adjustment pins A and B. No
external frequency-compensating components
are required for any gain option.
The device is particularly useful in magnetic-tape
or disk-file systems using phase or NRZ encoding
and
in
high-speed
thin-film
or
plated-wire
memories. Other applications include general-
purpose video and pulse amplifiers.
The device achieves low equivalent noise voltage
through special processing and a new circuit
layout incorporating input transistors with low
base resistance.
The TL592B is characterized for operation from
0
°C to 70°C.
Copyright
© 1988, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
1
2
3
4
8
7
6
5
IN +
GAIN ADJ A
VCC–
OUT +
IN –
GAIN ADJ B
VCC+
OUT –
D8† OR P PACKAGE
(TOP VIEW)
1
2
3
4
5
6
7
14
13
12
11
10
9
8
IN +
NC
NC
GAIN ADJ A
VCC–
NC
OUT +
IN –
NC
NC
GAIN ADJ B
VCC+
NC
OUT –
D14† OR N PACKAGE
(TOP VIEW)
† D8 and D14 are the codes to differentiate the 8-pin and 14-pin
versions, respectively.
symbol
GAIN ADJ A
GAIN ADJ B
IN +
IN –
OUT +
OUT –


Similar Part No. - TL592B-8DR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL592 TI1-TL592 Datasheet
95Kb / 5P
[Old version datasheet]   DIFFERENTIAL VIDEO AMPLIFIER
REVISED NOVEMBER 1991
TL592PS TI1-TL592PS Datasheet
95Kb / 5P
[Old version datasheet]   DIFFERENTIAL VIDEO AMPLIFIER
REVISED NOVEMBER 1991
More results

Similar Description - TL592B-8DR

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM592 NSC-LM592 Datasheet
174Kb / 5P
   DIFFERENTIAL VIDEO AMPLIFIER
logo
NXP Semiconductors
MA733 PHILIPS-MA733 Datasheet
135Kb / 9P
   Differential video amplifier
April 15, 1992
logo
List of Unclassifed Man...
UA733 ETC2-UA733 Datasheet
157Kb / 5P
   DIFFERENTIAL VIDEO AMPLIFIER
logo
Texas Instruments
TL592 TI1-TL592 Datasheet
95Kb / 5P
[Old version datasheet]   DIFFERENTIAL VIDEO AMPLIFIER
REVISED NOVEMBER 1991
UA592 TI1-UA592 Datasheet
404Kb / 10P
[Old version datasheet]   MuA592 Differential Video Amplifier
logo
NTE Electronics
NTE927D NTE-NTE927D Datasheet
28Kb / 4P
   Integrated Circuit Differential Video Amplifier
logo
NEC
UPC1663G NEC-UPC1663G Datasheet
45Kb / 5P
   ULTRA-WIDEBAND DIFFERENTIAL VIDEO AMPLIFIER
logo
NTE Electronics
NTE927 NTE-NTE927 Datasheet
28Kb / 4P
   Integrated Circuit Differential Video Amplifier
logo
California Eastern Labs
UPC1663GV CEL-UPC1663GV Datasheet
188Kb / 6P
   ULTRA-WIDEBAND DIFFERENTIAL VIDEO AMPLIFIER
logo
Texas Instruments
UA733 TI-UA733 Datasheet
486Kb / 16P
[Old version datasheet]   DIFFERENTIAL VIDEO AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com