Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CBT3257A Datasheet(PDF) 7 Page - NXP Semiconductors

Part # CBT3257A
Description  Quad 1-of-2 multiplexer/demultiplexer
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

CBT3257A Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button CBT3257A Datasheet HTML 3Page - NXP Semiconductors CBT3257A Datasheet HTML 4Page - NXP Semiconductors CBT3257A Datasheet HTML 5Page - NXP Semiconductors CBT3257A Datasheet HTML 6Page - NXP Semiconductors CBT3257A Datasheet HTML 7Page - NXP Semiconductors CBT3257A Datasheet HTML 8Page - NXP Semiconductors CBT3257A Datasheet HTML 9Page - NXP Semiconductors CBT3257A Datasheet HTML 10Page - NXP Semiconductors CBT3257A Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
9397 750 12921
© Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Product data sheet
Rev. 01 — 27 October 2005
7 of 16
Philips Semiconductors
CBT3257A
Quad 1-of-2 multiplexer/demultiplexer
11. Test information
Test data are given in Table 8.
All input pulses are supplied by generators having the following characteristics:
PRR
≤ 10 MHz; Zo =50 Ω; tr ≤ 2.5 ns; tf ≤ 2.5 ns.
The outputs are measured one at a time with one transition per measurement.
CL = load capacitance includes jig and probe capacitance.
RL = load resistance.
Fig 8.
Test circuit
Table 8:
Test data
Test
Load
Switch
CL
RL
tPD
50 pF
500
open
tPLZ, tPZL
50 pF
500
7V
tPHZ, tPZH
50 pF
500
open
CL
50 pF
002aab667
RL
500
from output under test
7 V
open
GND
S1
RL
500


Similar Part No. - CBT3257A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
CBT3257A NXP-CBT3257A Datasheet
129Kb / 17P
   Quad 1-of-2 multiplexer/demultiplexer
Rev. 5-4 April 2013
logo
Nexperia B.V. All right...
CBT3257A NEXPERIA-CBT3257A Datasheet
256Kb / 13P
   Quad 1-of-2 multiplexer/demultiplexer
Rev. 9 - 29 July 2021
CBT3257A-Q100 NEXPERIA-CBT3257A-Q100 Datasheet
191Kb / 10P
   Quad 1-of-2 multiplexer/demultiplexer
Rev. 1 - 28 November 2019
logo
NXP Semiconductors
CBT3257ABQ NXP-CBT3257ABQ Datasheet
129Kb / 17P
   Quad 1-of-2 multiplexer/demultiplexer
Rev. 5-4 April 2013
logo
Nexperia B.V. All right...
CBT3257ABQ NEXPERIA-CBT3257ABQ Datasheet
256Kb / 13P
   Quad 1-of-2 multiplexer/demultiplexer
Rev. 9 - 29 July 2021
More results

Similar Description - CBT3257A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
CBT3257ABQ NXP-CBT3257ABQ Datasheet
129Kb / 17P
   Quad 1-of-2 multiplexer/demultiplexer
Rev. 5-4 April 2013
logo
Nexperia B.V. All right...
CBT3257A NEXPERIA-CBT3257A Datasheet
256Kb / 13P
   Quad 1-of-2 multiplexer/demultiplexer
Rev. 9 - 29 July 2021
logo
Toshiba Semiconductor
TC7MB3257FT TOSHIBA-TC7MB3257FT Datasheet
127Kb / 8P
   Quad 1-of-2 Multiplexer/Demultiplexer
TC7MBL3257AFT TOSHIBA-TC7MBL3257AFT Datasheet
177Kb / 8P
   Quad 1-of-2 Multiplexer/Demultiplexer
logo
Nexperia B.V. All right...
74CBTLV3257-Q100 NEXPERIA-74CBTLV3257-Q100 Datasheet
298Kb / 17P
   Quad 1-of-2 multiplexer/demultiplexer
logo
NXP Semiconductors
74CBTLV3257 PHILIPS-74CBTLV3257_15 Datasheet
174Kb / 19P
   Quad 1-of-2 multiplexer/demultiplexer
Rev. 4-16 December 2011
logo
Toshiba Semiconductor
TC7MBL3257AFK TOSHIBA-TC7MBL3257AFK Datasheet
171Kb / 7P
   Quad 1-of-2 Multiplexer/Demultiplexer
logo
NXP Semiconductors
74CBTLV3257 NXP-74CBTLV3257 Datasheet
479Kb / 19P
   Quad 1-of-2 multiplexer/demultiplexer
Rev. 2-26 November 2010
CBT3257 PHILIPS-CBT3257 Datasheet
102Kb / 11P
   Quad 1-of-2 multiplexer/demultiplexer
2002 Dec 13
logo
Toshiba Semiconductor
TC7MB3257FK TOSHIBA-TC7MB3257FK_07 Datasheet
169Kb / 7P
   Quad 1-of-2 Multiplexer/Demultiplexer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com