Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LC822152 Datasheet(PDF) 10 Page - Sanyo Semicon Device

Part # LC822152
Description  CMOS IC CCD-LCD Interface ASIC
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC822152 Datasheet(HTML) 10 Page - Sanyo Semicon Device

Back Button LC822152 Datasheet HTML 3Page - Sanyo Semicon Device LC822152 Datasheet HTML 4Page - Sanyo Semicon Device LC822152 Datasheet HTML 5Page - Sanyo Semicon Device LC822152 Datasheet HTML 6Page - Sanyo Semicon Device LC822152 Datasheet HTML 7Page - Sanyo Semicon Device LC822152 Datasheet HTML 8Page - Sanyo Semicon Device LC822152 Datasheet HTML 9Page - Sanyo Semicon Device LC822152 Datasheet HTML 10Page - Sanyo Semicon Device LC822152 Datasheet HTML 11Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
LC822152
No.8075-10/11
LCD Interface Timing
Symbol
Contents
min
max
Unit
tLWRs
LCD access setup time to LWR
T-5
ns
tLWRwidth
LWR pulse width
T*n-5
ns
tLWRh
LCD access hold time from LWR
T*m-5
ns
tLAdly
LA delay from cycle start
5
tLDdly
LD delay from cycle start
10
tLDh
LD hold time from LWR
0 (When m = 0 setup)
tLWRh+5
ns
Note1 : T is a cycle of ASIC internal clock. (1, 2, 4, or 8 times the cycle of CKI input clock)
Note2 : n is an ASIC register setting value. Minimum value is 1 (zero).
Note3 : m is an ASIC register setting value. Minimum value is 0 (zero).
Host-LCD Through Timing
Symbol
Contents
min
max
Unit
tLCDdly
HOST to LCD control signal delay
30
ns
tLD_h2ldly
HOST to LCD data delay
35
ns
tLD_l2hdly
LCD to HOST data delay
30
ns
ILC05550
ILC05551


Similar Part No. - LC822152

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC82210 SANYO-LC82210 Datasheet
57Kb / 2P
   Motion JPEG Codec
LC82210L SANYO-LC82210L Datasheet
57Kb / 2P
   Motion JPEG Codec
More results

Similar Description - LC822152

ManufacturerPart #DatasheetDescription
logo
NEC
UPD16502 NEC-UPD16502 Datasheet
808Kb / 9P
   CCD DRIVER CMOS IC
logo
Sony Corporation
CXD3508ATQ SONY-CXD3508ATQ Datasheet
254Kb / 18P
   LCD Interface IC
CXD3508TQ SONY-CXD3508TQ Datasheet
258Kb / 18P
   LCD Interface IC
logo
List of Unclassifed Man...
EDE700 ETC1-EDE700 Datasheet
208Kb / 10P
   LCD Interface IC
logo
Sony Corporation
CXD3508BTQ SONY-CXD3508BTQ Datasheet
251Kb / 18P
   LCD Interface IC
logo
List of Unclassifed Man...
EDE702 ETC-EDE702 Datasheet
458Kb / 9P
   Serial LCD Interface IC
logo
Sharp Corporation
IR3Y48A1 SHARP-IR3Y48A1 Datasheet
195Kb / 34P
   CCD SIGNAL PROCESS & DIGITAL INTERFACE IC
IR3Y38M SHARP-IR3Y38M Datasheet
152Kb / 21P
   CCD Signal Process & Digital Interface IC
logo
Agamem Microelectronic ...
AA88048 AGAMEM-AA88048 Datasheet
50Kb / 1P
   CCD SIGNAL PROCESS & DIGITAL INTERFACE IC
logo
Sharp Corporation
IR3Y48M SHARP-IR3Y48M Datasheet
176Kb / 31P
   CCD Signal Process & Digital Interface IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com