Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDT7014S20PF Datasheet(PDF) 4 Page - Integrated Device Technology

Part # IDT7014S20PF
Description  HIGH-SPEED 4K x 9DUAL-PORT STATIC RAM
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT7014S20PF Datasheet(HTML) 4 Page - Integrated Device Technology

  IDT7014S20PF Datasheet HTML 1Page - Integrated Device Technology IDT7014S20PF Datasheet HTML 2Page - Integrated Device Technology IDT7014S20PF Datasheet HTML 3Page - Integrated Device Technology IDT7014S20PF Datasheet HTML 4Page - Integrated Device Technology IDT7014S20PF Datasheet HTML 5Page - Integrated Device Technology IDT7014S20PF Datasheet HTML 6Page - Integrated Device Technology IDT7014S20PF Datasheet HTML 7Page - Integrated Device Technology IDT7014S20PF Datasheet HTML 8Page - Integrated Device Technology IDT7014S20PF Datasheet HTML 9Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
IDT7014S
High-Speed 4K x 9 Dual-Port Static RAM
Industrial and Commercial Temperature Ranges
4
DC Electrical Characteristics Over the Operating
Temperature and Supply Voltage Range (VCC = 5V ± 10%)
AC Test Conditions
Capacitance(1)
(TA = +25°C, f = 1.0MHz) TQFP Package Only
NOTES:
1. This parameter is determined by device characteristics but is not production
tested.
2. 3dv references the interpolated capacitance when the input and output signals
swith from 0V to 3V or from 3V to 0V.
Figure 1. AC Output Test Load.
Figure 2. Output Test Load
(for tHZ, tWZ, and tOW)
*Including scope and jig.
Figure 3.
Typical Output Derating (Lumped Capacitive Load).
NOTES:
1. At f = fmax, address inputs are cycling at the maximum read cycle of 1/tRC using the "AC Test Conditions" input levels of GND to 3V.
893
30pF
347
DATAOUT
5V
5V
893
5pF*
347
DATAOUT
2528 drw 05
2528 drw 04
1
2
3
4
5
6
7
8
20 40
100
60 80
120 140 160 180 200
tAA
(Typical, ns)
Capacitance (pF)
2528 drw 06
-1
0
- 10pF is the I/O capacitance
of this device, and 30pF is the
AC Test Load Capacitance
,
Symbol
Parameter
Test Condition
Version
7014S12
Com'l Only
7014S15
Com'l & Ind
Unit
Typ.
Max
Typ.
Max
ICC
Dynamic Operating
Current
(Both Ports Active)
Outputs Open
f = fMAX
(1)
COM'L
S
160
250
160
250
mA
IND
S
____
____
160
260
2528 tbl 05a
Symbol
Parameter
Test Condition
Version
7014S20
Com'l & Ind
7014S25
Com'l & Ind
Unit
Typ.
Max
Typ.
Max.
ICC
Dynamic Operating
Current
(Both Ports Active)
Outputs Open
f = fMAX
(1)
COM'L
S
155
245
150
240
mA
IND
S
155
260
150
255
2528 tbl 05b
Input Pulse Levels
Input Rise/Fall Times
Input Timing Reference Levels
Output Reference Levels
Output Load
GND to 3.0V
3ns Max.
1.5V
1.5V
Figures 1,2 and 3
2528 tbl 06
Symbol
Parameter
Conditions
(2)
Max.
Unit
CIN
Input Capacitance
VIN = 3dV
9
pF
COUT
Output Capacitance
VOUT = 3dV
10
pF
2528 tbl 07


Similar Part No. - IDT7014S20PF

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT7014S IDT-IDT7014S Datasheet
100Kb / 10P
   HIGH-SPEED 4K x 9DUAL-PORT STATIC RAM
IDT7014S IDT-IDT7014S Datasheet
92Kb / 10P
   HIGH-SPEED 4K x 9DUAL-PORT STATIC RAM
IDT7014S IDT-IDT7014S_16 Datasheet
100Kb / 10P
   HIGH-SPEED 4K x 9DUAL-PORT STATIC RAM
IDT7014S IDT-IDT7014S_17 Datasheet
92Kb / 10P
   HIGH-SPEED 4K x 9DUAL-PORT STATIC RAM
More results

Similar Description - IDT7014S20PF

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT7014S IDT-IDT7014S_17 Datasheet
92Kb / 10P
   HIGH-SPEED 4K x 9DUAL-PORT STATIC RAM
IDT7014S IDT-IDT7014S_16 Datasheet
100Kb / 10P
   HIGH-SPEED 4K x 9DUAL-PORT STATIC RAM
IDT7024S IDT-IDT7024S_13 Datasheet
192Kb / 22P
   HIGH-SPEED 4K x 16 DUAL-PORT STATIC RAM
IDT7024S IDT-IDT7024S_18 Datasheet
693Kb / 22P
   HIGH-SPEED 4K x 16 DUAL-PORT STATIC RAM
IDT7024S IDT-IDT7024S Datasheet
292Kb / 20P
   HIGH-SPEED 4K x 16 DUAL-PORT STATIC RAM
IDT7134SA IDT-IDT7134SA Datasheet
110Kb / 9P
   HIGH-SPEED 4K x 8 DUAL-PORT STATIC RAM
IDT7034S IDT-IDT7034S Datasheet
200Kb / 19P
   HIGH-SPEED 4K x 18 DUAL-PORT STATIC RAM
IDT7025S IDT-IDT7025S_12 Datasheet
192Kb / 22P
   HIGH-SPEED 4K x 16 DUAL-PORT STATIC RAM
IDT7034S IDT-IDT7034S_15 Datasheet
673Kb / 19P
   HIGH-SPEED 4K x 18 DUAL-PORT STATIC RAM
IDT71342SA IDT-IDT71342SA_12 Datasheet
318Kb / 14P
   HIGH SPEED 4K X 8 DUAL-PORT STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com