Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDT7014S20J Datasheet(PDF) 9 Page - Integrated Device Technology

Part # IDT7014S20J
Description  HIGH-SPEED 4K x 9DUAL-PORT STATIC RAM
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT7014S20J Datasheet(HTML) 9 Page - Integrated Device Technology

  IDT7014S20J Datasheet HTML 1Page - Integrated Device Technology IDT7014S20J Datasheet HTML 2Page - Integrated Device Technology IDT7014S20J Datasheet HTML 3Page - Integrated Device Technology IDT7014S20J Datasheet HTML 4Page - Integrated Device Technology IDT7014S20J Datasheet HTML 5Page - Integrated Device Technology IDT7014S20J Datasheet HTML 6Page - Integrated Device Technology IDT7014S20J Datasheet HTML 7Page - Integrated Device Technology IDT7014S20J Datasheet HTML 8Page - Integrated Device Technology IDT7014S20J Datasheet HTML 9Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
6.42
IDT7014S/L
High-Speed 4K x 9 Dual-Port Static RAM
Industrial and Commercial Temperature Ranges
9
Ordering Information
2528 drw 11
IDT
XXXX
A
999
A
A
Device Type
Power
Speed
Package
Process/
Temperature
Range
Blank
I(1)
PF
J
12
15
20
25
Commercial (0°C to +70°C)
Industrial (-40°C to +85°C)
64-pin TQFP (PN64-1)
52-pin PLCC (J52-1)
Speed in nanoseconds
Commercial Only
Commercial & Industrial
Commercial & Industrial
Commercial & Industrial
S
Standard Power
7014
36K (4K x 9-Bit) Dual-Port RAM
,
CORPORATE HEADQUARTERS
for SALES:
for Tech Support:
2975 Stender Way
800-345-7015 or 408-727-6116
831-754-4613
Santa Clara, CA 95054
fax: 408-492-8674
DualPortHelp@idt.com
www.idt.com
The IDT logo is a registered trademark of Integrated Device Technology, Inc.
Datasheet Document History
1/6/99:
Initiateddatasheetdocumenthistory
Converted to new format
Cosmetic and typographical corrections
Page 2 Added additional notes to pin configurations
6/3/99:
Changed drawing format
Page 1 Corrected DSC number
3/10/00:
Added Industrial Temperature Ranges and deleted corresponding notes
Replaced IDT logo
Page 1 Made corrections to drawing
Changed ±200mV to 0mV in notes
Page 6 made changes to drawings


Similar Part No. - IDT7014S20J

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT7014S IDT-IDT7014S Datasheet
100Kb / 10P
   HIGH-SPEED 4K x 9DUAL-PORT STATIC RAM
IDT7014S IDT-IDT7014S Datasheet
92Kb / 10P
   HIGH-SPEED 4K x 9DUAL-PORT STATIC RAM
IDT7014S IDT-IDT7014S_16 Datasheet
100Kb / 10P
   HIGH-SPEED 4K x 9DUAL-PORT STATIC RAM
IDT7014S IDT-IDT7014S_17 Datasheet
92Kb / 10P
   HIGH-SPEED 4K x 9DUAL-PORT STATIC RAM
More results

Similar Description - IDT7014S20J

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT7014S IDT-IDT7014S_17 Datasheet
92Kb / 10P
   HIGH-SPEED 4K x 9DUAL-PORT STATIC RAM
IDT7014S IDT-IDT7014S_16 Datasheet
100Kb / 10P
   HIGH-SPEED 4K x 9DUAL-PORT STATIC RAM
IDT7024S IDT-IDT7024S_13 Datasheet
192Kb / 22P
   HIGH-SPEED 4K x 16 DUAL-PORT STATIC RAM
IDT7024S IDT-IDT7024S_18 Datasheet
693Kb / 22P
   HIGH-SPEED 4K x 16 DUAL-PORT STATIC RAM
IDT7024S IDT-IDT7024S Datasheet
292Kb / 20P
   HIGH-SPEED 4K x 16 DUAL-PORT STATIC RAM
IDT7134SA IDT-IDT7134SA Datasheet
110Kb / 9P
   HIGH-SPEED 4K x 8 DUAL-PORT STATIC RAM
IDT7034S IDT-IDT7034S Datasheet
200Kb / 19P
   HIGH-SPEED 4K x 18 DUAL-PORT STATIC RAM
IDT7025S IDT-IDT7025S_12 Datasheet
192Kb / 22P
   HIGH-SPEED 4K x 16 DUAL-PORT STATIC RAM
IDT7034S IDT-IDT7034S_15 Datasheet
673Kb / 19P
   HIGH-SPEED 4K x 18 DUAL-PORT STATIC RAM
IDT71342SA IDT-IDT71342SA_12 Datasheet
318Kb / 14P
   HIGH SPEED 4K X 8 DUAL-PORT STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com