Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC13181R2 Datasheet(PDF) 6 Page - Motorola, Inc

Part # MC13181R2
Description  Wireless Power Management Integrated Circuit
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC13181R2 Datasheet(HTML) 6 Page - Motorola, Inc

Back Button MC13181R2 Datasheet HTML 2Page - Motorola, Inc MC13181R2 Datasheet HTML 3Page - Motorola, Inc MC13181R2 Datasheet HTML 4Page - Motorola, Inc MC13181R2 Datasheet HTML 5Page - Motorola, Inc MC13181R2 Datasheet HTML 6Page - Motorola, Inc MC13181R2 Datasheet HTML 7Page - Motorola, Inc MC13181R2 Datasheet HTML 8Page - Motorola, Inc MC13181R2 Datasheet HTML 9Page - Motorola, Inc MC13181R2 Datasheet HTML 10Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
6
MC13181 Advance Information
MOTOROLA
Electrical Specifications
Comparator with Programmable Hysteresis
Input Offset Voltage
Voffset
-5.0
-
5.0
mV
Input Impedance (Vin + and Vin -)
Rin
-
1600
k
Input Voltage Range
Vin +Vin+
1.0
-
VCC2 -
1V
V
Input Voltage Range
Vin - (scaling factor of approximately 0.44)
Vin-
1.0
-
VCC2
V
Output Voltage Low
Vol
0-
0.1
V
Output Voltage High
Voh
-
VLDO_1.85
-V
Slew Rate CL = 50 pF
Positive Slope
Negative Slope
SR
-
-
100
200
-
-
V/
µs
Output Current DETECT (source or sink)
|Io|1.0
-
-
mA
Hysteresis Voltage
Pin HYS SELECT Low (hysteresis enabled)
-
30
-
mV
Voltage Reference (Cout = 470 nF Ceramic)
VCC Operating Range
VCC1
2.2
-
6.5
V
Output Voltage
Vref
1.250
1.265
1.278
V
Temperature Coefficient
TCVref
-0.022
-
mV/
°C
Line Regulation
VREF_LINE
-
0.08
-
mV/V
Output Capacitor
-
470
-
nF
Startup Time
Tstartup
-1.0
-
ms
OR Gate
VCC Operating Range
VCC2
2.2
-
6.5
V
Output Voltage Low
Vol
--
0.1
V
Output Voltage High
Voh
1.55
-
VCC2
V
Inverter Gate
Hysteresis Voltage
-
50
-
mV
Output Voltage Low
Vol
--
0.1
V
Table 4. Electrical Characteristics (Continued)
(VCC = 3.6 V, Cin = 1.0 µF, Cout = 1.0 µF, TA = 25°C for typical values, unless otherwise noted.)
Characteristic
Symbol
Min
Typ
Max
Unit


Similar Part No. - MC13181R2

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC13180 MOTOROLA-MC13180 Datasheet
995Kb / 58P
   2.4 GHz Low Power Wireless Transceiver IC for Bluetooth??Applications
More results

Similar Description - MC13181R2

ManufacturerPart #DatasheetDescription
logo
Rohm
BD71837AMWV ROHM-BD71837AMWV Datasheet
1Mb / 129P
   Power Management Integrated Circuit
16.Mar.2020 Rev.003
BD71837MWV ROHM-BD71837MWV Datasheet
3Mb / 131P
   Power Management Integrated Circuit
BD71850MWV ROHM-BD71850MWV Datasheet
1Mb / 119P
   Power Management Integrated Circuit
16.Mar.2020 Rev.002
BD71847AMWV ROHM-BD71847AMWV Datasheet
3Mb / 120P
   Power Management Integrated Circuit
logo
ON Semiconductor
NCP2704 ONSEMI-NCP2704 Datasheet
784Kb / 28P
   Audio Management Integrated Circuit
November, 2010 ??Rev. 0
logo
NXP Semiconductors
MMPF0200F0AEP NXP-MMPF0200F0AEP Datasheet
2Mb / 114P
   12 channel configurable power management integrated circuit
Rev. 6.0, 8/2016
MMPF0100 NXP-MMPF0100_V01 Datasheet
2Mb / 137P
   14 channel configurable power management integrated circuit
Rev. 19, 4/2022
MMPF0100 NXP-MMPF0100 Datasheet
1Mb / 136P
   14 channel configurable power management integrated circuit
Rev. 18, 7/2019
logo
Freescale Semiconductor...
MMPF0100 FREESCALE-MMPF0100 Datasheet
2Mb / 136P
   14 Channel Configurable Power Management Integrated Circuit
logo
NXP Semiconductors
MMPF0200 NXP-MMPF0200 Datasheet
2Mb / 114P
   12 channel configurable power management integrated circuit
Rev. 6.0, 8/2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com