Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PACDN042YB3 Datasheet(PDF) 2 Page - California Micro Devices Corp

Part # PACDN042YB3
Description  Transient Voltage Suppressors / ESD Protectors
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CALMIRCO [California Micro Devices Corp]
Direct Link  http://www.calmicro.com
Logo CALMIRCO - California Micro Devices Corp

PACDN042YB3 Datasheet(HTML) 2 Page - California Micro Devices Corp

  PACDN042YB3 Datasheet HTML 1Page - California Micro Devices Corp PACDN042YB3 Datasheet HTML 2Page - California Micro Devices Corp PACDN042YB3 Datasheet HTML 3Page - California Micro Devices Corp PACDN042YB3 Datasheet HTML 4Page - California Micro Devices Corp PACDN042YB3 Datasheet HTML 5Page - California Micro Devices Corp PACDN042YB3 Datasheet HTML 6Page - California Micro Devices Corp PACDN042YB3 Datasheet HTML 7Page - California Micro Devices Corp PACDN042YB3 Datasheet HTML 8Page - California Micro Devices Corp PACDN042YB3 Datasheet HTML 9Page - California Micro Devices Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
© 2003 California Micro Devices Corp. All rights reserved.
2
430 N. McCarthy Blvd., Milpitas, CA 95035-5112
L Tel: 408.263.3214
L Fax: 408.263.7846 L www.calmicro.com
11/26/03
PACDN042/43/44/45/46
PIN DESCRIPTIONS
PINS
NAME
DESCRIPTION
(Refer to package outline drawings)
TVS Cathode
The cathode of the respective TVS diode, which should be
connected to the node requiring transient voltage protection.
(Refer to package outline drawings)
GND
The anode of the TVS diodes.
PACKAGE / PINOUT DIAGRAMS
Note: SOT23, SC70, SOT143, TSSOP, and MSOP packages
3-pin SOT23
TVS
TVS
GND
1
2
3
Top View
3-pin SC70
TVS
TVS
GND
1
2
3
Top View
4-pin SOT143
GND
TVS
TVS
TVS
1
4
2
3
5-pin SOT23
TVS
GND
TVS
TVS
TVS
1
2
5
3
4
Top View
5-pin SC70
TVS
GND
TVS
TVS
TVS
1
2
5
3
4
Top View
8-pin TSSOP
GND
TVS
GND
TVS
GND
TVS
GND
TVS
6-pin SC70
TVS
GND
TVS
TVS
TVS
TVS
1
2
6
5
3
4
6-pin SOT23
TVS
GND
TVS
TVS
TVS
TVS
1
2
6
5
34
8-pin MSOP
1
2
3
4
8
7
6
5
GND
TVS
TVS
TVS
GND
TVS
TVS
TVS
Top View
Top View
Top View
Top View
Top View
may differ in size. These drawings are not to scale.
CATHODE
CATHODE
CATHODE
CATHODE
CATHODE
CATHODE
CATHODE
CATHODE
CATHODE
CATHODE
CATHODE
CATHODE
CATHODE
CATHODE
CATHODE
CATHODE
CATHODE
CATHODE
CATHODE
CATHODE
CATHODE
CATHODE
CATHODE
CATHODE
CATHODE
CATHODE
CATHODE
CATHODE
CATHODE
CATHODE
CATHODE
CATHODE
CATHODE
CATHODE
CATHODE
1
2
3
4
5
7
8
6
8


Similar Part No. - PACDN042YB3

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
PACDN042YB3R ONSEMI-PACDN042YB3R Datasheet
345Kb / 24P
   Transient Voltage Suppressors and ESD Protectors
June 2010 Rev. 4
PACDN042YB3R ONSEMI-PACDN042YB3R Datasheet
235Kb / 14P
   Transient Voltage Suppressors
October, 2016 ??Rev. 7
More results

Similar Description - PACDN042YB3

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
PACDN042 ONSEMI-PACDN042 Datasheet
345Kb / 24P
   Transient Voltage Suppressors and ESD Protectors
June 2010 Rev. 4
CM1248-04QG ONSEMI-CM1248-04QG Datasheet
155Kb / 6P
   Low Capacitance Transient Voltage Suppressors / ESD Protectors
April 2010 ??Rev. 3
logo
California Micro Device...
CM1218 CALMIRCO-CM1218 Datasheet
177Kb / 11P
   Low Capacitance Transient Voltage Suppressors / ESD Protectors
logo
ON Semiconductor
CM1249-04S9 ONSEMI-CM1249-04S9 Datasheet
100Kb / 7P
   Low Capacitance Transient Voltage Suppressors/ESD Protectors
2009 ??Rev. (whole #)
CM1219 ONSEMI-CM1219 Datasheet
100Kb / 7P
   Low Capacitance Transient Voltage Suppressors / ESD Protectors
May 2010 ??Rev. 2
logo
California Micro Device...
CM1219 CALMIRCO-CM1219 Datasheet
177Kb / 11P
   Low Capacitance Transient Voltage Suppressors / ESD Protectors
logo
ON Semiconductor
CM1248-04S9 ONSEMI-CM1248-04S9 Datasheet
153Kb / 7P
   Low Capacitance Transient Voltage Suppressors / ESD Protectors
April 2010 ??Rev. 2
CM1250-04QG ONSEMI-CM1250-04QG Datasheet
97Kb / 7P
   Low Capacitance Transient Voltage Suppressors / ESD Protectors
April 2010 Rev. 3
CM1218 ONSEMI-CM1218 Datasheet
208Kb / 17P
   Low Capacitance Transient Voltage Suppressors / ESD Protectors
May 2010 ??Rev. 2
CM1218-C4 ONSEMI-CM1218-C4 Datasheet
166Kb / 7P
   Low Capacitance Transient Voltage Suppressors / ESD Protectors
April 2010 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com