Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

REG1117A-2.5 Datasheet(PDF) 7 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # REG1117A-2.5
Description  800mA and 1A Low Dropout Positive Regulator 1.8V, 2.5V, 2.85, 3.3V, 5V, and Adjustable
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

REG1117A-2.5 Datasheet(HTML) 7 Page - Burr-Brown (TI)

Back Button REG1117A-2.5 Datasheet HTML 3Page - Burr-Brown (TI) REG1117A-2.5 Datasheet HTML 4Page - Burr-Brown (TI) REG1117A-2.5 Datasheet HTML 5Page - Burr-Brown (TI) REG1117A-2.5 Datasheet HTML 6Page - Burr-Brown (TI) REG1117A-2.5 Datasheet HTML 7Page - Burr-Brown (TI) REG1117A-2.5 Datasheet HTML 8Page - Burr-Brown (TI) REG1117A-2.5 Datasheet HTML 9Page - Burr-Brown (TI) REG1117A-2.5 Datasheet HTML 10Page - Burr-Brown (TI) REG1117A-2.5 Datasheet HTML 11Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
REG1117
REG1117A
SBVS001D − OCTOBER 1992 − REVISED JULY 2004
www.ti.com
7
TYPICAL CHARACTERISTICS
At TA = +25°C, all models, unless otherwise noted.
SHORT−CIRCUIT CURRENT vs TEMPERATURE
1400
1300
1200
1100
1000
900
800
−50
−25
0
25
50
75
100
Temperature (
_C)
REG1117A
REG1117 Models
LOAD REGULATION
(∆I
LOAD = 800mA)
1
0
1
−2
−3
−4
−5
−6
−7
−50
−25
0
25
50
75
100
Temperature (
_C)
REG1117−2.85
REG1117A−1.8
REG1117−5
LINE REGULATION vs TEMPERATURE
6
5
4
3
2
1
0
−1
−2
−50
−25
0
25
50
75
100
Temperature (
_C)
REG1117A−1.8
V
IN =3.8V to 10V
V
IN =6.5V to 15V
REG1117−5
RIPPLE REJECTION vs FREQUENCY
Frequency (Hz)
100
90
80
70
60
50
40
30
20
10
0
10
100
1k
10k
100k
I
OUT =100mA
V
RIPPLE =1.0VPP
OUTPUT VOLTAGE vs TEMPERATURE
2.0
1.0
0
−1.0
−2.0
−50
−25
0
25
50
75
100
Temperature (
_C)
I
O =10mA
QUIESCENT CURRENT vs TEMPERATURE
8
7
6
5
4
3
2
1
0
−50
−25
0
25
50
75
100
Temperature (
_C)
Fixed−Voltage Models


Similar Part No. - REG1117A-2.5

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
REG1117A-2.5 BURR-BROWN-REG1117A-2.5 Datasheet
946Kb / 35P
   800mA and 1A Low Dropout Positive Regulator 1.8V, 2.5V, 2.85, 3.3V, 5V, and Adjustable
logo
Texas Instruments
REG1117A-2.5 TI-REG1117A-2.5 Datasheet
628Kb / 22P
[Old version datasheet]   800mA and 1A Low Dropout Positive Regulator 1.8V, 2.5V, 2.85, 3.3V, 5V, and Adjustable
logo
Burr-Brown (TI)
REG1117A-2.5 BURR-BROWN-REG1117A-2.5 Datasheet
667Kb / 23P
   800mA and 1A Low Dropout Positive Regulator 1.8V, 2.5V, 2.85, 3.3V, 5V, and Adjustable
logo
Texas Instruments
REG1117A-2.5 TI1-REG1117A-2.5 Datasheet
856Kb / 23P
[Old version datasheet]   800mA and 1A Low Dropout Positive Regulator 1.8V, 2.5V, 2.85, 3.3V, 5V, and Adjustable
logo
Burr-Brown (TI)
REG1117A-2.5/2K5 BURR-BROWN-REG1117A-2.5/2K5 Datasheet
667Kb / 23P
   800mA and 1A Low Dropout Positive Regulator 1.8V, 2.5V, 2.85, 3.3V, 5V, and Adjustable
More results

Similar Description - REG1117A-2.5

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
REG1117 BURR-BROWN-REG1117_07 Datasheet
946Kb / 35P
   800mA and 1A Low Dropout Positive Regulator 1.8V, 2.5V, 2.85, 3.3V, 5V, and Adjustable
REG1117 BURR-BROWN-REG1117_1 Datasheet
667Kb / 23P
   800mA and 1A Low Dropout Positive Regulator 1.8V, 2.5V, 2.85, 3.3V, 5V, and Adjustable
logo
Texas Instruments
REG1117 TI-REG1117_08 Datasheet
628Kb / 22P
[Old version datasheet]   800mA and 1A Low Dropout Positive Regulator 1.8V, 2.5V, 2.85, 3.3V, 5V, and Adjustable
REG1117A TI1-REG1117A Datasheet
856Kb / 23P
[Old version datasheet]   800mA and 1A Low Dropout Positive Regulator 1.8V, 2.5V, 2.85, 3.3V, 5V, and Adjustable
logo
Anpec Electronics Corop...
APL1087R ANPEC-APL1087R Datasheet
116Kb / 12P
   800mA Low Dropout Fast Response Positive Adjustable Regulator and Fixed 1.8V, 2.5V and 3.3V
APL1087 ANPEC-APL1087 Datasheet
139Kb / 14P
   800mA Low Dropout Fast Response Positive Adjustable Regulator and Fixed 1.8V, 2.5V and 3.3V
APL1087E ANPEC-APL1087E Datasheet
143Kb / 14P
   800mA Low Dropout Fast Response Positive Adjustable Regulator and Fixed 1.8V, 2.5V and 3.3V
logo
List of Unclassifed Man...
HPL1117 ETC-HPL1117 Datasheet
204Kb / 19P
   1A Low Dropout Fast Response Positive Adjustable Regulator and Fixed 1.8V, 2.5V, 2.85V, 3.3V and 5V
logo
Anpec Electronics Corop...
APL1117 ANPEC-APL1117_10 Datasheet
299Kb / 19P
   1A Low Dropout Fast Response Positive Adjustable Regulator and Fixed 1.2V,1.8V, 2.5V, 2.85V, 3.3V and 5V
APL1117 ANPEC-APL1117 Datasheet
156Kb / 18P
   1A Low Dropout Fast Response Positive Adjustable Regulator and Fixed 1.8V, 2.5V, 2.85V and 3.3V
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com