Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M28W320CT85ZB1T Datasheet(PDF) 9 Page - STMicroelectronics

Part # M28W320CT85ZB1T
Description  32 Mbit (2Mb x16, Boot Block) 3V Supply Flash Memory
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M28W320CT85ZB1T Datasheet(HTML) 9 Page - STMicroelectronics

Back Button M28W320CT85ZB1T Datasheet HTML 5Page - STMicroelectronics M28W320CT85ZB1T Datasheet HTML 6Page - STMicroelectronics M28W320CT85ZB1T Datasheet HTML 7Page - STMicroelectronics M28W320CT85ZB1T Datasheet HTML 8Page - STMicroelectronics M28W320CT85ZB1T Datasheet HTML 9Page - STMicroelectronics M28W320CT85ZB1T Datasheet HTML 10Page - STMicroelectronics M28W320CT85ZB1T Datasheet HTML 11Page - STMicroelectronics M28W320CT85ZB1T Datasheet HTML 12Page - STMicroelectronics M28W320CT85ZB1T Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 42 page
background image
9/42
M28W320CT, M28W320CB
INSTRUCTIONS AND COMMANDS
Sixteen instructions are available (see Tables 9
and 10) to perform Read Memory Array, Read Sta-
tus Register, Read Electronic Signature, CFI Que-
ry, Erase, Program, Double Word Program, Clear
Status Register, Program/Erase Suspend, Pro-
gram/Erase Resume, Block Protect, Block Unpro-
tect, Block Lock and Protection Register Program.
Status Register output may be read at any time,
during programming or erase, to monitor the
progress of the operation.
An internal Command Interface (C.I.) decodes the
instructions while an internal Program/Erase Con-
troller (P/E.C.) handles all timing and verifies the
correct execution of the Program and Erase in-
structions. P/E.C. provides a Status Register
whose bits indicate operation and exit status of the
internal algorithms.
The Command Interface is reset to Read Array
when power is first applied, when exiting from Re-
set or whenever VDD is lower than VLKO. Com-
mand sequence must be followed exactly. Any
invalid combination of commands will reset the de-
vice to Read Array.
Read (RD)
The Read instruction consists of one write cycle
(refer to Device Operations section) giving the
command FFh. Next read operations will read the
addressed location and output the data. When a
device reset occurs, the memory is in Read Array
as default.
Read Status Register (RSR)
The Status Register indicates when a program or
erase operation is complete and the success or
failure of operation itself. Issue a Read Status
Register Instruction (70h) to read the Status Reg-
ister content. The Read Status Register instruction
may be issued at any time, also when a Program/
Erase operation is ongoing. The following Read
operations output the content of the Status Regis-
ter. The Status Register is latched on the falling
edge of E or G signals, and can be read until E or
G returns to VIH. Either E or G must be toggled to
update the latched data. Additionally, any read at-
tempt during program or erase operation will auto-
matically output the content of the Status Register.
Read Electronic Signature (RSIG)
The Read Electronic Signature instruction con-
sists of one write cycle (refer to Device Operations
section) giving the command 90h. A subsequent
read will output the Manufacturer Code, the De-
vice Code, the Block protection Status, or the Pro-
tection Register. See Tables 6, 7 and 8 for the
valid address. The Electronic Signature can be
read from the memory allowing programming
equipment or applications to automatically match
their
interface
to
the
characteristics
of
M28W320C.
CFI Query (RCFI)
The Common Flash Interface Query mode is en-
tered by writing 98h. Next read operations will read
the CFI data. The CFI data structure contains also
a security area; in this section, a 64 bit unique se-
curity number is written, starting at this address
81h. This area can be accessed only in read mode
and there are no ways of changing the code after
it has been written by ST. Write a read instruction
to return to Read mode (refer to the Common
Flash Interface section).
Table 9. Commands
Hex Code
Command
00h
Invalid/Reserved
10h
Alternative Program Set-up
20h
Erase Set-up
30h
Double Word Program Set-up
40h
Program Set-up
50h
Clear Status Register
70h
Read Status Register
90h or 98h
Read Electronic Signature, or
CFI Query
B0h
Program/Erase Suspend
D0h
Program/Erase Resume, Erase
Confirm or Unprotect Confirm
FFh
Read Array
01h
Protect Confirm
2Fh
Lock Confirm
C0h
Protection Program
60h
Protection Set-up


Similar Part No. - M28W320CT85ZB1T

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M28W320BB STMICROELECTRONICS-M28W320BB Datasheet
211Kb / 43P
   32 Mbit (2Mb x16, Boot Block) 3V Supply Flash Memory
May 2002
M28W320BT STMICROELECTRONICS-M28W320BT Datasheet
211Kb / 43P
   32 Mbit (2Mb x16, Boot Block) 3V Supply Flash Memory
May 2002
M28W320EB-ZB STMICROELECTRONICS-M28W320EB-ZB Datasheet
299Kb / 45P
   32 Mbit (2Mb x16, Boot Block) 3V Supply Flash Memory
M28W320EB-ZBT STMICROELECTRONICS-M28W320EB-ZBT Datasheet
299Kb / 45P
   32 Mbit (2Mb x16, Boot Block) 3V Supply Flash Memory
M28W320EBB STMICROELECTRONICS-M28W320EBB Datasheet
299Kb / 45P
   32 Mbit (2Mb x16, Boot Block) 3V Supply Flash Memory
More results

Similar Description - M28W320CT85ZB1T

ManufacturerPart #DatasheetDescription
logo
Numonyx B.V
M28W320FCT NUMONYX-M28W320FCT Datasheet
1Mb / 69P
   32 Mbit (2Mb x16, Boot Block) 3V Supply Flash Memory
logo
STMicroelectronics
M28W320BT STMICROELECTRONICS-M28W320BT Datasheet
211Kb / 43P
   32 Mbit (2Mb x16, Boot Block) 3V Supply Flash Memory
May 2002
M28W320EBT STMICROELECTRONICS-M28W320EBT Datasheet
299Kb / 45P
   32 Mbit (2Mb x16, Boot Block) 3V Supply Flash Memory
M28W320ECT STMICROELECTRONICS-M28W320ECT Datasheet
832Kb / 53P
   32 Mbit (2Mb x16, Boot Block) 3V Supply Flash Memory
M28W320FCT STMICROELECTRONICS-M28W320FCT Datasheet
514Kb / 69P
   32 Mbit (2Mb x16, Boot Block) 3V Supply Flash Memory
M29W320DT STMICROELECTRONICS-M29W320DT Datasheet
524Kb / 56P
   32 Mbit 4Mb x8 or 2Mb x16, Boot Block 3V Supply Flash Memory
M29W320ET STMICROELECTRONICS-M29W320ET Datasheet
887Kb / 46P
   32 Mbit (4Mb x8 or 2Mb x16, Boot Block) 3V Supply Flash Memory
M58LW032A STMICROELECTRONICS-M58LW032A Datasheet
856Kb / 61P
   32 Mbit 2Mb x16, Uniform Block, Burst 3V Supply Flash Memory
M58LW032C STMICROELECTRONICS-M58LW032C Datasheet
845Kb / 61P
   32 Mbit 2Mb x16, Uniform Block, Burst 3V Supply Flash Memory
M58LW032D STMICROELECTRONICS-M58LW032D_04 Datasheet
799Kb / 50P
   32 Mbit (4Mb x8, 2Mb x16, Uniform Block) 3V Supply Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com