Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74LVT00PWDH Datasheet(PDF) 4 Page - NXP Semiconductors

Part # 74LVT00PWDH
Description  3.3V Quad 2-input NAND gate
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LVT00PWDH Datasheet(HTML) 4 Page - NXP Semiconductors

  74LVT00PWDH Datasheet HTML 1Page - NXP Semiconductors 74LVT00PWDH Datasheet HTML 2Page - NXP Semiconductors 74LVT00PWDH Datasheet HTML 3Page - NXP Semiconductors 74LVT00PWDH Datasheet HTML 4Page - NXP Semiconductors 74LVT00PWDH Datasheet HTML 5Page - NXP Semiconductors 74LVT00PWDH Datasheet HTML 6Page - NXP Semiconductors 74LVT00PWDH Datasheet HTML 7Page - NXP Semiconductors 74LVT00PWDH Datasheet HTML 8Page - NXP Semiconductors 74LVT00PWDH Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Philips Semiconductors
Product specification
74LVT00
3.3V Quad 2-input NAND gate
1996 Aug 15
4
DC ELECTRICAL CHARACTERISTICS
Over recommended operating conditions
Voltages are referenced to GND (ground = 0V)
LIMITS
SYMBOL
PARAMETER
TEST CONDITIONS
Temp = -40
°C to +85°C
UNIT
MIN
TYP1
MAX
VIK
Input clamp voltage
VCC = 2.7V; IIK = –18mA
–1.2
V
VCC = 2.7 to 3.6V; IOH = –100µA
VCC–0.2
VOH
High-level output voltage
VCC = 2.7V; IOH = –6mA
2.4
V
VCC = 3.0V; IOH = –20mA
2.0
VCC = 2.7V; IOL = 100µA
0.2
VOL
Low-level output voltage
VCC = 2.7V; IOL = 24mA
0.5
V
VCC = 3.0V; IOL = 32mA
0.5
I
Input leakage current
VCC = 0 or 3.6V; VI = 5.5V
10
A
II
Input leakage current
VCC = 3.6V; VI = VCC or GND
±1
µA
IOFF
Output off current
VCC = 0V; VI or VO = 0 to 4.5V
±100
µA
ICCH
Quiescent supply current
VCC = 3.6V; Outputs High, VI = GND or
VCC, IO = 0
0.02
mA
ICCL
Quiescent supply current
VCC = 3.6V; Outputs Low, VI = GND or VCC,
IO = 0
1
2
mA
∆ICC
Additional supply current per input pin2
VCC = 3V to 3.6V; One input at VCC–0.6V,
Other inputs at VCC or GND
0.2
µA
CI
Input capacitance
VI = 3V or 0
3
pF
NOTES:
1. All typical values are at VCC = 3.3V and Tamb = 25°C.
2. This is the increase in supply current for each input at the specificed voltage level other than VCC or GND.
AC CHARACTERISTICS
GND = 0V; tR = tF = 2.5ns; CL = 50pF, RL = 500Ω; Tamb = –40°C to +85°C.
LIMITS
SYMBOL
PARAMETER
WAVEFORM
VCC = 3.3V ± 0.3V
VCC = 2.7V
UNIT
MIN
TYP1
MAX
MAX
tPLH
tPHL
Propagation delay
An or Bn to Yn
1
1.0
1.0
2.7
2.7
4.1
3.9
5.0
3.8
ns
NOTE:
1. All typical values are at VCC = 3.3V and Tamb = 25°C.
AC WAVEFORMS
VM = 1.5V, VIN = GND to 2.7V
VM
VM
VM
VM
Yn
An, Bn
tPHL
tPLH
SF01395
Waveform 1.
Propagation delay for inverting outputs


Similar Part No. - 74LVT00PWDH

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVT02 PHILIPS-74LVT02 Datasheet
81Kb / 10P
   3.3V Quad 2-input NOR gate
1996 Aug 15
logo
Nexperia B.V. All right...
74LVT02 NEXPERIA-74LVT02 Datasheet
210Kb / 10P
   3.3 V Quad 2-input NOR gate
Rev. 4 - 1 March 2021
logo
NXP Semiconductors
74LVT02D PHILIPS-74LVT02D Datasheet
81Kb / 10P
   3.3V Quad 2-input NOR gate
1996 Aug 15
logo
Nexperia B.V. All right...
74LVT02D NEXPERIA-74LVT02D Datasheet
210Kb / 10P
   3.3 V Quad 2-input NOR gate
Rev. 4 - 1 March 2021
logo
NXP Semiconductors
74LVT02DB PHILIPS-74LVT02DB Datasheet
81Kb / 10P
   3.3V Quad 2-input NOR gate
1996 Aug 15
More results

Similar Description - 74LVT00PWDH

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC4011BP TOSHIBA-TC4011BP Datasheet
191Kb / 5P
   QUAD 2 INPUT NAND GATE
TC74AC00P TOSHIBA-TC74AC00P Datasheet
244Kb / 6P
   QUAD 2 - INPUT NAND GATE
TC74HC00AP TOSHIBA-TC74HC00AP Datasheet
232Kb / 6P
   QUAD 2 INPUT NAND GATE
logo
National Semiconductor ...
54AC00 NSC-54AC00 Datasheet
129Kb / 6P
   Quad 2-Input NAND Gate
logo
NXP Semiconductors
74F00 PHILIPS-74F00 Datasheet
68Kb / 8P
   Quad 2-input NAND gate
1990 Oct 04
74AHC00 PHILIPS-74AHC00 Datasheet
74Kb / 16P
   Quad 2-input NAND gate
1999 Sep 23
74ABT00 PHILIPS-74ABT00 Datasheet
95Kb / 10P
   Quad 2-input NAND gate
1995 Sep 18
logo
STMicroelectronics
M54HCT00 STMICROELECTRONICS-M54HCT00 Datasheet
231Kb / 9P
   QUAD 2-INPUT NAND GATE
74ACT00 STMICROELECTRONICS-74ACT00 Datasheet
67Kb / 7P
   QUAD 2-INPUT NAND GATE
April 1997
logo
Toshiba Semiconductor
TC74HCT00AF TOSHIBA-TC74HCT00AF_12 Datasheet
202Kb / 6P
   Quad 2-Input NAND Gate
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com