Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74LVT125 Datasheet(PDF) 7 Page - NXP Semiconductors

Part # 74LVT125
Description  3.3V Quad buffer 3-State
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LVT125 Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button 74LVT125 Datasheet HTML 2Page - NXP Semiconductors 74LVT125 Datasheet HTML 3Page - NXP Semiconductors 74LVT125 Datasheet HTML 4Page - NXP Semiconductors 74LVT125 Datasheet HTML 5Page - NXP Semiconductors 74LVT125 Datasheet HTML 6Page - NXP Semiconductors 74LVT125 Datasheet HTML 7Page - NXP Semiconductors 74LVT125 Datasheet HTML 8Page - NXP Semiconductors 74LVT125 Datasheet HTML 9Page - NXP Semiconductors 74LVT125 Datasheet HTML 10Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
9397 750 14703
© Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Product data sheet
Rev. 05 — 10 February 2005
7 of 15
Philips Semiconductors
74LVT125
3.3 V quad buffer; 3-state
[1]
Typical values are at VCC = 3.3 V and Tamb =25 °C.
12. Waveforms
tPHZ
output disable time nOE to nY
VCC = 2.7 V
-
-
5.7
ns
VCC = 3.3 V ± 0.3 V
1.8
3.7
5.1
ns
tPLZ
output disable time nOE to nY
VCC = 2.7 V
-
-
4.0
ns
VCC = 3.3 V ± 0.3 V
1.3
2.6
4.5
ns
Table 8:
Dynamic characteristics …continued
GND = 0 V; tr =tf = 2.5 ns; CL = 50 pF; RL = 500 Ω; for test circuit see Figure 8.
Symbol Parameter
Conditions
Min
Typ
Max
Unit
VM = 1.5 V.
VOL and VOH are typical voltage output drop that occur with the output load.
Fig 6.
Propagation delay input (nA) to output (nY)
VM = 1.5 V.
VOL and VOH are typical voltage output drop that occur with the output load.
Fig 7.
Enable and disable times of 3-state outputs
mnb072
nA input
nY output
tPLH
tPHL
GND
VI
VM
VM
VM
VM
VOH
VOL
001aac475
tPZL
nY output
nY output
nOE input
VOL
VCC
VOH
VI
VM
GND
0 V
tPLZ
tPZH
tPHZ
VOL + 0.3 V
VOH − 0.3 V
VM
VM


Similar Part No. - 74LVT125

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVT125 PHILIPS-74LVT125 Datasheet
93Kb / 15P
   3.3 V quad buffer; 3-state
Rev. 05-10 February 2005
74LVT125 NXP-74LVT125 Datasheet
106Kb / 16P
   3.3 V quad buffer 3-state
Rev. 06-6 March 2006
logo
Nexperia B.V. All right...
74LVT125 NEXPERIA-74LVT125 Datasheet
243Kb / 13P
   3.3 V quad buffer; 3-state
Rev. 8 - 18 August 2021
logo
NXP Semiconductors
74LVT125BQ PHILIPS-74LVT125BQ Datasheet
93Kb / 15P
   3.3 V quad buffer; 3-state
Rev. 05-10 February 2005
74LVT125BQ NXP-74LVT125BQ Datasheet
106Kb / 16P
   3.3 V quad buffer 3-state
Rev. 06-6 March 2006
More results

Similar Description - 74LVT125

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVT126 PHILIPS-74LVT126 Datasheet
86Kb / 10P
   3.3V Quad buffer 3-State
1998 Feb 19
logo
Nexperia B.V. All right...
74ABT126 NEXPERIA-74ABT126 Datasheet
219Kb / 11P
   Quad buffer; 3-state
Rev. 6 - 8 October 2020
logo
NXP Semiconductors
74ABT125 PHILIPS-74ABT125 Datasheet
93Kb / 10P
   Quad buffer 3-State
1998 Jan 16
74ABT126 PHILIPS-74ABT126_15 Datasheet
91Kb / 15P
   Quad buffer; 3-state
Rev. 04-17 February 2005
logo
Fairchild Semiconductor
74F125SCX FAIRCHILD-74F125SCX Datasheet
79Kb / 5P
   Quad Buffer (3-STATE)
logo
NXP Semiconductors
74ABT126D-602 PHILIPS-74ABT126D-602 Datasheet
91Kb / 15P
   Quad buffer; 3-state
Rev. 04-17 February 2005
logo
Nexperia B.V. All right...
74ABT125 NEXPERIA-74ABT125 Datasheet
245Kb / 12P
   Quad buffer; 3-state
Rev. 9 - 13 March 2023
logo
NXP Semiconductors
74ABT125 NXP-74ABT125 Datasheet
162Kb / 15P
   Quad buffer; 3-state
Rev. 04-27 April 2010
logo
Fairchild Semiconductor
74F125 FAIRCHILD-74F125 Datasheet
66Kb / 5P
   Quad Buffer (3-STATE)
DM74LS126A FAIRCHILD-DM74LS126A Datasheet
48Kb / 4P
   Quad 3-STATE Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com