Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74LVT04PWDH Datasheet(PDF) 4 Page - NXP Semiconductors

Part # 74LVT04PWDH
Description  3.3V Hex inverter
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LVT04PWDH Datasheet(HTML) 4 Page - NXP Semiconductors

  74LVT04PWDH Datasheet HTML 1Page - NXP Semiconductors 74LVT04PWDH Datasheet HTML 2Page - NXP Semiconductors 74LVT04PWDH Datasheet HTML 3Page - NXP Semiconductors 74LVT04PWDH Datasheet HTML 4Page - NXP Semiconductors 74LVT04PWDH Datasheet HTML 5Page - NXP Semiconductors 74LVT04PWDH Datasheet HTML 6Page - NXP Semiconductors 74LVT04PWDH Datasheet HTML 7Page - NXP Semiconductors 74LVT04PWDH Datasheet HTML 8Page - NXP Semiconductors 74LVT04PWDH Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Philips Semiconductors
Product specification
74LVT04
3.3V Hex inverter
1996 Aug 28
4
DC ELECTRICAL CHARACTERISTICS
Over recommended operating conditions
Voltages are referenced to GND (ground = 0V)
LIMITS
SYMBOL
PARAMETER
TEST CONDITIONS
Temp = -40
°C to +85°C
UNIT
MIN
TYP1
MAX
VIK
Input clamp voltage
VCC = 2.7V; IIK = –18mA
–1.2
V
VCC = 2.7 to 3.6V; IOH = –100µA
VCC–0.2
VOH
High-level output voltage
VCC = 2.7V; IOH = –6mA
2.4
V
VCC = 3.0V; IOH = –20mA
2.0
VCC = 2.7V; IOL = 100µA
0.2
VOL
Low–level output voltage
VCC = 2.7V; IOL = 24mA
0.5
V
VCC = 3.0V; IOL = 32mA
0.5
I
Input leakage current
VCC = 0 or 3.6V; VI = 5.5V
10
A
II
Input leakage current
VCC = 3.6V; VI = VCC or GND
±1
µA
IOFF
Output off current
VCC = 0V; VI or VO = 0 to 4.5V
±100
µA
ICCH
Quiescent supply current
VCC = 3.6V; Outputs High, VI = GND or
VCC, IO = 0
0.02
mA
ICCL
Quiescent supply current
VCC = 3.6V; Outputs Low, VI = GND or VCC,
IO = 0
1.5
3
mA
∆ICC
Additional supply current per input pin2
VCC = 3V to 3.6V; One input at VCC–0.6V,
Other inputs at VCC or GND
0.2
µA
CI
Input capacitance
VI = 3V or 0
3
pF
NOTES:
1. All typical values are at VCC = 3.3V and Tamb = 25°C.
2. This is the increase in supply current for each input at the specificed voltage level other than VCC or GND.
AC CHARACTERISTICS
GND = 0V; tR = tF = 2.5ns; CL = 50pF, RL = 500Ω; Tamb = –40°C to +85°C.
LIMITS
SYMBOL
PARAMETER
WAVEFORM
VCC = 3.3V ± 0.3V
VCC = 2.7V
UNIT
MIN
TYP1
MAX
MAX
tPLH
tPHL
Propagation delay
An to Yn
1
1.0
1.0
2.6
2.5
3.9
3.5
4.7
3.2
ns
NOTE:
1. All typical values are at VCC = 3.3V and Tamb = 25°C.
AC WAVEFORMS
VM = 1.5V, VIN = GND to 2.7V
VM
VM
VM
VM
Y
A
tPHL
tPLH
SF00015
Waveform 1.
Propagation delay for inverting outputs


Similar Part No. - 74LVT04PWDH

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
74LVT04PW NEXPERIA-74LVT04PW Datasheet
211Kb / 10P
   3.3 V Hex inverter
Rev. 4 - 12 August 2021
74LVT04PW-Q100 NEXPERIA-74LVT04PW-Q100 Datasheet
714Kb / 13P
   3.3 V Hex inverter
More results

Similar Description - 74LVT04PWDH

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT74ALVC04 IDT-IDT74ALVC04 Datasheet
54Kb / 5P
   3.3V CMOS HEX INVERTER
logo
NXP Semiconductors
74LVT14 PHILIPS-74LVT14 Datasheet
102Kb / 10P
   3.3V Hex inverter Schmitt trigger
1996 Aug 28
74LVC04A PHILIPS-74LVC04A Datasheet
87Kb / 10P
   Hex inverter
1997 Jun 30
logo
Texas Instruments
74AC11004 TI-74AC11004 Datasheet
75Kb / 5P
[Old version datasheet]   HEX INVERTER
REVISED APRIL 1996
logo
Fairchild Semiconductor
74AC04 FAIRCHILD-74AC04 Datasheet
104Kb / 8P
   Hex Inverter
74VHCT04A FAIRCHILD-74VHCT04A Datasheet
128Kb / 8P
   Hex Inverter
MM74HC04 FAIRCHILD-MM74HC04 Datasheet
77Kb / 6P
   Hex Inverter
MM74HCU04 FAIRCHILD-MM74HCU04 Datasheet
81Kb / 6P
   Hex Inverter
logo
NXP Semiconductors
74HC04 PHILIPS-74HC04 Datasheet
33Kb / 5P
   Hex inverter
2003 Jul 23
logo
STMicroelectronics
HCC4069UB STMICROELECTRONICS-HCC4069UB Datasheet
283Kb / 12P
   HEX INVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com