Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HA16158P Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # HA16158P
Description  PFC & PWM Control IC
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HA16158P Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button HA16158P Datasheet HTML 3Page - Renesas Technology Corp HA16158P Datasheet HTML 4Page - Renesas Technology Corp HA16158P Datasheet HTML 5Page - Renesas Technology Corp HA16158P Datasheet HTML 6Page - Renesas Technology Corp HA16158P Datasheet HTML 7Page - Renesas Technology Corp HA16158P Datasheet HTML 8Page - Renesas Technology Corp HA16158P Datasheet HTML 9Page - Renesas Technology Corp HA16158P Datasheet HTML 10Page - Renesas Technology Corp HA16158P Datasheet HTML 11Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
HA16158P/FP
Rev.0, Aug. 2002, page 7 of 23
Electrical Characteristics (cont.)
(Ta = 25°C, Vcc = 12 V, RT = 200 k
Ω)
Item
Symbol
Min
Typ
Max
Unit
Test Conditions
Input offset voltage
Vio-ca
±7
mV
*
1
Open loop gain
Av-ca
65
dB
*
1
High voltage
Veoh-ca
5.0
5.7
6.4
V
Low voltage
Veol-ca
0.1
0.3
V
Source current
Isrc-ca
–90
µA
CAO = 2.5V *
1
Sink current
Isnk-ca
90
µA
CAO = 2.5V *
1
PFC-CAMP
Transconductance
Gm-pfcc
150
200
250
µA/V
*
1
IAC pin voltage
Viac
0.7
1.0
1.3
V
IAC = 100
µA
Imo-offset1
–67
–90
–113
µA
IAC = 0A, PFC-ON = 2V
Terminal offset current
Imo-offset2
–60
–80
–100
µA
IAC = 0A, PFC-ON = 4V
Imo1
–20
µA
PFC-EO = 2V, IAC = 100
µA *1, 2
Output current
(PFC-ON = 2.0V)
Imo2
–60
µA
PFC-EO = 4V, IAC = 100
µA *1, 2
Imo3
–5
µA
PFC-EO = 2V, IAC = 100
µA *1, 2
Output current
(PFC-ON = 4.0V)
Imo4
–15
µA
PFC-EO = 4V, IAC = 100
µA *1, 2
IAC/Multiplier
PFC-CS resistance
Rmo
3.3
k
*
1
Threshold voltage
for K = 0.05
VK-H
3.60
3.80
4.00
V
Measured pin: PFC-ON
Threshold voltage
for K = 0.25
VK-L
3.20
3.40
3.60
V
Measured pin: PFC-ON
Gain selector
VK hysteresis
dVK
0.30
0.40
0.50
V
*
1
Notes: 1. Reference values for design.
2. Imo1 to Imo4 are defined as:
Imo = (PFC-CS pin current) – (Imo-offset)
IMO = K {IAC
× (VEO − 1V)}
PFC-CAMP
K
VEO
IAC
PFC-CS
−0.5V −0.25V
VREF
Imo
IAC
3.3k
PFC-CLIMIT
PFC-CS Terminal
Current
+
+
+
Imo-offset


Similar Part No. - HA16158P

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HA16158P RENESAS-HA16158P Datasheet
227Kb / 24P
   PFC & PWM Control IC
HA16158P RENESAS-HA16158P_07 Datasheet
227Kb / 24P
   PFC & PWM Control IC
More results

Similar Description - HA16158P

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HA16158P RENESAS-HA16158P_07 Datasheet
227Kb / 24P
   PFC & PWM Control IC
logo
International Rectifier
IR1150 IRF-IR1150_15 Datasheet
925Kb / 16P
   PFC ONE CYCLE CONTROL PFC IC
IRS2166DSPBF IRF-IRS2166DSPBF Datasheet
501Kb / 20P
   PFC BALLAST CONTROL IC
IR2166STRPBF IRF-IR2166STRPBF Datasheet
620Kb / 33P
   PFC & BALLAST CONTROL IC
IR2166SPBF IRF-IR2166SPBF Datasheet
371Kb / 29P
   PFC & BALLAST CONTROL IC
logo
Fairchild Semiconductor
FAN7535 FAIRCHILD-FAN7535 Datasheet
465Kb / 12P
   PFC & Ballast Control IC
logo
International Rectifier
IR2167S IRF-IR2167S Datasheet
1Mb / 33P
   PFC BALLAST CONTROL IC
IRS2166D IRF-IRS2166D Datasheet
595Kb / 18P
   PFC BALLAST CONTROL IC
IR2166 IRF-IR2166_15 Datasheet
623Kb / 32P
   PFC & BALLAST CONTROL IC
IRP2166 IRF-IRP2166 Datasheet
616Kb / 32P
   PFC & BALLAST CONTROL IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com