Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74LVT162240A Datasheet(PDF) 2 Page - NXP Semiconductors

Part # 74LVT162240A
Description  3.3V LVT 16-bit inverting buffer/driver with 30ohm termination resistors 3-State
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LVT162240A Datasheet(HTML) 2 Page - NXP Semiconductors

  74LVT162240A Datasheet HTML 1Page - NXP Semiconductors 74LVT162240A Datasheet HTML 2Page - NXP Semiconductors 74LVT162240A Datasheet HTML 3Page - NXP Semiconductors 74LVT162240A Datasheet HTML 4Page - NXP Semiconductors 74LVT162240A Datasheet HTML 5Page - NXP Semiconductors 74LVT162240A Datasheet HTML 6Page - NXP Semiconductors 74LVT162240A Datasheet HTML 7Page - NXP Semiconductors 74LVT162240A Datasheet HTML 8Page - NXP Semiconductors 74LVT162240A Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Philips Semiconductors
Product specification
74LVT162240A
3.3V 16-bit inverting buffer/driver with 30
termination resistors (3-State)
2
1998 Feb 19
853-1777 18990
FEATURES
16-bit bus interface
3-State buffers
Output capability: +12mA/-12mA
TTL input and output switching levels
Input and output interface capability to systems at 5V supply
Bus-hold data inputs eliminate the need for external pull-up
resistors to hold unused inputs
Live insertion/extraction permitted
Outputs include series resistance of 30Ω making external
termination resistors unnecessary
Power-up 3-State
No bus current loading when output is tied to 5V bus
Latch-up protection exceeds 500mA per JEDEC Std 17
ESD protection exceeds 2000V per MIL STD 883 Method 3015
and 200V per Machine Model
Same part as 74LVT16240A-1
DESCRIPTION
The 74LVT162240A is a high-performance BiCMOS product
designed for VCC operation at 3.3V.
This device is an inverting 16-bit buffer that is ideal for driving bus
lines. The device features four Output Enables (1OE, 2OE, 3OE,
4OE), each controlling four of the 3-State outputs.
The 74LVT162240A is designed with 30
Ω series resistance in both
the pull-up and pull-down output structures. This design reduces line
noise in applications such as memory address drivers, clock drivers,
and bus receivers/transmitters.
The 74LVT162240A is the same as the 74LVT16240A-1. The part
number has been changed to reflect industry standards.
QUICK REFERENCE DATA
SYMBOL
PARAMETER
CONDITIONS
Tamb = 25°C
TYPICAL
UNIT
tPLH
tPHL
Propagation delay
nAx to nYx
CL = 50pF;
VCC = 3.3V
2.6
ns
CIN
Input capacitance nOE
VI = 0V or 3.0V
3
pF
COUT
Output capacitance
VO = 0V or 3.0V
9
pF
ICCZ
Total supply current
Outputs disabled; VCC = 3.6V
70
µA
ORDERING INFORMATION
PACKAGES
TEMPERATURE RANGE
OUTSIDE NORTH AMERICA
NORTH AMERICA
DWG NUMBER
48-Pin Plastic SSOP Type III
–40
°C to +85°C
74LVT162240A DL
VT162240A DL
SOT370-1
48-Pin Plastic TSSOP Type II
–40
°C to +85°C
74LVT162240A DGG
VT162240A DGG
SOT362-1
LOGIC SYMBOL
1OE
1
1A0
47
1A1
46
1A2
44
1A3
43
2OE
48
2A0
41
2A1
2
40
2A2
38
3
2A3
37
5
6
1Y0
1Y1
1Y2
1Y3
2Y0
2Y1
2Y2
2Y3
8
9
11
12
3OE
25
3A0
36
3A1
35
3A2
33
3A3
32
4OE
24
4A0
30
4A1
13
29
4A2
27
14
4A3
26
16
17
3Y0
3Y1
3Y2
3Y3
4Y0
4Y1
4Y2
4Y3
19
20
22
23
SW00004
PIN DESCRIPTION
PIN NUMBER
SYMBOL
NAME AND FUNCTION
47, 46, 44, 43,
41, 40, 38, 37,
36, 35, 33, 32,
30, 29, 27, 26
1A0 - 1A3
2A0 - 2A3
3A0 - 3A3
4A0 - 4A3
Data inputs
2, 3, 5, 6,
8, 9, 11, 12,
13, 14, 16, 17,
19, 20, 22, 23
1Y0 - 1Y3
2Y0 - 2Y3
3Y0 - 3Y3
4Y0 - 4Y3
Data outputs
1, 48
25, 24
1OE, 2OE,
3OE, 4OE
Output enables
4, 10, 15, 21,
28, 34, 39, 45
GND
Ground (0V)
7, 18, 31, 42
VCC
Positive supply voltage


Similar Part No. - 74LVT162240A

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
74LVT162240A NEXPERIA-74LVT162240A Datasheet
191Kb / 14P
   3.3 V 16-bit inverting buffer/driver with 30 Ω termination resistors; 3-state
Rev. 4 - 4 June 2018
74LVT162240ADGG NEXPERIA-74LVT162240ADGG Datasheet
191Kb / 14P
   3.3 V 16-bit inverting buffer/driver with 30 Ω termination resistors; 3-state
Rev. 4 - 4 June 2018
More results

Similar Description - 74LVT162240A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74ALVT162240 PHILIPS-74ALVT162240 Datasheet
86Kb / 10P
   16-bit inverting buffer/driver with 30ohm termination resistors (3-State)
1998 Feb 13
74LVT162245B PHILIPS-74LVT162245B Datasheet
80Kb / 10P
   3.3V LVT 16-bit transceiver with 30ohm termination resistors 3-State
1998 Feb 19
74ALVT162244 PHILIPS-74ALVT162244 Datasheet
86Kb / 10P
   2.5V/3.3V 16-bit buffer/driver with 30ohm termination resistors 3-State
1998 Oct 07
74LVT16240A PHILIPS-74LVT16240A Datasheet
81Kb / 10P
   3.3V LVT 16-bit inverting buffer/driver 3-State
1998 Feb 19
74ALVT162241 PHILIPS-74ALVT162241 Datasheet
88Kb / 10P
   2.5V/3.3V 16-bit buffer/driver with 30ohm termination resistors 3-State
1998 Feb 13
74LVT162244B PHILIPS-74LVT162244B Datasheet
77Kb / 10P
   3.3V 16-bit buffer/driver with 30ohm termination resistors
1998 Oct 07
74ABT162240 PHILIPS-74ABT162240 Datasheet
81Kb / 12P
   16-bit inverting buffer/driver with 30ohm series termination resistors
1998 Feb 25
74ABT162827A PHILIPS-74ABT162827A Datasheet
78Kb / 11P
   20-bit buffer/line driver, non-inverting,with 30ohm termination resistors (3-State)
1998 Feb 27
74ALVCH162827 PHILIPS-74ALVCH162827 Datasheet
72Kb / 10P
   20-bit buffer/line driver, non-inverting,with 30ohm termination resistors (3-State)
1998 Sep 29
74ALVT162827 PHILIPS-74ALVT162827 Datasheet
83Kb / 10P
   20-bit buffer/line driver, non-inverting, with 30ohm termination resistors 3-State
1998 Feb 13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com