Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HAF1009 Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # HAF1009
Description  Silicon P Channel MOS FET Series Power Switching
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HAF1009 Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button HAF1009 Datasheet HTML 2Page - Renesas Technology Corp HAF1009 Datasheet HTML 3Page - Renesas Technology Corp HAF1009 Datasheet HTML 4Page - Renesas Technology Corp HAF1009 Datasheet HTML 5Page - Renesas Technology Corp HAF1009 Datasheet HTML 6Page - Renesas Technology Corp HAF1009 Datasheet HTML 7Page - Renesas Technology Corp HAF1009 Datasheet HTML 8Page - Renesas Technology Corp HAF1009 Datasheet HTML 9Page - Renesas Technology Corp HAF1009 Datasheet HTML 10Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
HAF1009(L), HAF1009(S)
Rev.1.00, May.13.2003, page 7 of 10
-2
-4
-12
-10
-8
-6
0
Gate to Source Voltage vs.
Shutdown Time of Load-Short Test
0.1
Shutdown Time of Load-Short Test
Pw (S)
0.0001
0.001
0.01
-24V
VDD = -16 V
200
180
160
140
120
-0
Gate to Source Voltage
VGS (V)
100
-2
-4
-6
-8
-10
ID = -5 A
Shutdown Case Temperature vs.
Gate to Source Voltage
3
1
0.3
0.1
0.03
0.01
10
µ
100
µ
1 m
10 m
100 m
1
10
DM
P
PW
T
D =
PW
T
ch - c(t) = s (t)
• ch - c
ch - c = 2.5
°C/W, Tc = 25°C
θ
γ
θ
θ
Tc = 25
°C
D = 1
0.5
0.2
0.1
0.05
0.02
0.01
1shot
pulse
Pulse Width PW (S)
Normalized Transient Thermal Impedance vs. Pulse Width


Similar Part No. - HAF1009

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HAF1009 RENESAS-HAF1009_15 Datasheet
126Kb / 12P
   Silicon P Channel MOS FET Series Power Switching
More results

Similar Description - HAF1009

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RJE0603JPE RENESAS-RJE0603JPE_15 Datasheet
88Kb / 7P
   Silicon P Channel MOS FET Series Power Switching
RJE0609JPD RENESAS-RJE0609JPD_15 Datasheet
90Kb / 7P
   Silicon P Channel MOS FET Series Power Switching
HAF1004 RENESAS-HAF1004_15 Datasheet
138Kb / 12P
   Silicon P Channel MOS FET Series Power Switching
HAF1008 RENESAS-HAF1008_15 Datasheet
140Kb / 13P
   Silicon P Channel MOS FET Series Power Switching
HAF1010RJ RENESAS-HAF1010RJ Datasheet
147Kb / 7P
   Silicon P Channel MOS FET Series Power Switching
RJE0616JSP RENESAS-RJE0616JSP Datasheet
99Kb / 8P
   Silicon P Channel MOS FET Series Power Switching
RJE0607JSP RENESAS-RJE0607JSP_15 Datasheet
101Kb / 8P
   Silicon P Channel MOS FET Series Power Switching
HAF1001 RENESAS-HAF1001 Datasheet
88Kb / 8P
   Silicon P Channel MOS FET Series Power Switching
RJE0601JPE RENESAS-RJE0601JPE Datasheet
91Kb / 7P
   Silicon P Channel MOS FET Series Power Switching
RJE0609JPD RENESAS-RJE0609JPD Datasheet
90Kb / 7P
   Silicon P Channel MOS FET Series Power Switching
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com