Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY7C1387D-200AI Datasheet(PDF) 7 Page - Cypress Semiconductor

Part # CY7C1387D-200AI
Description  18-Mbit (512K x 36/1 Mbit x 18) Pipelined DCD Sync SRAM
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1387D-200AI Datasheet(HTML) 7 Page - Cypress Semiconductor

Back Button CY7C1387D-200AI Datasheet HTML 3Page - Cypress Semiconductor CY7C1387D-200AI Datasheet HTML 4Page - Cypress Semiconductor CY7C1387D-200AI Datasheet HTML 5Page - Cypress Semiconductor CY7C1387D-200AI Datasheet HTML 6Page - Cypress Semiconductor CY7C1387D-200AI Datasheet HTML 7Page - Cypress Semiconductor CY7C1387D-200AI Datasheet HTML 8Page - Cypress Semiconductor CY7C1387D-200AI Datasheet HTML 9Page - Cypress Semiconductor CY7C1387D-200AI Datasheet HTML 10Page - Cypress Semiconductor CY7C1387D-200AI Datasheet HTML 11Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 29 page
background image
PRELIMINARY
CY7C1386D
CY7C1387D
Document #: 38-05545 Rev. *A
Page 7 of 30
VDDQ
I/O Power Supply
Power supply for the I/O circuitry.
MODE
Input-
Static
Selects Burst Order. When tied to GND selects linear burst sequence. When tied
to VDD or left floating selects interleaved burst sequence. This is a strap pin and
should remain static during device operation. Mode Pin has an internal pull-up.
TDO
JTAG serial output
Synchronous
Serial data-out to the JTAG circuit. Delivers data on the negative edge of TCK. If
the JTAG feature is not being utilized, this pin should be disconnected. This pin is
not available on TQFP packages.
TDI
JTAG serial
input
Synchronous
Serial data-in to the JTAG circuit. Sampled on the rising edge of TCK. If the JTAG
feature is not being utilized, this pin can be disconnected or connected to VDD. This
pin is not available on TQFP packages.
TMS
JTAG serial
input
Synchronous
Serial data-in to the JTAG circuit. Sampled on the rising edge of TCK. If the JTAG
feature is not being utilized, this pin can be disconnected or connected to VDD. This
pin is not available on TQFP packages.
TCK
JTAG-
Clock
Clock input to the JTAG circuitry. If the JTAG feature is not being utilized, this pin
must be connected to VSS. This pin is not available on TQFP packages.
NC
No Connects. Not internally connected to the die
Pin Definitions (continued)
Name
I/O
Description


Similar Part No. - CY7C1387D-200AI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1387D-200AXC CYPRESS-CY7C1387D-200AXC Datasheet
1Mb / 30P
   18-Mbit (512K x 36/1 Mbit x 18) Pipelined DCD Sync SRAM
CY7C1387D-200AXI CYPRESS-CY7C1387D-200AXI Datasheet
1Mb / 30P
   18-Mbit (512K x 36/1 Mbit x 18) Pipelined DCD Sync SRAM
More results

Similar Description - CY7C1387D-200AI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1386D CYPRESS-CY7C1386D_07 Datasheet
1Mb / 30P
   18-Mbit (512K x 36/1 Mbit x 18) Pipelined DCD Sync SRAM
CY7C1386DV25 CYPRESS-CY7C1386DV25 Datasheet
1Mb / 30P
   18-Mbit (512K x 36/1M x 18) Pipelined DCD Sync SRAM
CY7C1366C CYPRESS-CY7C1366C_06 Datasheet
549Kb / 29P
   9-Mbit (256K x 36/512K x 18) Pipelined DCD Sync SRAM
CY7C1366C CYPRESS-CY7C1366C Datasheet
458Kb / 27P
   9-Mbit (256K x 36/512K x 18) Pipelined DCD Sync SRAM
CY7C1298H CYPRESS-CY7C1298H Datasheet
383Kb / 16P
   1-Mbit (64K x 18) Pipelined DCD Sync SRAM
CY7C1298F CYPRESS-CY7C1298F Datasheet
332Kb / 15P
   1-Mbit (64K x 18) Pipelined DCD Sync SRAM
CY7C1386D CYPRESS-CY7C1386D_11 Datasheet
1Mb / 36P
   18-Mbit (512 K x 36/1 M x 18) Pipelined DCD Sync SRAM
CY7C1444AV25 CYPRESS-CY7C1444AV25 Datasheet
440Kb / 26P
   36-Mbit (1M x 36/2M x 18) Pipelined DCD Sync SRAM
CY7C1444AV33 CYPRESS-CY7C1444AV33 Datasheet
479Kb / 26P
   36-Mbit (1M x 36/2Mx 18) Pipelined DCD Sync SRAM
CY7C1484V25 CYPRESS-CY7C1484V25 Datasheet
1Mb / 26P
   72-Mbit (2M x 36/4M x 18) Pipelined DCD Sync SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com