Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HX2-6V Datasheet(PDF) 2 Page - Nais(Matsushita Electric Works)

Part # HX2-6V
Description  Compact & Slim 2 Form C Non-polarized Relay
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NAIS [Nais(Matsushita Electric Works)]
Direct Link  
Logo NAIS - Nais(Matsushita Electric Works)

HX2-6V Datasheet(HTML) 2 Page - Nais(Matsushita Electric Works)

  HX2-6V Datasheet HTML 1Page - Nais(Matsushita Electric Works) HX2-6V Datasheet HTML 2Page - Nais(Matsushita Electric Works) HX2-6V Datasheet HTML 3Page - Nais(Matsushita Electric Works)  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
HX
184
TYPES AND COIL DATA
Standard packing: Tube; 40 pcs.; Case : 1,000 pcs.
Contact
arrangement
Coil rating,
V DC
Part No.
Pick-up
voltage,
V DC (max.)
(at 20
°C 68°F)
Drop-out
voltage,
V DC (min.)
(at 20
°C 68°F)
Normal
operating
current,
mA (
±10%)
(at 20
°C 68°F)
Coil
Resistance,
ohm (
±10%)
(at 20
°C 68°F)
Nominal
operating
power,
mW
Max. allowable
voltage,
V DC
(at 70
°C 158°F)
Standard
PC board
terminal
arrangement
2 Form C
1.5
HX2-1.5V
1.13
0.15
214
7.0
320
1.65
3
HX2-3V
2.25
0.3
107
28.1
320
3.3
4.5
HX2-4.5V
3.38
0.45
71.1
63.3
320
4.95
5
HX2-5V
3.75
0.5
64.0
78.1
320
5.5
6
HX2-6V
4.5
0.6
53.6
112
320
6.6
9
HX2-9V
6.75
0.9
35.6
253
320
9.9
12
HX2-12V
9
1.2
26.7
450
320
13.2
24
HX2-24V
18
2.4
13.3
1,800
320
26.4
DIMENSIONS
1. Standard PC board terminal type
mm inch
General tolerance:
±0.3 ±.012
15.00
.591
9.4
.370
0.5
.020
5.08
.200
7.4
.291
5.08
.200
0.25
.010
0.45
.018
3.5
.138
1.15
.138
2.54
.100
PC board pattern (Bottom view)
Tolerance:
±0.1 ±.004
Schematic (Bottom view)
10.16
.400
5.08
.200
2.54
.100
2.54
.100
8-1 dia
8-.039 dia
1
12
3
10
4
9
5
8
REFERENCE DATA
1. Maximum switching capacity
2. Life curve
3. Mechanical life
Tested sample: HX2-12 V, 10 pcs.
DC load (cos
ϕ = 1)
AC load (cos
ϕ = 1)
20
30
50
100
200 300
0.2
0.3
0.4
0.5
1.0
2.0
3.0
Switching voltage, V
0.2
0.4
0.6
0.8
1.0
1.2
10
20
30
50
100
200
Switching current, A
125 V AC
resistive load
30 V DC
resistive load
0
10
20
30
40
50
60
70
80
90
100
Max.
Min.
Max.
Min.
100
500
1,000
No. of operations,
×104
Drop-out voltage
Pick-up voltage
4. Electrical life (1 A 30 V DC resistive load)
Tested sample: HX2-12 V, 6 pcs.
Operating frequency: 20 cpm
Change of pick-up and drop-out voltage
Change of contact resistance
5. Coil temperature rise
Tested sample: HX2-12 V
Measured portion: Inside the coil
Ambient temperature: 25
°C 77°F, 70°C 158°F
0
10
20
30
40
50
60
70
80
90
100
Max.
Min.
Max.
Min.
No. of operations,
×104
510
Drop-out voltage
Pick-up voltage
0
10
20
30
40
50
60
70
80
90
100
Max.
Min.
No. of operations,
×104
510
0
10
20
30
40
50
60
70
100
110
120
130
140
150
Coil applied voltage, %V
1 A
0 A
1 A
0 A
70
°C 158°F
Room
temperature
(25
°C 77°F)


Similar Part No. - HX2-6V

ManufacturerPart #DatasheetDescription
logo
LEM
HX20-P LEM-HX20-P Datasheet
62Kb / 2P
   Current Transducer HX 03~50-P
HX20-P LEM-HX20-P Datasheet
660Kb / 2P
   Current Transducer
HX20-P LEM-HX20-P Datasheet
660Kb / 2P
   Current Transducer
HX20-P LEM-HX20-P Datasheet
432Kb / 3P
   Current Transducer
HX20-P/SP2 LEM-HX20-P/SP2 Datasheet
62Kb / 2P
   Current Transducer HX 03~50-P/SP2
More results

Similar Description - HX2-6V

ManufacturerPart #DatasheetDescription
logo
Nais(Matsushita Electri...
TN2-3V NAIS-TN2-3V Datasheet
78Kb / 4P
   SLIM POLARIZED RELAY
TN2-12 NAIS-TN2-12 Datasheet
76Kb / 4P
   SLIM POLARIZED RELAY
ALA2F12 NAIS-ALA2F12 Datasheet
60Kb / 3P
   2 Form A slim power relay
logo
Tyco Electronics
PCI MACOM-PCI Datasheet
188Kb / 2P
   Slim 2 Form A Miniature PC Board Relay
logo
Panasonic Battery Group
HY PANASONICBATTERY-HY Datasheet
84Kb / 4P
   Non-polarized 1 Form C relay that realizes nominal operating power of 150 mW
logo
Panasonic Semiconductor
HY1-3V PANASONIC-HY1-3V Datasheet
79Kb / 4P
   Non-polarized 1 Form C relay that realizes nominal operating power of 150 mW
logo
Nais(Matsushita Electri...
TQ2-3V NAIS-TQ2-3V Datasheet
151Kb / 7P
   LOW PROFILE 2 FORM C RELAY
AGN20003 NAIS-AGN20003 Datasheet
103Kb / 4P
   ULTRA-SMALL PACKAGE SLIM POLARIZED RELAY
logo
Panasonic Semiconductor
SFS6-PS PANASONIC-SFS6-PS Datasheet
2Mb / 9P
   Slim compact safety relay
logo
Panasonic Battery Group
LF-G PANASONICBATTERY-LF-G Datasheet
157Kb / 1P
   Non-Polarized Power Relay
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com