Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY7C1387D-200BZC Datasheet(PDF) 2 Page - Cypress Semiconductor

Part # CY7C1387D-200BZC
Description  18-Mbit (512K x 36/1 Mbit x 18) Pipelined DCD Sync SRAM
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1387D-200BZC Datasheet(HTML) 2 Page - Cypress Semiconductor

  CY7C1387D-200BZC Datasheet HTML 1Page - Cypress Semiconductor CY7C1387D-200BZC Datasheet HTML 2Page - Cypress Semiconductor CY7C1387D-200BZC Datasheet HTML 3Page - Cypress Semiconductor CY7C1387D-200BZC Datasheet HTML 4Page - Cypress Semiconductor CY7C1387D-200BZC Datasheet HTML 5Page - Cypress Semiconductor CY7C1387D-200BZC Datasheet HTML 6Page - Cypress Semiconductor CY7C1387D-200BZC Datasheet HTML 7Page - Cypress Semiconductor CY7C1387D-200BZC Datasheet HTML 8Page - Cypress Semiconductor CY7C1387D-200BZC Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 29 page
background image
PRELIMINARY
CY7C1386D
CY7C1387D
Document #: 38-05545 Rev. *A
Page 2 of 30
1
2
ADDRESS
REGISTER
ADV
CLK
BURST
COUNTER AND
LOGIC
CLR
Q1
Q0
ADSP
ADSC
MODE
BWD
BWC
BWB
BWA
BWE
GW
CE1
CE2
CE3
OE
DQD,DQPD
BYTE
WRITE REGISTER
DQc,DQPC
BYTE
WRITE REGISTER
DQB,DQPB
BYTE
WRITE REGISTER
DQA,DQPA
BYTE
WRITE REGISTER
ENABLE
REGISTER
PIPELINED
ENABLE
OUTPUT
REGISTERS
SENSE
AMPS
MEMORY
ARRAY
OUTPUT
BUFFERS
DQA,DQPA
BYTE
WRITE DRIVER
DQB,DQPB
BYTE
WRITE DRIVER
DQc,DQPC
BYTE
WRITE DRIVER
DQD,DQPD
BYTE
WRITE DRIVER
INPUT
REGISTERS
A0,A1,A
A[1:0]
SLEEP
CONTROL
ZZ
E
2
DQs
DQPA
DQPB
DQPC
DQPD
Logic Block Diagram – CY7C1386D (512K x 36)
ADDRESS
REGISTER
ADV
CLK
BURST
COUNTER AND
LOGIC
CLR
Q1
Q0
ADSC
BWB
BWA
CE1
DQB, DQPB
BYTE
WRITE REGISTER
DQA , DQPA
BYTE
WRITE REGISTER
ENABLE
REGISTER
OE
SENSE
AMPS
MEMORY
ARRAY
ADSP
2
A[1:0]
MODE
CE2
CE3
GW
BWE
PIPELINED
ENABLE
DQs,
DQPA
DQPB
OUTPUT
REGISTERS
INPUT
REGISTERS
E
OUTPUT
BUFFERS
DQB , DQPB
BYTE
WRITE DRIVER
DQA, DQPA
BYTE
WRITE DRIVER
SLEEP
CONTROL
ZZ
A0, A1, A
Logic Block Diagram – CY7C1387D (1M x 18)


Similar Part No. - CY7C1387D-200BZC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1387D-200BZC CYPRESS-CY7C1387D-200BZC Datasheet
1Mb / 30P
   18-Mbit (512K x 36/1 Mbit x 18) Pipelined DCD Sync SRAM
More results

Similar Description - CY7C1387D-200BZC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1386D CYPRESS-CY7C1386D_07 Datasheet
1Mb / 30P
   18-Mbit (512K x 36/1 Mbit x 18) Pipelined DCD Sync SRAM
CY7C1386DV25 CYPRESS-CY7C1386DV25 Datasheet
1Mb / 30P
   18-Mbit (512K x 36/1M x 18) Pipelined DCD Sync SRAM
CY7C1366C CYPRESS-CY7C1366C_06 Datasheet
549Kb / 29P
   9-Mbit (256K x 36/512K x 18) Pipelined DCD Sync SRAM
CY7C1366C CYPRESS-CY7C1366C Datasheet
458Kb / 27P
   9-Mbit (256K x 36/512K x 18) Pipelined DCD Sync SRAM
CY7C1298H CYPRESS-CY7C1298H Datasheet
383Kb / 16P
   1-Mbit (64K x 18) Pipelined DCD Sync SRAM
CY7C1298F CYPRESS-CY7C1298F Datasheet
332Kb / 15P
   1-Mbit (64K x 18) Pipelined DCD Sync SRAM
CY7C1386D CYPRESS-CY7C1386D_11 Datasheet
1Mb / 36P
   18-Mbit (512 K x 36/1 M x 18) Pipelined DCD Sync SRAM
CY7C1444AV25 CYPRESS-CY7C1444AV25 Datasheet
440Kb / 26P
   36-Mbit (1M x 36/2M x 18) Pipelined DCD Sync SRAM
CY7C1444AV33 CYPRESS-CY7C1444AV33 Datasheet
479Kb / 26P
   36-Mbit (1M x 36/2Mx 18) Pipelined DCD Sync SRAM
CY7C1484V25 CYPRESS-CY7C1484V25 Datasheet
1Mb / 26P
   72-Mbit (2M x 36/4M x 18) Pipelined DCD Sync SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com