Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HP2-M-AC6V Datasheet(PDF) 9 Page - Nais(Matsushita Electric Works)

Part # HP2-M-AC6V
Description  10 AMP POWER RELAY
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NAIS [Nais(Matsushita Electric Works)]
Direct Link  
Logo NAIS - Nais(Matsushita Electric Works)

HP2-M-AC6V Datasheet(HTML) 9 Page - Nais(Matsushita Electric Works)

Back Button HP2-M-AC6V Datasheet HTML 3Page - Nais(Matsushita Electric Works) HP2-M-AC6V Datasheet HTML 4Page - Nais(Matsushita Electric Works) HP2-M-AC6V Datasheet HTML 5Page - Nais(Matsushita Electric Works) HP2-M-AC6V Datasheet HTML 6Page - Nais(Matsushita Electric Works) HP2-M-AC6V Datasheet HTML 7Page - Nais(Matsushita Electric Works) HP2-M-AC6V Datasheet HTML 8Page - Nais(Matsushita Electric Works) HP2-M-AC6V Datasheet HTML 9Page - Nais(Matsushita Electric Works) HP2-M-AC6V Datasheet HTML 10Page - Nais(Matsushita Electric Works) HP2-M-AC6V Datasheet HTML 11Page - Nais(Matsushita Electric Works)  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
HP
419
HP3-M (3 Form C) Direct mounting types
2.1R
2.1R
38
1.496
16
.630
44
1.732
20.5
.807
16
.630
38
1.496
4.75
.187
4.75
.187
4.75
.187
36
1.417
2
.079
2
.079
0.5
.020
5.5
.217
5.75
.226
8.5
.335
7.65
.301
4.1
.161
0.5
.020
0.5
.020
0.5
.020
2.5
.098
2.5
.098
11
.433
11
.433
36
1.417
4.2
.165
7
.276
5
.197
3
.118
11
.433
60
2.362 73.5
2.894
4.2
.165
Accepts
Faston 187
Circuit diagram
Dimension :
General tolerance
Max. 2mm .079 inch:
±0.2 ±.008
2 to 9mm .079 to .354 inch:
±0.5 ±.020
9 to 20mm .354 to .787 inch:
±1.0 ±.039
Min. 20mm .787 inch:
±1.5 ±.059
Mounting dimension
60
2.362
MIN. 2
.079
MIN. 40
1.575
4.2
±0.1 DIA. HOLE or
4 mm SCREW HOLE
.165
±.004 DIA. HOLE
4 mm SCREW or
8-32 NC-2 SCREW
SPRING
WASHER
36
1.417
16
.630
44
1.732 60
2.362
73.5
2.894
11
.433
20.5
.807
7
.276
5
.197
38
1.496
mm inch
HP4 (4 Form C) Plug-in terminal types
0.5
.020
5
.197
8
.315
5
.197
44
1.732 51
2.008
50
1.969
40
1.575
10
.394
0.8
.031
5.26
.207
36
1.417
25
.984
10
.394
10
.394
9.5 .374
7.5 .295
5.8 .228
5.3 .209
Circuit diagram
Dimension :
General tolerance
Max. 2mm .079 inch:
±0.2 ±.008
2 to 9mm .079 to .354 inch:
±0.5 ±.020
9 to 20mm .354 to .787 inch:
±1.0 ±.039
Min. 20mm .787 inch:
±1.5 ±.059
Accepts
Faston 187


Similar Part No. - HP2-M-AC6V

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
HP2-0066L COILCRAFT-HP2-0066L Datasheet
489Kb / 10P
   Hexa-Path Magnetics
HP2-0066L COILCRAFT-HP2-0066L Datasheet
609Kb / 10P
   Hexa-Path Magnetics
HP2-0083L COILCRAFT-HP2-0083L Datasheet
489Kb / 10P
   Hexa-Path Magnetics
HP2-0083L COILCRAFT-HP2-0083L Datasheet
609Kb / 10P
   Hexa-Path Magnetics
HP2-0116L COILCRAFT-HP2-0116L Datasheet
489Kb / 10P
   Hexa-Path Magnetics
More results

Similar Description - HP2-M-AC6V

ManufacturerPart #DatasheetDescription
logo
ZETTLER Electronics
AZ940 ZETTLER-AZ940_14 Datasheet
49Kb / 3P
   10 AMP MINIATURE POWER RELAY
AZ697 ZETTLER-AZ697 Datasheet
56Kb / 2P
   10 AMP MINIATURE POWER RELAY
logo
American Zettler, Inc.
AZ6961 AZETTLER-AZ6961 Datasheet
87Kb / 2P
   10 AMP SUBMINIATURE POWER RELAY
AZ692 AZETTLER-AZ692 Datasheet
156Kb / 4P
   10 AMP MINIATURE POWER RELAY
logo
ZETTLER Electronics
AZ6963 ZETTLER-AZ6963 Datasheet
56Kb / 2P
   10 AMP SUBMINIATURE POWER RELAY
AZ9405 ZETTLER-AZ9405 Datasheet
509Kb / 2P
   10 AMP MINIATURE POWER RELAY
logo
List of Unclassifed Man...
AZ696 ETC-AZ696 Datasheet
57Kb / 2P
   10 AMP SUBMINIATURE POWER RELAY
AZ697 ETC1-AZ697 Datasheet
53Kb / 2P
   10 AMP MINIATURE POWER RELAY
AZ692 ETC1-AZ692 Datasheet
20Kb / 1P
   10 AMP MINIATURE POWER RELAY
logo
ZETTLER Electronics
AZ6962 ZETTLER-AZ6962 Datasheet
55Kb / 2P
   10 AMP SUBMINIATURE POWER RELAY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com