Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC74LVX259D Datasheet(PDF) 7 Page - ON Semiconductor

Part # MC74LVX259D
Description  8-Bit Addressable Latch/1-of-8 Decoder CMOS Logic Level Shifter
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74LVX259D Datasheet(HTML) 7 Page - ON Semiconductor

Back Button MC74LVX259D Datasheet HTML 3Page - ON Semiconductor MC74LVX259D Datasheet HTML 4Page - ON Semiconductor MC74LVX259D Datasheet HTML 5Page - ON Semiconductor MC74LVX259D Datasheet HTML 6Page - ON Semiconductor MC74LVX259D Datasheet HTML 7Page - ON Semiconductor MC74LVX259D Datasheet HTML 8Page - ON Semiconductor MC74LVX259D Datasheet HTML 9Page - ON Semiconductor MC74LVX259D Datasheet HTML 10Page - ON Semiconductor MC74LVX259D Datasheet HTML 11Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
MC74LVX259
http://onsemi.com
7
D1
FOR COMPONENTS
10 PITCHES
CUMULATIVE
TOLERANCE ON
TAPE
±0.2 mm
(
±0.008”)
2.0 mm
× 1.2 mm
AND LARGER
CENTER
LINES
OF CAVITY
EMBOSSMENT
USER DIRECTION OF FEED
K0
SEE
NOTE 7.
P0
P2
D
E
F
W
B0
+
+
+
K
t
B1
TOP
COVER
TAPE
P
SEE NOTE 7.
A0
FOR MACHINE REFERENCE
ONLY
INCLUDING DRAFT AND RADII
CONCENTRIC AROUND B0
R MIN.
TAPE AND COMPONENTS
SHALL PASS AROUND RADIUS “R”
WITHOUT DAMAGE
BENDING RADIUS
*TOP COVER
TAPE THICKNESS (t1)
0.10 mm
(0.004”) MAX.
EMBOSSED
CARRIER
EMBOSSMENT
TYPICAL
COMPONENT CAVITY
CENTER LINE
TYPICAL
COMPONENT
CENTER LINE
MAXIMUM COMPONENT ROTATION
10
°
CAMBER (TOP VIEW)
ALLOWABLE CAMBER TO BE 1 mm/100 mm NONACCUMULATIVE OVER 250 mm
100 mm
(3.937”)
1 mm
(0.039”) MAX
250 mm
(9.843”)
1 mm MAX
TAPE
7. A0, B0, and K0 are determined by component size. The clearance between the components and the cavity must be within 0.05 mm min to
0.50 mm max. The component cannot rotate more than 10
° within the determined cavity
Figure 11. Carrier Tape Specifications


Similar Part No. - MC74LVX259D

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74LVX259D ONSEMI-MC74LVX259D Datasheet
108Kb / 10P
   8-Bit Addressable Latch/1-of-8 Decoder CMOS Logic Level Shifter with LSTTL?묬ompatible Inputs
March, 2005 ??Rev. 2
MC74LVX259DG ONSEMI-MC74LVX259DG Datasheet
108Kb / 10P
   8-Bit Addressable Latch/1-of-8 Decoder CMOS Logic Level Shifter with LSTTL?묬ompatible Inputs
March, 2005 ??Rev. 2
MC74LVX259DG ONSEMI-MC74LVX259DG Datasheet
130Kb / 9P
   8-Bit Addressable Latch/1-of-8 Decoder CMOS Logic Level Shifter
August, 2014 ??Rev. 4
MC74LVX259DR2 ONSEMI-MC74LVX259DR2 Datasheet
108Kb / 10P
   8-Bit Addressable Latch/1-of-8 Decoder CMOS Logic Level Shifter with LSTTL?묬ompatible Inputs
March, 2005 ??Rev. 2
MC74LVX259DR2G ONSEMI-MC74LVX259DR2G Datasheet
108Kb / 10P
   8-Bit Addressable Latch/1-of-8 Decoder CMOS Logic Level Shifter with LSTTL?묬ompatible Inputs
March, 2005 ??Rev. 2
More results

Similar Description - MC74LVX259D

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74LVX259 ONSEMI-MC74LVX259_14 Datasheet
130Kb / 9P
   8-Bit Addressable Latch/1-of-8 Decoder CMOS Logic Level Shifter
August, 2014 ??Rev. 4
MC74VHC259 ONSEMI-MC74VHC259 Datasheet
118Kb / 8P
   8-Bit Addressable Latch/1-of-8 Decoder CMOS Logic Level Shifter
April, 2001 ??Rev. 2
MC74VHCT259A ONSEMI-MC74VHCT259A_14 Datasheet
110Kb / 9P
   8-Bit Addressable Latch/1-of-8 Decoder CMOS Logic Level Shifter
October, 2014 ??Rev. 6
MC74VHC259 ONSEMI-MC74VHC259_14 Datasheet
107Kb / 8P
   8-Bit Addressable Latch/1-of-8 Decoder CMOS Logic Level Shifter
September, 2014 ??Rev. 5
MC74LVX259 ONSEMI-MC74LVX259_05 Datasheet
108Kb / 10P
   8-Bit Addressable Latch/1-of-8 Decoder CMOS Logic Level Shifter with LSTTL?묬ompatible Inputs
March, 2005 ??Rev. 2
MC74VHC259 ONSEMI-MC74VHC259_06 Datasheet
229Kb / 8P
   8-Bit Addressable Latch/1-of-8 Decoder CMOS Logic Level Shifter with LSTTL-Compatible Inputs
March, 2006 -- Rev. 3
MC74HC259A ONSEMI-MC74HC259A Datasheet
134Kb / 9P
   8-Bit Addressable Latch 1-of-8 Decoder
June, 2012 ??Rev. 3
logo
Motorola, Inc
MC54-74HC259A MOTOROLA-MC54-74HC259A Datasheet
246Kb / 8P
   8-Bit Addressable Latch 1-of-8 Decoder
MC54-74HC259 MOTOROLA-MC54-74HC259 Datasheet
199Kb / 7P
   8-Bit Addressable Latch 1-of-8 Decoder
logo
ON Semiconductor
MC74VHCT259A ONSEMI-MC74VHCT259A Datasheet
116Kb / 9P
   8?묪it Addressable Latch/1?뭥f?? Decoder CMOS Logic Level Shifter with LSTTL?묬ompatible Inputs
January, 2006 ??Rev. 4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com