Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC74LVX259DR2 Datasheet(PDF) 1 Page - ON Semiconductor

Part # MC74LVX259DR2
Description  8-Bit Addressable Latch/1-of-8 Decoder CMOS Logic Level Shifter
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74LVX259DR2 Datasheet(HTML) 1 Page - ON Semiconductor

  MC74LVX259DR2 Datasheet HTML 1Page - ON Semiconductor MC74LVX259DR2 Datasheet HTML 2Page - ON Semiconductor MC74LVX259DR2 Datasheet HTML 3Page - ON Semiconductor MC74LVX259DR2 Datasheet HTML 4Page - ON Semiconductor MC74LVX259DR2 Datasheet HTML 5Page - ON Semiconductor MC74LVX259DR2 Datasheet HTML 6Page - ON Semiconductor MC74LVX259DR2 Datasheet HTML 7Page - ON Semiconductor MC74LVX259DR2 Datasheet HTML 8Page - ON Semiconductor MC74LVX259DR2 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
© Semiconductor Components Industries, LLC, 2001
April, 2001 – Rev. 1
1
Publication Order Number:
MC74LVX259/D
MC74LVX259
8-Bit Addressable
Latch/1-of-8 Decoder
CMOS Logic Level Shifter
with LSTTL–Compatible Inputs
The MC74LVX259 is an 8–bit Addressable Latch fabricated with
silicon gate CMOS technology.
The internal circuit is composed of three stages, including a buffer
output which provides high noise immunity and stable output.
The LVX259 is designed for general purpose storage applications in
digital systems. The device has four modes of operation as shown in
the mode selection table.. In the addressable latch mode, the data on
Data In is written into the addressed latch. The addressed latch follows
the data input with all non–addressed latches remaining in their
previous states. In the memory mode, all latches remain in their
previous state and are unaffected by the Data or Address inputs. In the
one–of–eight decoding or demultiplexing mode, the addressed output
follows the state of Data In with all other outputs in the LOW state. In
the Reset mode, all outputs are LOW and unaffected by the address
and data inputs. When operating the LVX259 as an addressable latch,
changing more than one bit of the address could impose a transient
wrong address. Therefore, this should only be done while in the
memory mode.
The MC74LVX259 input structure provides protection when
voltages up to 7 V are applied, regardless of the supply voltage. This
allows the MC74LVX259 to be used to interface 5 V circuits to 3 V
circuits.
High Speed: t
PD = 7.0 ns (Typ) at VCC = 3.3 V
Low Power Dissipation: I
CC = 2 µA (Max) at TA = 25°C
High Noise Immunity: V
NIH = VNIL = 28% VCC
CMOS–Compatible Outputs: V
OH > 0.8 VCC; VOL < 0.1 VCC @Load
Power Down Protection Provided on Inputs and Outputs
Balanced Propagation Delays
Pin and Function Compatible with Other Standard Logic Families
Latchup Performance Exceeds 300 mA
ESD Performance: HBM > 2000 V; Machine Model > 200 V
http://onsemi.com
ORDERING INFORMATION
SOIC–16
D SUFFIX
CASE 751B
TSSOP–16
DT SUFFIX
CASE 948F
SOIC EIAJ–16
M SUFFIX
CASE 966
MARKING DIAGRAMS
LVX259
AWLYYWW
LVX
259
AWLYWW
LVX259
ALYW
Device
Package
Shipping
MC74LVX259D
SO–16
48 Units/Rail
MC74LVX259DR2
SO–16
2500 Units/Reel
MC74LVX259DT
TSSOP–16
96 Units/Rail
TSSOP–16 2000 Units/Reel
MC74LVX259M
SO EIAJ–16
48 Units/Rail
MC74LVX259MEL
SO EIAJ–16 2000 Units/Reel
MC74LVX259DTR2
A
= Assembly Location
WL or L
= Wafer Lot
YY or Y
= Year
WW or W = Work Week
1
8
9
16
1
8
16
9
1
16
9
8


Similar Part No. - MC74LVX259DR2

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74LVX259DR2 ONSEMI-MC74LVX259DR2 Datasheet
108Kb / 10P
   8-Bit Addressable Latch/1-of-8 Decoder CMOS Logic Level Shifter with LSTTL?묬ompatible Inputs
March, 2005 ??Rev. 2
MC74LVX259DR2G ONSEMI-MC74LVX259DR2G Datasheet
108Kb / 10P
   8-Bit Addressable Latch/1-of-8 Decoder CMOS Logic Level Shifter with LSTTL?묬ompatible Inputs
March, 2005 ??Rev. 2
MC74LVX259DR2G ONSEMI-MC74LVX259DR2G Datasheet
130Kb / 9P
   8-Bit Addressable Latch/1-of-8 Decoder CMOS Logic Level Shifter
August, 2014 ??Rev. 4
More results

Similar Description - MC74LVX259DR2

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74LVX259 ONSEMI-MC74LVX259_14 Datasheet
130Kb / 9P
   8-Bit Addressable Latch/1-of-8 Decoder CMOS Logic Level Shifter
August, 2014 ??Rev. 4
MC74VHC259 ONSEMI-MC74VHC259 Datasheet
118Kb / 8P
   8-Bit Addressable Latch/1-of-8 Decoder CMOS Logic Level Shifter
April, 2001 ??Rev. 2
MC74VHCT259A ONSEMI-MC74VHCT259A_14 Datasheet
110Kb / 9P
   8-Bit Addressable Latch/1-of-8 Decoder CMOS Logic Level Shifter
October, 2014 ??Rev. 6
MC74VHC259 ONSEMI-MC74VHC259_14 Datasheet
107Kb / 8P
   8-Bit Addressable Latch/1-of-8 Decoder CMOS Logic Level Shifter
September, 2014 ??Rev. 5
MC74LVX259 ONSEMI-MC74LVX259_05 Datasheet
108Kb / 10P
   8-Bit Addressable Latch/1-of-8 Decoder CMOS Logic Level Shifter with LSTTL?묬ompatible Inputs
March, 2005 ??Rev. 2
MC74VHC259 ONSEMI-MC74VHC259_06 Datasheet
229Kb / 8P
   8-Bit Addressable Latch/1-of-8 Decoder CMOS Logic Level Shifter with LSTTL-Compatible Inputs
March, 2006 -- Rev. 3
MC74HC259A ONSEMI-MC74HC259A Datasheet
134Kb / 9P
   8-Bit Addressable Latch 1-of-8 Decoder
June, 2012 ??Rev. 3
logo
Motorola, Inc
MC54-74HC259A MOTOROLA-MC54-74HC259A Datasheet
246Kb / 8P
   8-Bit Addressable Latch 1-of-8 Decoder
MC54-74HC259 MOTOROLA-MC54-74HC259 Datasheet
199Kb / 7P
   8-Bit Addressable Latch 1-of-8 Decoder
logo
ON Semiconductor
MC74VHCT259A ONSEMI-MC74VHCT259A Datasheet
116Kb / 9P
   8?묪it Addressable Latch/1?뭥f?? Decoder CMOS Logic Level Shifter with LSTTL?묬ompatible Inputs
January, 2006 ??Rev. 4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com