Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MM58248V Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # MM58248V
Description  High Voltage Display Driver
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

MM58248V Datasheet(HTML) 2 Page - National Semiconductor (TI)

  MM58248V Datasheet HTML 1Page - National Semiconductor (TI) MM58248V Datasheet HTML 2Page - National Semiconductor (TI) MM58248V Datasheet HTML 3Page - National Semiconductor (TI) MM58248V Datasheet HTML 4Page - National Semiconductor (TI) MM58248V Datasheet HTML 5Page - National Semiconductor (TI) MM58248V Datasheet HTML 6Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Absolute Maximum Ratings
If MilitaryAerospace specified devices are required
please contact the National Semiconductor Sales
OfficeDistributors for availability and specifications
Voltage at Any Input Pin
VDD a 03V to VSS b 03V
Voltage at Any Display Pin
VDD to VDD b 625V
VDD a
lVDISl
625V
Storage Temperature
b
65 Cto a150 C
Power Dissipation at a25 C
Molded DIP Package Board Mount
228W
Molded DIP Package Socket Mount
205W
Molded DIP Package Board Mount iJA e 46 CW
Derate 217 mW C above a25 C
Molded DIP Package Socket Mount iJA e 51 CW
Derate 196 mW C above a25 C
Junction Temperature
130 C
Lead Temperature
(Soldering 10 seconds)
260 C
Operating Conditions
Min
Max
Units
Supply Voltage (VDD)
VSS e 0V
45
55
V
Display Voltage (VDIS)
b
55
b
25
V
Temperature Range
b
40
a
85
C
DC Electrical Characteristics
TA eb40 Cto a85 C VDD e 5V g05V VSS e 0V unless otherwise specified
Symbol
Parameter
Conditions
Min
Typ
Max
Units
IDD
Power Supply Currents
VIN e VSS or VDD VSS e 0V
150
m
A
VDIS Disconnected
IDIS
VDD e 55V VSS e 0V
10
mA
VDIS eb55V All Outputs Low
VIL
Input Logic Levels
08
V
DATA IN CLOCK Logic ‘0’
VIH
Input Logic Levels
(Note 1)
24
V
DATA IN CLOCK Logic ‘1’
IIN
Input Currents DATA IN CLOCK
VIN e 0V or VDD
b
10
10
m
A
CIN
Input Capacitance DATA IN CLOCK
15
pF
ROFF
Display Output Impedances
VDD e 55V VSS e 0V
Output Off
(Figure 3a)
VDIS eb25V
60
400
kX
VDIS eb40V
70
550
kX
VDIS eb55V
80
650
kX
RON
Display Output Impedances
VDD e 55V VSS e 0V
Output on
(Figure 3b)
VDIS eb25V
30
40
kX
VDIS eb40V
26
37
kX
VDIS eb55V
23
34
kX
VDOL
Display Output
VDD e 55V IOUT e Open Circuit
VDIS
VDIS a 4V
Low Voltage
b
55V s VDIS s b25V
Note 1
74LSTTL VOH e 27V
IOUT eb400 mA TTL VOH e 24V
IOUT eb400 mA
AC Electrical Characteristics TA eb40 Cto a85 C VDD e 5V g05V
Symbol
Parameter
Conditions
Min
Typ
Max
Units
fC
Clock Input Frequency
(Notes 2 3)
10
MHz
tH
Clock Input High Time
300
ns
tL
Clock Input Low Time
300
ns
tDS
Data Input Setup Time
CL e 50 pF
100
ns
tDH
Data Input Hold Time
100
ns
Note 2
AC input waveform specification for test purposes tr tf s 20 ns f e 1 MHz 50% g10% duty cycle
Note 3
Clock input rise and fall times must not exceed 5 ms
2


Similar Part No. - MM58248V

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
MM58241 NSC-MM58241 Datasheet
150Kb / 8P
   MM58241 High Voltage Display Driver
MM58241N NSC-MM58241N Datasheet
150Kb / 8P
   MM58241 High Voltage Display Driver
MM58241V NSC-MM58241V Datasheet
150Kb / 8P
   MM58241 High Voltage Display Driver
MM58242 NSC-MM58242 Datasheet
137Kb / 6P
   High Voltage Display Driver
MM58242V NSC-MM58242V Datasheet
137Kb / 6P
   High Voltage Display Driver
More results

Similar Description - MM58248V

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC8030 MICREL-MIC8030 Datasheet
62Kb / 5P
   High-Voltage Display Driver
logo
National Semiconductor ...
MM58341 NSC-MM58341 Datasheet
147Kb / 6P
   High Voltage Display Driver
logo
Texas Instruments
MM58342 TI1-MM58342 Datasheet
229Kb / 7P
[Old version datasheet]   High Voltage Display Driver
logo
National Semiconductor ...
MM58242 NSC-MM58242 Datasheet
137Kb / 6P
   High Voltage Display Driver
logo
Holt Integrated Circuit...
HI-8050 HOLTIC-HI-8050 Datasheet
247Kb / 8P
   CMOS HIGH VOLTAGE DISPLAY DRIVER
HI-8045 HOLTIC-HI-8045_11 Datasheet
77Kb / 6P
   CMOS High Voltage Display Driver
logo
National Semiconductor ...
MM58241 NSC-MM58241 Datasheet
150Kb / 8P
   MM58241 High Voltage Display Driver
logo
Holt Integrated Circuit...
HI-8050 HOLTIC-HI-8050_03 Datasheet
95Kb / 8P
   CMOS HIGH VOLTAGE DISPLAY DRIVER
logo
National Semiconductor ...
MM58348 NSC-MM58348 Datasheet
142Kb / 6P
   MM58348 High Voltage Display Driver
logo
Holt Integrated Circuit...
HI-8010 HOLTIC-HI-8010_06 Datasheet
110Kb / 9P
   CMOS HIGH VOLTAGE DISPLAY DRIVER
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com