Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RPS250H250U1ZA3B015E Datasheet(PDF) 3 Page - Vishay Siliconix

Part # RPS250H250U1ZA3B015E
Description  Power Resistor for Mounting onto a Heatsink Thick Film Technology
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

RPS250H250U1ZA3B015E Datasheet(HTML) 3 Page - Vishay Siliconix

  RPS250H250U1ZA3B015E Datasheet HTML 1Page - Vishay Siliconix RPS250H250U1ZA3B015E Datasheet HTML 2Page - Vishay Siliconix RPS250H250U1ZA3B015E Datasheet HTML 3Page - Vishay Siliconix RPS250H250U1ZA3B015E Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
RPS 250
Power Resistor for Mounting onto a Heatsink
Thick Film Technology
Vishay Sfernice
Document Number: 50007
For technical questions, contact: sfer@vishay.com
www.vishay.com
Revision: 08-Jun-06
33
OVERLOADS
In any case the applied voltage must be lower than 2.5 Un. U maxi < 2.5 Un < 12 500 V.
Short time overload: 4 Pn/10 seconds
Accidental overload: The values indicated on the graph below are applicable to resistors in air or mounted onto a heatsink.
ENERGY CURVE
POWER RATING CHART
The temperature of the heatsink should be maintained in the limit specified.
To improve the thermal conductivity, surfaces in contact should be coated with a silicone grease.
MARKING
Series, style, ohmic value (in
Ω), tolerance in %, manufacturing date, VISHAY trademark
ORDERING INFORMATION
RPS
250
DL
250U
1 %
ZA3
B015
e
MODEL
STYLE
CONNECTIONS
Optional
H: dielectric strength 12 kV
L: dielectric strength 7 kV
RESISTANCE VALUE
TOLERANCE
Optional
± 1 %
± 2 %
± 5 %
± 10 %
CUSTOM DESIGN
Options on request
special TCR,
shape, etc.
PACKAGING
LEAD
(Pb)-FREE
SAP PART NUMBERING GUIDELINES
RPS
0250
DL
2500
F
B
ZA3
MODEL
STYLE
CONNECTIONS
OHMIC VALUE
TOLERANCE
PACKAGING
DESIGN
OVERLOAD DURATION IN SECONDS
1 µs
0.13
1
10
100
1000
10 000
10 µs
100 µs
1 ms
1 s
10 ms
100 ms
0
20
40
60
80
100
120
140
HEATSINK TEMPERATURE IN DEGREES CELSIUS
0
20
40
60
80
100
Packaging Box of 15 units


Similar Part No. - RPS250H250U1ZA3B015E

ManufacturerPart #DatasheetDescription
logo
Ohmite Mfg. Co.
RPS250E OHMITE-RPS250E Datasheet
233Kb / 2P
   Rheostats (Potentiometers) Wirewound
RPS250E OHMITE-RPS250E Datasheet
523Kb / 3P
   (Potentiometers) Wirewound
logo
Vishay Siliconix
RPS250 VISHAY-RPS250_15 Datasheet
93Kb / 4P
   Power Resistor for Mounting onto a Heatsink Thick Film Technology
Revision: 12-Dec-14
More results

Similar Description - RPS250H250U1ZA3B015E

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
LPS300 VISHAY-LPS300_15 Datasheet
126Kb / 5P
   Power Resistor for Mounting onto a Heatsink Thick Film Technology
Revision: 24-Oct-13
LPS600 VISHAY-LPS600_15 Datasheet
128Kb / 5P
   Power Resistor for Mounting onto a Heatsink Thick Film Technology
Revision: 24-Oct-13
RCH VISHAY-RCH Datasheet
125Kb / 6P
   Power Resistor, for Mounting onto a Heatsink Thick Film Technology
Revision: 06-Jul-15
LPS1100 VISHAY-LPS1100_15 Datasheet
100Kb / 5P
   Power Resistor for Mounting onto a Heatsink Thick Film Technology
Revision: 24-Oct-13
RPS250 VISHAY-RPS250_15 Datasheet
93Kb / 4P
   Power Resistor for Mounting onto a Heatsink Thick Film Technology
Revision: 12-Dec-14
LPS300 VISHAY-LPS300 Datasheet
328Kb / 4P
   Power Resistor for Mounting onto a Heatsink Thick Film Technology
Revision: 09-Jun-10
LPS600 VISHAY-LPS600 Datasheet
146Kb / 4P
   Power Resistor for Mounting onto a Heatsink Thick Film Technology
Revision: 27-Oct-10
LPS-1100 VISHAY-LPS-1100 Datasheet
111Kb / 5P
   Power Resistor for Mounting onto a Heatsink Thick Film Technology
Revision: 24-Oct-13
LPSA800 VISHAY-LPSA800_V01 Datasheet
113Kb / 6P
   Power Resistor for Mounting Onto a Heatsink Thick Film Technology
01-Jan-2022
LCH100 VISHAY-LCH100 Datasheet
136Kb / 6P
   Power Resistor, for Mounting onto a Heatsink Thick Film Technology
Revision: 05-Aug-13
RPS500 VISHAY-RPS500_15 Datasheet
91Kb / 5P
   Power Resistor for Mounting onto a Heatsink Thick Film Technology
Revision: 12-Dec-14
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com