Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLWR9921 Datasheet(PDF) 6 Page - Vaishali Semiconductor

Part # TLWR9921
Description  TELUX / Utilizing one of the world?셲 brightest (AS) AllnGaP technologies (OMA) / High luminous flux
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VAISH [Vaishali Semiconductor]
Direct Link  
Logo VAISH - Vaishali Semiconductor

TLWR9921 Datasheet(HTML) 6 Page - Vaishali Semiconductor

  TLWR9921 Datasheet HTML 1Page - Vaishali Semiconductor TLWR9921 Datasheet HTML 2Page - Vaishali Semiconductor TLWR9921 Datasheet HTML 3Page - Vaishali Semiconductor TLWR9921 Datasheet HTML 4Page - Vaishali Semiconductor TLWR9921 Datasheet HTML 5Page - Vaishali Semiconductor TLWR9921 Datasheet HTML 6Page - Vaishali Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
www.vishay.com
6
Document Number 83286
Rev. 1.2, 30-Nov-04
VISHAY
TLWR992.
Vishay Semiconductors
Ozone Depleting Substances Policy Statement
It is the policy of Vishay Semiconductor GmbH to
1. Meet all present and future national and international statutory requirements.
2. Regularly and continuously improve the performance of our products, processes, distribution and
operatingsystems with respect to their impact on the health and safety of our employees and the public, as
well as their impact on the environment.
It is particular concern to control or eliminate releases of those substances into the atmosphere which are
known as ozone depleting substances (ODSs).
The Montreal Protocol (1987) and its London Amendments (1990) intend to severely restrict the use of ODSs
and forbid their use within the next ten years. Various national and international initiatives are pressing for an
earlier ban on these substances.
Vishay Semiconductor GmbH has been able to use its policy of continuous improvements to eliminate the use
of ODSs listed in the following documents.
1. Annex A, B and list of transitional substances of the Montreal Protocol and the London Amendments
respectively
2. Class I and II ozone depleting substances in the Clean Air Act Amendments of 1990 by the Environmental
Protection Agency (EPA) in the USA
3. Council Decision 88/540/EEC and 91/690/EEC Annex A, B and C (transitional substances) respectively.
Vishay Semiconductor GmbH can certify that our semiconductors are not manufactured with ozone depleting
substances and do not contain such substances.
We reserve the right to make changes to improve technical design
and may do so without further notice.
Parameters can vary in different applications. All operating parameters must be validated for each
customer application by the customer. Should the buyer use Vishay Semiconductors products for any
unintended or unauthorized application, the buyer shall indemnify Vishay Semiconductors against all
claims, costs, damages, and expenses, arising out of, directly or indirectly, any claim of personal
damage, injury or death associated with such unintended or unauthorized use.
Vishay Semiconductor GmbH, P.O.B. 3535, D-74025 Heilbronn, Germany
Telephone: 49 (0)7131 67 2831, Fax number: 49 (0)7131 67 2423


Similar Part No. - TLWR9921

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TLWR990 VISHAY-TLWR990 Datasheet
238Kb / 5P
   Utilizing one of the world’s brightest (AS) AllnGaP technologies, non diffused LED
Rev. 1.6, 31-Aug-04
TLWR9900 VISHAY-TLWR9900 Datasheet
238Kb / 5P
   Utilizing one of the world’s brightest (AS) AllnGaP technologies, non diffused LED
Rev. 1.6, 31-Aug-04
TLWR9900 VISHAY-TLWR9900 Datasheet
224Kb / 5P
   TELUX LED
Rev. 2.0, 15-Dec-10
TLWR9900 VISHAY-TLWR9900 Datasheet
2Mb / 4P
   LEDs for Automotive and Outdoor Applications
TLWR9900 VISHAY-TLWR9900 Datasheet
219Kb / 5P
   TELUX LED
13-Jun-16
More results

Similar Description - TLWR9921

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TLWR990 VISHAY-TLWR990 Datasheet
238Kb / 5P
   Utilizing one of the world’s brightest (AS) AllnGaP technologies, non diffused LED
Rev. 1.6, 31-Aug-04
logo
Laird Tech Smart Techno...
LARGE-ENCLOSURE LSTD-LARGE-ENCLOSURE Datasheet
431Kb / 2P
   As the world?셲 leading fabricator of fingerstock
logo
STATEK CORPORATION
CXOQ STATEK-CXOQ_10 Datasheet
2Mb / 2P
   One of the World?셲 Smallest and Highest Precision Crystal Oscillators
logo
Vishay Siliconix
TLCY610 VISHAY-TLCY610 Datasheet
187Kb / 7P
   Utilizing ultrabright AllnGaP
Rev. 1.3, 16-Mar-15
logo
Microsemi Corporation
APT25GN120B MICROSEMI-APT25GN120B Datasheet
154Kb / 6P
   Utilizing the latest Field Stop and Trench Gate technologies
logo
HB Electronic Component...
PLCC5630-W6 HB-PLCC5630-W6 Datasheet
1Mb / 13P
   High luminous flux output
logo
Delta Electronics, Inc.
DRR-20A DELTA-DRR-20A Datasheet
742Kb / 6P
   The new Redundancy Module DRR 20A is the latest offering from one of the World?셲 No.1 Power Supply Company.
logo
HB Electronic Component...
E12RGB-3W HB-E12RGB-3W Datasheet
682Kb / 1P
   Highest Luminous Flux
logo
OptoSupply Internationa...
OSWWH2E3E1E_VER.A.2 OPTOSUPPLY-OSWWH2E3E1E_VER.A.2 Datasheet
175Kb / 2P
   Highest Luminous Flux
OS4W7NE1E1E OPTOSUPPLY-OS4W7NE1E1E Datasheet
144Kb / 2P
   Highest Luminous Flux
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com