Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74LVT162374DL Datasheet(PDF) 7 Page - NXP Semiconductors

Part # 74LVT162374DL
Description  3.3V LVT 16-bit edge-triggered D-type flip-flop with 30 ohm termination resistors 3-State
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LVT162374DL Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button 74LVT162374DL Datasheet HTML 3Page - NXP Semiconductors 74LVT162374DL Datasheet HTML 4Page - NXP Semiconductors 74LVT162374DL Datasheet HTML 5Page - NXP Semiconductors 74LVT162374DL Datasheet HTML 6Page - NXP Semiconductors 74LVT162374DL Datasheet HTML 7Page - NXP Semiconductors 74LVT162374DL Datasheet HTML 8Page - NXP Semiconductors 74LVT162374DL Datasheet HTML 9Page - NXP Semiconductors 74LVT162374DL Datasheet HTML 10Page - NXP Semiconductors 74LVT162374DL Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
9397 750 14401
© Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Product data sheet
Rev. 03 — 17 January 2005
7 of 17
Philips Semiconductors
74LVT162374
3.3 V 16-bit edge-triggered D-type flip-flop
[1]
The input and output negative voltage ratings may be exceeded if the input and output clamp current ratings
are observed.
[2]
The performance capability of a high-performance integrated circuit in conjunction with its thermal
9.
Recommended operating conditions
10. Static characteristics
IO
output current
output in LOW-state
-
128
mA
output in HIGH-state
-
−64
mA
Tstg
storage temperature
−65
+150
°C
Tj
junction temperature
[2]
150
°C
Table 5:
Limiting values …continued
In accordance with the Absolute Maximum Rating System (IEC 60134). Voltages are referenced to
GND (ground=0V)
Symbol
Parameter
Conditions
Min
Max
Unit
Table 6:
Recommended operating conditions
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VCC
supply voltage
2.7
-
3.6
V
VI
input diode voltage
0
-
5.5
V
VIH
HIGH-level input voltage
2.0
-
-
V
VIL
LOW-level input voltage
-
-
0.8
V
IOH
HIGH-level output
current
--
−12
mA
IOL
LOW-level output current
-
-
12
mA
∆t/∆V
input transition rise or fall
rate
outputs enabled
-
-
10
ns/V
Tamb
ambient temperature
−40
-
+85
°C
Table 7:
Static characteristics
At recommended operating conditions; voltages are referenced to GND (ground = 0 V).
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Tamb = −40 °C to +85 °C [1]
VIK
input clamp voltage
VCC = 2.7 V; IIK = −18 mA
-
−0.85
−1.2
V
VOH
HIGH-level output voltage
VCC = 3.0 V; IOH = −12 mA
2.0
-
-
V
VOL
LOW-level output voltage
VCC = 3.0 V; IOL = 12 mA
-
-
0.8
V
VRST
power-up output low voltage VCC = 3.6 V; IO = 1 mA;
VI = GND or VCC
[2] -
0.1
0.55
V
ILI
input leakage current
control pins
VCC = 3.6 V; VI =VCC or GND
-
0.1
±1
µA
VCC = 0 V or 3.6 V; VI = 5.5 V
-
0.4
10
µA
I/O data pins
VCC = 3.6 V; VI = VCC
-
0.1
1
µA
VCC = 3.6 V; VI = 0 V
-
−0.4
−5
µA
IOFF
output off current
VCC = 0 V; VI or VO = 0 V to 4.5 V
-
0.1
±100
µA


Similar Part No. - 74LVT162374DL

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVT162374DL PHILIPS-74LVT162374DL Datasheet
91Kb / 17P
   3.3 V 16-bit edge-triggered D-type flip-flop with 30 OHM termination resistors; 3-state
Rev. 03-17 January 2005
More results

Similar Description - 74LVT162374DL

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVT16374A PHILIPS-74LVT16374A Datasheet
86Kb / 10P
   3.3V LVT 16-bit edge-triggered D-type flip-flop 3-State
1999 Oct 18
74LVT162374 PHILIPS-74LVT162374 Datasheet
91Kb / 17P
   3.3 V 16-bit edge-triggered D-type flip-flop with 30 OHM termination resistors; 3-state
Rev. 03-17 January 2005
logo
Nexperia B.V. All right...
74LVT162374 NEXPERIA-74LVT162374 Datasheet
214Kb / 12P
   3.3 V 16-bit edge-triggered D-type flip-flop with 30 Ω termination resistors; 3-state
Rev. 4 - 1 October 2018
logo
NXP Semiconductors
74ALVCH16374 PHILIPS-74ALVCH16374 Datasheet
96Kb / 12P
   2.5V/3.3V 16-bit edge-triggered D-type flip-flop 3-State
1998 Jun 18
74ALVT16374 PHILIPS-74ALVT16374 Datasheet
99Kb / 12P
   2.5V/3.3V 16-bit edge-triggered D-type flip-flop 3-State
1999 Oct 18
74LVT162373 PHILIPS-74LVT162373 Datasheet
121Kb / 12P
   3.3 V LVT 16-bit transparent D-type latch with 30 ohm termination resistors 3-State
1999 Sep 23
74LVT162245B PHILIPS-74LVT162245B Datasheet
80Kb / 10P
   3.3V LVT 16-bit transceiver with 30ohm termination resistors 3-State
1998 Feb 19
74LVC162374A PHILIPS-74LVC162374A Datasheet
86Kb / 16P
   16-bit edge triggered D-type flip-flop with 30 ohmseries termination resistors; 5 V input/output tolerant; 3-state
1999 Aug 05
logo
Texas Instruments
SN74ALVCH162374 TI-SN74ALVCH162374_04 Datasheet
318Kb / 13P
[Old version datasheet]   16-BIT EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH 3-STATE OUTPUTS
SN74LVC16374 TI-SN74LVC16374 Datasheet
97Kb / 6P
[Old version datasheet]   16-BIT EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com