Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7C429-10 Datasheet(PDF) 3 Page - Cypress Semiconductor

Part # 7C429-10
Description  256/512/1K/2K/4K x 9 Asynchronous FIFO
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

7C429-10 Datasheet(HTML) 3 Page - Cypress Semiconductor

  7C429-10 Datasheet HTML 1Page - Cypress Semiconductor 7C429-10 Datasheet HTML 2Page - Cypress Semiconductor 7C429-10 Datasheet HTML 3Page - Cypress Semiconductor 7C429-10 Datasheet HTML 4Page - Cypress Semiconductor 7C429-10 Datasheet HTML 5Page - Cypress Semiconductor 7C429-10 Datasheet HTML 6Page - Cypress Semiconductor 7C429-10 Datasheet HTML 7Page - Cypress Semiconductor 7C429-10 Datasheet HTML 8Page - Cypress Semiconductor 7C429-10 Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
CY7C419/21/25/29/33
Document #: 38-06001 Rev. *A
Page 3 of 22
Operating Range
Range
Ambient Temperature[2]
VCC
Commercial
0
°C to + 70°C
5V
± 10%
Industrial
–40
°C to +85°C
5V
± 10%
Military
–55
°C to +125°C
5V
± 10%
Electrical Characteristics Over the Operating Range[3]
7C419–10, 15, 30, 40
7C420/1–10, 15, 20, 25, 30, 40, 65
7C424/5–10, 15, 20, 25, 30, 40, 65
7C428/9–10, 15, 20, 25, 30, 40, 65
7C432/3–10, 15, 20, 25, 30, 40, 65
Parameter
Description
Test Conditions
Min.
Max.
Unit
VOH
Output HIGH Voltage
VCC = Min., IOH = –2.0 mA
2.4
V
VOL
Output LOW Voltage
VCC = Min., IOL = 8.0 mA
0.4
V
VIH
Input HIGH Voltage
Com’l
2.0
VCC
V
Mil/Ind
2.2
VCC
VIL
Input LOW Voltage
Note 4
0.8
V
IIX
Input Leakage Current
GND < VI < VCC
–10
+10
µA
IOZ
Output Leakage Current
R > VIH, GND < VO < VCC
–10
+10
µA
IOS
Output Short Circuit Current[5]
VCC = Max., VOUT = GND
–90
mA
Electrical Characteristics Over the Operating Range[3] (continued)
7C419–10
7C421–10
7C425–10
7C429–10
7C433–10
7C419–15
7C421–15
7C425–15
7C429–15
7C433–15
7C420–20
7C421–20
7C424–20
7C425–20
7C428–20
7C429–20
7C433–20
7C420–25
7C421–25
7C424–25
7C425–25
7C429–25
7C432–25
7C433–25
Parameter
Description
Test Conditions
Min.
Max.
Min.
Max.
Min.
Max.
Min.
Max.
Unit
ICC
Operating Current
VCC = Max.,
IOUT = 0 mA
f = fMAX
Com’l
85
65
55
50
mA
Mil/Ind
100
90
80
ICC1
Operating Current
VCC = Max.,
IOUT = 0 mA
F = 20 MHz
Com’l
35
35
35
35
mA
ISB1
Standby Current
All Inputs =
VIH Min.
Com’l
10
10
10
10
mA
Mil/Ind
15
15
15
ISB2
Power-Down Current All Inputs >
VCC –0.2V
Com’l
5
5
5
5
mA
Mil/Ind
8
8
8
Notes:
2.
TA is the “instant on” case temperature.
3.
See the last page of this specification for Group A subgroup testing information.
4.
VIL (Min.) = –2.0V for pulse durations of less than 20 ns.
5.
For test purposes, not more than one output at a time should be shorted. Short circuit test duration should not exceed 30 seconds.


Similar Part No. - 7C429-10

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
7C4282V/92V-10 CYPRESS-7C4282V/92V-10 Datasheet
240Kb / 15P
   64K/128Kx9 Low Voltage Deep Sync FIFOs w/ Retransmit & Depth Expansion
7C4282V/92V-15 CYPRESS-7C4282V/92V-15 Datasheet
240Kb / 15P
   64K/128Kx9 Low Voltage Deep Sync FIFOs w/ Retransmit & Depth Expansion
7C4282V/92V-25 CYPRESS-7C4282V/92V-25 Datasheet
240Kb / 15P
   64K/128Kx9 Low Voltage Deep Sync FIFOs w/ Retransmit & Depth Expansion
More results

Similar Description - 7C429-10

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C419 CYPRESS-CY7C419_09 Datasheet
622Kb / 17P
   256/512/1K/2K/4K x 9 Asynchronous FIFO
CY7C419 CYPRESS-CY7C419_05 Datasheet
479Kb / 25P
   256/512/1K/2K/4K x 9 Asynchronous FIFO
logo
LOGIC Devices Incorpora...
L8C201 LODEV-L8C201 Datasheet
182Kb / 22P
   512/1K/2K/4K x 9-bit Asynchronous FIFO
logo
AverLogic Technologies ...
AL4CA01 AVERLOGIC-AL4CA01 Datasheet
74Kb / 2P
   512/ 1K/ 2K/ 4K/ 8K x 9 Asynchronous FIFOs
logo
Integrated Device Techn...
IDT72021 IDT-IDT72021 Datasheet
153Kb / 14P
   CMOS ASYNCHRONOUS FIFO WITH RETRANSMIT 1K x 9, 2K x 9, 4K x 9
logo
Cypress Semiconductor
CY7C4201 CYPRESS-CY7C4201 Datasheet
411Kb / 18P
   64/256/512/1K/2K/4K/8K x 9 Synchronous FIFOs
CY7C4421 CYPRESS-CY7C4421_05 Datasheet
545Kb / 19P
   64/256/512/1K/2K/4K/8K x 9 Synchronous FIFOs
logo
Mosel Vitelic, Corp
MS7200L MOSEL-MS7200L Datasheet
175Kb / 11P
   256 x 9, 512 x 9, 1K x 9 CMOS FIFO
logo
AverLogic Technologies ...
AL4CS205 AVERLOGIC-AL4CS205 Datasheet
35Kb / 2P
   256, 512, 1K, 2K, 4K x 18 Synchronous FIFOs
logo
Integrated Device Techn...
IDT7200L IDT-IDT7200L Datasheet
145Kb / 13P
   CMOS ASYNCHRONOUS FIFO 256 x 9, 512 x 9, 1,024 x 9
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com