Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74LVT162374DGG Datasheet(PDF) 5 Page - NXP Semiconductors

Part # 74LVT162374DGG
Description  3.3V LVT 16-bit edge-triggered D-type flip-flop with 30 ohm termination resistors 3-State
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LVT162374DGG Datasheet(HTML) 5 Page - NXP Semiconductors

  74LVT162374DGG Datasheet HTML 1Page - NXP Semiconductors 74LVT162374DGG Datasheet HTML 2Page - NXP Semiconductors 74LVT162374DGG Datasheet HTML 3Page - NXP Semiconductors 74LVT162374DGG Datasheet HTML 4Page - NXP Semiconductors 74LVT162374DGG Datasheet HTML 5Page - NXP Semiconductors 74LVT162374DGG Datasheet HTML 6Page - NXP Semiconductors 74LVT162374DGG Datasheet HTML 7Page - NXP Semiconductors 74LVT162374DGG Datasheet HTML 8Page - NXP Semiconductors 74LVT162374DGG Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
9397 750 14401
© Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Product data sheet
Rev. 03 — 17 January 2005
5 of 17
Philips Semiconductors
74LVT162374
3.3 V 16-bit edge-triggered D-type flip-flop
6.2 Pin description
Table 3:
Pin description
Symbol
Pin
Description
1OE
1
output enable input (active LOW)
1Q0
2
data output
1Q1
3
data output
GND
4
ground (0 V)
1Q2
5
data output
1Q3
6
data output
VCC
7
supply voltage
1Q4
8
data output
1Q5
9
data output
GND
10
ground (0 V)
1Q6
11
data output
1Q7
12
data output
2Q0
13
data output
2Q1
14
data output
GND
15
ground (0 V)
2Q2
16
data output
2Q3
17
data output
VCC
18
supply voltage
2Q4
19
data output
2Q5
20
data output
GND
21
ground (0 V)
2Q6
22
data output
2Q7
23
data output
2OE
24
output enable input (active LOW)
2CP
25
clock pulse input (active rising edge)
2D7
26
data input
2D6
27
data input
GND
28
ground (0 V)
2D5
29
data input
2D4
30
data input
VCC
31
supply voltage
2D3
32
data input
2D2
33
data input
GND
34
ground (0 V)
2D1
35
data input
2D0
36
data input
1D7
37
data input
1D6
38
data input
GND
39
ground (0 V)


Similar Part No. - 74LVT162374DGG

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVT162374DGG PHILIPS-74LVT162374DGG Datasheet
91Kb / 17P
   3.3 V 16-bit edge-triggered D-type flip-flop with 30 OHM termination resistors; 3-state
Rev. 03-17 January 2005
logo
Nexperia B.V. All right...
74LVT162374DGG NEXPERIA-74LVT162374DGG Datasheet
214Kb / 12P
   3.3 V 16-bit edge-triggered D-type flip-flop with 30 Ω termination resistors; 3-state
Rev. 4 - 1 October 2018
More results

Similar Description - 74LVT162374DGG

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVT16374A PHILIPS-74LVT16374A Datasheet
86Kb / 10P
   3.3V LVT 16-bit edge-triggered D-type flip-flop 3-State
1999 Oct 18
74LVT162374 PHILIPS-74LVT162374 Datasheet
91Kb / 17P
   3.3 V 16-bit edge-triggered D-type flip-flop with 30 OHM termination resistors; 3-state
Rev. 03-17 January 2005
logo
Nexperia B.V. All right...
74LVT162374 NEXPERIA-74LVT162374 Datasheet
214Kb / 12P
   3.3 V 16-bit edge-triggered D-type flip-flop with 30 Ω termination resistors; 3-state
Rev. 4 - 1 October 2018
logo
NXP Semiconductors
74ALVCH16374 PHILIPS-74ALVCH16374 Datasheet
96Kb / 12P
   2.5V/3.3V 16-bit edge-triggered D-type flip-flop 3-State
1998 Jun 18
74ALVT16374 PHILIPS-74ALVT16374 Datasheet
99Kb / 12P
   2.5V/3.3V 16-bit edge-triggered D-type flip-flop 3-State
1999 Oct 18
74LVT162373 PHILIPS-74LVT162373 Datasheet
121Kb / 12P
   3.3 V LVT 16-bit transparent D-type latch with 30 ohm termination resistors 3-State
1999 Sep 23
74LVT162245B PHILIPS-74LVT162245B Datasheet
80Kb / 10P
   3.3V LVT 16-bit transceiver with 30ohm termination resistors 3-State
1998 Feb 19
74LVC162374A PHILIPS-74LVC162374A Datasheet
86Kb / 16P
   16-bit edge triggered D-type flip-flop with 30 ohmseries termination resistors; 5 V input/output tolerant; 3-state
1999 Aug 05
logo
Texas Instruments
SN74ALVCH162374 TI-SN74ALVCH162374_04 Datasheet
318Kb / 13P
[Old version datasheet]   16-BIT EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH 3-STATE OUTPUTS
SN74LVC16374 TI-SN74LVC16374 Datasheet
97Kb / 6P
[Old version datasheet]   16-BIT EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com