Electronic Components Datasheet Search |
|
ALE15B24 Datasheet(PDF) 1 Page - Nais(Matsushita Electric Works) |
|
ALE15B24 Datasheet(HTML) 1 Page - Nais(Matsushita Electric Works) |
1 / 4 page 43 LE 16A Power Relay For Micro wave oven LE RELAYS Remarks ∗ Specifications will vary with foreign standards certification ratings. *1 Measurement at same location as “Initial breakdown voltage” section. *2 Detection current: 10mA *3 Wave is standard shock voltage of ±1.2 × 50µs according to JEC-212-1981 *4 Excluding contact bounce time. *5 Half-wave pulse of sine wave: 11 ms; detection time: 10 µs *6 Half-wave pulse of sine wave: 6 ms *7 Detection time: 10 µs *8 Refer to 5. Conditions for operation, transport and storage mentioned in AMBIENT ENVIRONMENT (Page 24). Contact Arrangement 1 Form A Initial contact resistance, max. (By voltage drop 6 V DC 1 A) 100 m Ω Contact material Silver alloy Rating (resistive load) Nominal switch- ing capacity 16 A 277 V AC Max. switching power 4,432 V A Max. switching voltage 277 V AC Max. switching current 16 A Expected life (min. operations) Mechanical (at 180 cpm) 2 × 106 Electrical (at 20 cpm) (Resistive load) 105 Coil Type Standard High sensitive Nominal operating power 400 mW 200 mW Characteristics Max. operating speed (at rated load) 20 cpm Initial insulation resistance*1 Min. 1,000 M Ω (at 500 V DC) Initial breakdown voltage*2 Between open contacts 1,000 Vrms for 1 min. Between con- tacts and coil 4,000 Vrms for 1 min. Initial surge voltage between contact and coil*3 Min. 10,000 V Operate time*4 (at nominal voltage) (at 20°C 68°F) Max. 20ms Release time (with diode)*4 (at nominal voltage) (at 20 °C 68°F) Max. 20ms Max. 25ms (200 mW type) Temperature rise (at nominal voltage) (resistance method, contact current 16 A, 20 °C 68°F) Max. 55 °C Max. 45 °C (200 mW type) Shock resistance Functional*5 Min. 200 m/s2{20 G} Destructive*6 Min. 1,000 m/s2{100 G} Vibration resistance Functional*7 10 to 55Hz at double amplitude of 1.5mm Destructive 10 to 55Hz at double amplitude of 1.5mm Conditions for operation, transport and storage*8 (Not freezing and condens- ing at low temperature) Ambient temp. –40 °C to +85°C –40°F to +185°F Humidity 5 to 85% R.H. Unit weight Approx. 17 g .60 oz SPECIFICATIONS TYPICAL APPLICATIONS • Microwave ovens • Refrigerators • OA equipment FEATURES ORDERING INFORMATION 2B 12 1 A Ex. Contact arrangement 1: 1 Form A 7: 1 Form A (200 mW) LE Product name LE UL/CSA, TÜV, VDE approved type is standard. Note: Standard packing; Carton: 100 pcs. Case 500 pcs. B: Class B insulation F: Class F insulation Coil insulation class 2: TMP type/PCB side three terminals (includes one dummy terminal) 3: TMP type/PCB side three terminals 4: TMP type/PCB side four terminals 5: PCB type (No tab terminals) Terminal shape 05: 5 06: 6 09: 9 12: 12 18: 18 24: 24 48: 48 Coil voltage, V DC 1. Ideal for magnetron and heater loads 2. Excellent heat resistance • This satisfies UL coil insulation class B/ class F available 3. High insulation resistance • Creepage distance and clearances be- tween contact and coil: Min. 8 mm .315 inch • Surge withstand voltage: Min. 10,000V 4. Low operating power • Nominal operating power: 400mW/ 200mW (High sensitive type) 5. A wide variety of types • Product line consists of 4 types with dif- ferent shapes and pins 6. Conforms to the various safety standards: • UL/CSA, TÜV, VDE approved and SEMKO available VDE 12.4 .488 24.9 .980 28.6 1.126 12.4 .488 24.9 .980 28.6 1.126 mm inch |
Similar Part No. - ALE15B24 |
|
Similar Description - ALE15B24 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |