Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ALE13B48 Datasheet(PDF) 2 Page - Nais(Matsushita Electric Works)

Part # ALE13B48
Description  16A Power Relay For Micro wave oven
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NAIS [Nais(Matsushita Electric Works)]
Direct Link  
Logo NAIS - Nais(Matsushita Electric Works)

ALE13B48 Datasheet(HTML) 2 Page - Nais(Matsushita Electric Works)

  ALE13B48 Datasheet HTML 1Page - Nais(Matsushita Electric Works) ALE13B48 Datasheet HTML 2Page - Nais(Matsushita Electric Works) ALE13B48 Datasheet HTML 3Page - Nais(Matsushita Electric Works) ALE13B48 Datasheet HTML 4Page - Nais(Matsushita Electric Works)  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
44
LE
1. Standard type
r: Input the following letter. Class B: B, Class F: F
Contact
arrangement
Coil voltage,
V DC
TMP type/PCB side
three terminals
(includes one dummy
terminal)
TMP type/PCB side
three terminals
TMP type/PCB side
four terminals
PCB type
(No tab terminals)
Part No.
Part No.
Part No.
Part No.
1 Form A
5
ALE12r05
ALE13r05
ALE14r05
ALE15r05
6
ALE12r06
ALE13r06
ALE14r06
ALE15r06
9
ALE12r09
ALE13r09
ALE14r09
ALE15r09
12
ALE12r12
ALE13r12
ALE14r12
ALE15r12
18
ALE12r18
ALE13r18
ALE14r18
ALE15r18
24
ALE12r24
ALE13r24
ALE14r24
ALE15r24
48
ALE12r48
ALE13r48
ALE14r48
ALE15r48
1. Standard type
Nominal voltage,
V DC
Pick-up voltage,
V DC (max.)
(at 20°C 68°F)
Drop-out voltage,
V DC (min.)
(at 20°C 68°F)
Coil resistance,
Ω (±10%)
(at 20°C 68°F)
Nominal operating
current, mA
(
±10%)
(at 20°C 68°F)
Nominal operating
power, mW
(at 20°C 68°F)
Maximum
allowable voltage,
V DC
(at 20°C 68°F)
5
3.75
0.25
63
80
400
7.25
6
4.5
0.3
90
66.7
8.7
9
6.75
0.45
203
44.4
13.05
12
9
0.6
360
33.3
17.4
18
13.5
0.9
810
22.2
26.1
24
18
1.2
1,440
16.7
34.8
48
36
2.4
5,760
8.3
69.6
2. High sensitive type
Nominal voltage,
V DC
Pick-up voltage,
V DC (max.)
(at 20°C 68°F)
Drop-out voltage,
V DC (min.)
(at 20°C 68°F)
Coil resistance,
Ω (±10%)
(at 20°C 68°F)
Nominal operating
current, mA
(
±10%)
(at 20°C 68°F)
Nominal operating
power, mW
(at 20°C 68°F)
Maximum
allowable voltage,
V DC
(at 20°C 68°F)
5
3.75
0.25
125
40
200
7.25
6
4.5
0.3
180
33.3
8.7
9
6.75
0.45
405
22.2
13.05
12
9
0.6
720
16.7
17.4
18
13.5
0.9
1,620
11.1
26.1
24
18
1.2
2,880
8.3
34.8
48
36
2.4
11,520
4.2
69.6
TYPES
COIL DATA (at 20°C 68°F)
2. High sensitive type
r: Input the following letter. Class B: B, Class F: F
Contact
arrangement
Coil voltage,
V DC
TMP type/PCB side
three terminals
(includes one dummy
terminal)
TMP type/PCB side
three terminals
TMP type/PCB side
four terminals
PCB type
(No tab terminals)
Part No.
Part No.
Part No.
Part No.
1 Form A
(High sensitivity:
200mW)
5
ALE72r05
ALE73r05
ALE74r05
ALE75r05
6
ALE72r06
ALE73r06
ALE74r06
ALE75r06
9
ALE72r09
ALE73r09
ALE74r09
ALE75r09
12
ALE72r12
ALE73r12
ALE74r12
ALE75r12
18
ALE72r18
ALE73r18
ALE74r18
ALE75r18
24
ALE72r24
ALE73r24
ALE74r24
ALE75r24
48
ALE72r48
ALE73r48
ALE74r48
ALE75r48


Similar Part No. - ALE13B48

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ALE13B48 PANASONIC-ALE13B48 Datasheet
94Kb / 5P
   1a 16A power relay for micro wave oven Microwave ovens Refrigerators
More results

Similar Description - ALE13B48

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ALE12B05 PANASONIC-ALE12B05 Datasheet
94Kb / 5P
   1a 16A power relay for micro wave oven Microwave ovens Refrigerators
logo
SiPower Inc.
2CL4509 SIPOWER-2CL4509 Datasheet
32Kb / 2P
   High Voltage Diodes for Micro-Wave Oven
logo
DONGGUAN YOU FENG WEI E...
2CL4509 YFWDIODE-2CL4509 Datasheet
401Kb / 2P
   High voltage silicon diodes for micro-wave oven
logo
GETAI ELECTRONICS DEVIC...
2CL3509H GETEDZ-2CL3509H Datasheet
507Kb / 2P
   High Voltage Silicon Diodes for Micro-wave oven
2CL4516 GETEDZ-2CL4516 Datasheet
507Kb / 2P
   High Voltage Silicon Diodes for Micro-wave oven
logo
Shanghai Shunye Electro...
2CL3509H SY-2CL3509H Datasheet
1Mb / 2P
   High Voltage Silicon Diode for Micro-wave oven
logo
DONGGUAN YOU FENG WEI E...
MTH-08 YFWDIODE-MTH-08 Datasheet
402Kb / 2P
   High voltage silicon diodes for micro-wave oven
MTH-20 YFWDIODE-MTH-20 Datasheet
402Kb / 2P
   High voltage silicon diodes for micro-wave oven
2CL3510 YFWDIODE-2CL3510 Datasheet
377Kb / 2P
   High voltage silicon diodes for micro-wave oven
logo
GETAI ELECTRONICS DEVIC...
2CL3516H GETEDZ-2CL3516H Datasheet
507Kb / 2P
   High Voltage Silicon Diodes for Micro-wave oven
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com