Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRU1117-33CD Datasheet(PDF) 4 Page - International Rectifier

Part # IRU1117-33CD
Description  800mA LOW DROPOUT POSITIVE FIXED 3.3V REGULATOR
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRU1117-33CD Datasheet(HTML) 4 Page - International Rectifier

  IRU1117-33CD Datasheet HTML 1Page - International Rectifier IRU1117-33CD Datasheet HTML 2Page - International Rectifier IRU1117-33CD Datasheet HTML 3Page - International Rectifier IRU1117-33CD Datasheet HTML 4Page - International Rectifier IRU1117-33CD Datasheet HTML 5Page - International Rectifier IRU1117-33CD Datasheet HTML 6Page - International Rectifier IRU1117-33CD Datasheet HTML 7Page - International Rectifier IRU1117-33CD Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4
Rev. 1.5
02/04/03
IRU1117-33
www.irf.com
(D) TO-252 Package
2-Pin
SYMBOL
A
B
C
D
E
F
G
H
J
K
L
M
N
O
P
Q
R
R1
S
MIN
6.477
5.004
0.686
7.417
9.703
0.635
4.521
&1.52
2.184
0.762
1.016
5.969
1.016
0
0.534
0.428
MAX
6.731
5.207
0.838
8.179
10.084
0.889
4.623
&1.62
2.388
0.864
1.118
6.223
1.118
0.102
0.686
0.588
NOTE: ALL MEASUREMENTS
ARE IN MILLIMETERS.
A
B
C
D
F
G
H
45
8
K
M
Q
7
8
N
P
R
S
R1
L
C
E
J
L
O
R0.31 TYP
R0.51 TYP
2.286 BSC


Similar Part No. - IRU1117-33CD

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRU1117-18 IRF-IRU1117-18 Datasheet
75Kb / 4P
   800mA LOW DROPOUT POSITIVE FIXED 1.8V REGULATOR
IRU1117-18CD IRF-IRU1117-18CD Datasheet
115Kb / 8P
   800mA LOW DROPOUT POSITIVE FIXED 1.8V REGULATOR
IRU1117-18CP IRF-IRU1117-18CP Datasheet
115Kb / 8P
   800mA LOW DROPOUT POSITIVE FIXED 1.8V REGULATOR
IRU1117-18CS IRF-IRU1117-18CS Datasheet
115Kb / 8P
   800mA LOW DROPOUT POSITIVE FIXED 1.8V REGULATOR
IRU1117-18CSPBF IRF-IRU1117-18CSPBF Datasheet
115Kb / 8P
   800mA LOW DROPOUT POSITIVE FIXED 1.8V REGULATOR
More results

Similar Description - IRU1117-33CD

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC2117 MICROCHIP-TC2117 Datasheet
447Kb / 12P
   800mA Fixed Low Dropout Positive Regulator
2002
logo
International Rectifier
IRU1117-18 IRF-IRU1117-18 Datasheet
75Kb / 4P
   800mA LOW DROPOUT POSITIVE FIXED 1.8V REGULATOR
IRU1117-18PBF IRF-IRU1117-18PBF Datasheet
115Kb / 8P
   800mA LOW DROPOUT POSITIVE FIXED 1.8V REGULATOR
IRU1117-25 IRF-IRU1117-25 Datasheet
60Kb / 8P
   800mA LOW DROPOUT POSITIVE FIXED 2.5V REGULATOR
logo
Analog Intergrations Co...
AIC1117 AIC-AIC1117_15 Datasheet
260Kb / 12P
   800mA Low Dropout Positive Regulator
logo
International Rectifier
IRU1050-33 IRF-IRU1050-33 Datasheet
85Kb / 4P
    5A LOW DROPOUT POSITIVE FIXED 3.3V REGULATOR
IRU1050-33CT IRF-IRU1050-33CT Datasheet
58Kb / 8P
   5A LOW DROPOUT POSITIVE FIXED 3.3V REGULATOR
IRU1030-33 IRF-IRU1030-33 Datasheet
77Kb / 4P
    3A LOW DROPOUT POSITIVE FIXED 3.3V REGULATOR
IRU1050-33CD IRF-IRU1050-33CD Datasheet
58Kb / 8P
   5A LOW DROPOUT POSITIVE FIXED 3.3V REGULATOR
IRU1015-33CD IRF-IRU1015-33CD Datasheet
58Kb / 8P
   1.5A LOW DROPOUT POSITIVE FIXED 3.3V REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com