Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX4851H Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # MAX4851H
Description  3.5 ??7 ?쪸uad SPST Switches with Over-Rail Signal Handling
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4851H Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button MAX4851H Datasheet HTML 6Page - Maxim Integrated Products MAX4851H Datasheet HTML 7Page - Maxim Integrated Products MAX4851H Datasheet HTML 8Page - Maxim Integrated Products MAX4851H Datasheet HTML 9Page - Maxim Integrated Products MAX4851H Datasheet HTML 10Page - Maxim Integrated Products MAX4851H Datasheet HTML 11Page - Maxim Integrated Products MAX4851H Datasheet HTML 12Page - Maxim Integrated Products MAX4851H Datasheet HTML 13Page - Maxim Integrated Products MAX4851H Datasheet HTML 14Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
3.5
/7Quad SPST Switches with Over-Rail
Signal Handling
10
______________________________________________________________________________________
tR < 20ns
tF < 20ns
50%
LOGIC
INPUT
RL
COM_
GND
IN_
CL INCLUDES FIXTURE AND STRAY CAPACITANCE.
VOUT = VNO
(
RL
)
RL + RON
VNO
tOFF
0V
NO_
0.9 x V0UT
0.9 x VOUT
tON
VOUT
SWITCH
OUTPUT
LOGIC
INPUT
IN DEPENDS ON SWITCH CONFIGURATION;
INPUT POLARITY DETERMINED BY SENSE OF SWITCH.
VCC
CL
VCC
VOUT
MAX4851_
MAX4853_
VCC
0V
SWITCH
INPUT
NORMAL MODE
NORMAL MODE
HIGH-Z MODE
VCC + 0.5V
tHIZ
tHIZB
VCC
Test Circuits/Timing Diagrams
Figure 1. Switching Time
tskew_i
90%
50%
10%
90%
50%
10%
tfi
INPUT A
INPUT A-
tri
tskew_o
90%
50%
10%
90%
50%
10%
tfo
OUTPUT B
OUTPUT B-
tro
B-
CL
A-
Rs
A
B
CL
TxD+
TxD-
Rs
Rs = 39
CL = 50pF
Figure 2. Input/Output Skew Timing Diagram


Similar Part No. - MAX4851H

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX485 MAXIM-MAX485 Datasheet
439Kb / 19P
   Low-Power, Slew-Rate-Limited RS-485/RS-422 Transceivers
Rev 8; 10/03
MAX485 MAXIM-MAX485 Datasheet
133Kb / 16P
   짹15kV ESD-Protected, Slew-Rate-Limited, Low-Power, RS-485/RS-422 Transceivers
Rev 3; 7/96
logo
Tiger Electronic Co.,Lt...
MAX485 TGS-MAX485 Datasheet
1Mb / 6P
   Low-Power, Slew-Rate-Limited RS-485/RS-422 Transceivers
logo
Maxim Integrated Produc...
MAX485 MAXIM-MAX485 Datasheet
1Mb / 17P
   Low-Power, Slew-Rate-Limited RS-485/RS-422 Transceivers
Rev 9; 9/09
MAX485 MAXIM-MAX485 Datasheet
414Kb / 17P
   Low-Power, Slew-Rate-Limited RS-485/RS-422 Transceivers
Rev 10; 9/14
More results

Similar Description - MAX4851H

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4854 MAXIM-MAX4854 Datasheet
782Kb / 11P
   7Ω Quad SPST Switches with Over-Rail Signal Handling
Rev 0; 10/04
MAX4850 MAXIM-MAX4850 Datasheet
636Kb / 16P
   Dual SPDT Analog Switches with Over-Rail Signal Handling
Rev 0; 7/04
MAX4910 MAXIM-MAX4910 Datasheet
676Kb / 13P
   Quad-SPDT, Clickless Audio Switches with Negative Signal Handling
Rev 0; 2/06
MAX4510 MAXIM-MAX4510 Datasheet
156Kb / 12P
   Rail-to-Rail, Fault-Protected, SPST Analog Switches
Rev 0; 10/99
MAX312FESE MAXIM-MAX312FESE Datasheet
338Kb / 15P
   Quad, Rail-to-Rail, Fault-Protected, SPST Analog Switches
Rev 0; 1/03
DG411F MAXIM-DG411F Datasheet
445Kb / 16P
   Quad, Rail-to-Rail, Fault-Protected, SPST Analog Switches
Rev 0; 4/02
MAX4511 MAXIM-MAX4511_V01 Datasheet
538Kb / 17P
   Quad, Rail-to-Rail, Fault-Protected, SPST Analog Switches
2002
MAX4511 MAXIM-MAX4511 Datasheet
310Kb / 16P
   Quad, Rail-to-Rail, Fault-Protected, SPST Analog Switches
Rev 0; 6/98
DG411F MAXIM-DG411F_V01 Datasheet
1Mb / 17P
   Quad, Rail-to-Rail, Fault-Protected, SPST Analog Switches
2021
logo
GREATECS
TP8 GREATECS-TP8 Datasheet
406Kb / 1P
   3.5 x 7 mm SMT Tactile Switches with Ground Terminal
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com