Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX1531ETJ Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX1531ETJ
Description  Multiple-Output Power-Supply Controllers for LCD Monitors
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1531ETJ Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX1531ETJ Datasheet HTML 3Page - Maxim Integrated Products MAX1531ETJ Datasheet HTML 4Page - Maxim Integrated Products MAX1531ETJ Datasheet HTML 5Page - Maxim Integrated Products MAX1531ETJ Datasheet HTML 6Page - Maxim Integrated Products MAX1531ETJ Datasheet HTML 7Page - Maxim Integrated Products MAX1531ETJ Datasheet HTML 8Page - Maxim Integrated Products MAX1531ETJ Datasheet HTML 9Page - Maxim Integrated Products MAX1531ETJ Datasheet HTML 10Page - Maxim Integrated Products MAX1531ETJ Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 33 page
background image
Multiple-Output Power-Supply Controllers for
LCD Monitors
_______________________________________________________________________________________
7
Typical Operating Characteristics
(Circuit of Figure 1; including R5, R6, and D2; TA = +25°C, unless otherwise noted.)
STEP-DOWN EFFICIENCY vs. LOAD CURRENT
LOAD CURRENT (mA)
1200
900
600
300
60
70
80
90
100
50
0
1500
VIN = 12V
VIN = 20V
fSW = 500kHz
STEP-DOWN LOAD REGULATION
LOAD CURRENT (mA)
1200
900
600
300
-0.12
-0.08
-0.04
0
-0.16
0
1500
SWITCHING FREQUENCY vs. LOAD CURRENT
485
490
495
500
510
505
515
520
480
LOAD CURRENT (mA)
1200
900
600
300
0
1500
STEP-DOWN REGULATOR LOAD TRANSIENT
MAX1530 toc04
40
µs/div
A: LOAD CURRENT, 1A/div
B: OUTPUT VOLTAGE, 200mV/div, AC-COUPLED
C: INDUCTOR CURRENT, 1A/div
A
0A
B
3.3V
0A
C
STEP-DOWN REGULATOR
SWITCHING WAVEFORM
MAX1530 toc05
2
µs/div
A
B
C
A: LX, 10V/div
B: OUTPUT VOLTAGE, 20 mV/div, AC-COUPLED
C: INDUCTOR CURRENT, 1A/div
0V
3.3V
0A
STEP-DOWN REGULATOR
SOFT-START
MAX1530 toc06
1ms/div
A
C
A: EN, 2V/div
B: OUTPUT VOLTAGE, 2V/div
C: INDUCTOR CURRENT, 1A/div
0V
0V
B
0A
VL LOAD REGULATION
LOAD CURRENT (mA)
25
20
15
10
5
-0.4
-0.3
-0.2
-0.1
0
-0.5
030
STARTUP SEQUENCE
MAX1530 toc08
4ms/div
A: VL, 10V/div
B: VOUT, 5V/div
C: VLOGIC, 5V/div
D: VSOURCE, 20V/div
E: VGAMMA, 20V/div
F: VGOFF, 20V/div
G: VGON, 40V/div
A
B
C
D
E
F
G
LR1 BASE CURRENT
vs. DRV1 VOLTAGE
DRV1 VOLTAGE (V)
8
6
4
2
3
6
9
12
15
0
010
VFBL1 = 1.175V


Similar Part No. - MAX1531ETJ

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1531ETJ MAXIM-MAX1531ETJ Datasheet
607Kb / 33P
   Multiple-Output Power-Supply Controllers for LCD Monitors
Rev 1; 11/09
MAX1531ETJ++ MAXIM-MAX1531ETJ+ Datasheet
607Kb / 33P
   Multiple-Output Power-Supply Controllers for LCD Monitors
Rev 1; 11/09
MAX1531ETJ+T MAXIM-MAX1531ETJ+T Datasheet
607Kb / 33P
   Multiple-Output Power-Supply Controllers for LCD Monitors
Rev 1; 11/09
More results

Similar Description - MAX1531ETJ

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1530 MAXIM-MAX1530_09 Datasheet
607Kb / 33P
   Multiple-Output Power-Supply Controllers for LCD Monitors
Rev 1; 11/09
MAX8728 MAXIM-MAX8728 Datasheet
424Kb / 29P
   Low-Cost, Multiple-Output Power Supply for LCD Monitors/TVs
Rev 0; 1/06
MAX17014 MAXIM-MAX17014 Datasheet
626Kb / 34P
   Low-Cost Multiple-Output Power Supply for LCD TVs
Rev 0; 10/07
logo
Monolithic Power System...
MP5600 MPS-MP5600 Datasheet
664Kb / 26P
   Compact Multiple-Output Power Supply for TV-LCD panel
logo
Maxim Integrated Produc...
MAX17113 MAXIM-MAX17113 Datasheet
1Mb / 30P
   Low-Cost, Multiple-Output Power Supply for LCD TVs
Rev 0; 8/09
MAX17014A MAXIM-MAX17014A Datasheet
626Kb / 32P
   Low-Cost Multiple-Output Power Supply for LCD TVs
Rev 0; 8/08
MAX17014 MAXIM-MAX17014_10 Datasheet
540Kb / 33P
   Low-Cost Multiple-Output Power Supply for LCD TVs
Rev 1; 11/09
MAX1513 MAXIM-MAX1513 Datasheet
523Kb / 28P
   TFT-LCD Power-Supply Controllers
Rev 0; 10/03
logo
Phihong USA Inc.
PSA-2041U PHIHONG-PSA-2041U Datasheet
82Kb / 2P
   Multiple Output Switching Power Supply
logo
Torex Semiconductor
XC9516 TOREX-XC9516 Datasheet
1Mb / 26P
   Triple Output Power Supply for TFT-LCD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com