Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY7C421-25VC Datasheet(PDF) 1 Page - Cypress Semiconductor

Part # CY7C421-25VC
Description  256/512/1K/2K/4K x 9 Asynchronous FIFO
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C421-25VC Datasheet(HTML) 1 Page - Cypress Semiconductor

  CY7C421-25VC Datasheet HTML 1Page - Cypress Semiconductor CY7C421-25VC Datasheet HTML 2Page - Cypress Semiconductor CY7C421-25VC Datasheet HTML 3Page - Cypress Semiconductor CY7C421-25VC Datasheet HTML 4Page - Cypress Semiconductor CY7C421-25VC Datasheet HTML 5Page - Cypress Semiconductor CY7C421-25VC Datasheet HTML 6Page - Cypress Semiconductor CY7C421-25VC Datasheet HTML 7Page - Cypress Semiconductor CY7C421-25VC Datasheet HTML 8Page - Cypress Semiconductor CY7C421-25VC Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
256/512/1K/2K/4K x 9 Asynchronous FIFO
CY7C419/21/25/29/33
Cypress Semiconductor Corporation
3901 North First Street
San Jose
CA 95134
408-943-2600
Document #: 38-06001 Rev. *A
Revised December 30, 2002
19/21/25/29/
Features
• Asynchronous first-in first-out (FIFO) buffer memories
• 256 x 9 (CY7C419)
• 512 x 9 (CY7C421)
• 1K x 9 (CY7C425)
• 2K x 9 (CY7C429)
• 4K x 9 (CY7C433)
• Dual-ported RAM cell
• High-speed 50.0-MHz read/write independent of
depth/width
• Low operating power: ICC = 35 mA
• Empty and Full flags (Half Full flag in standalone)
• TTL compatible
• Retransmit in standalone
• Expandable in width
• PLCC, 7x7 TQFP, SOJ, 300-mil and 600-mil DIP
• Pin compatible and functionally equivalent to IDT7200,
IDT7201, IDT7202, IDT7203, IDT7204, AM7200, AM7201,
AM7202, AM7203, and AM7204
Functional Description
The CY7C419, CY7C420/1, CY7C424/5, CY7C428/9, and
CY7C432/3 are first-in first-out (FIFO) memories offered in
600-mil wide and 300-mil wide packages. They are, respec-
tively, 256, 512, 1,024, 2,048, and 4,096 words by 9-bits wide.
Each FIFO memory is organized such that the data is read in
the same sequential order that it was written. Full and Empty
flags are provided to prevent overrun and underrun. Three ad-
ditional pins are also provided to facilitate unlimited expansion
in width, depth, or both. The depth expansion technique steers
the control signals from one device to another in parallel, thus
eliminating the serial addition of propagation delays, so that
throughput is not reduced. Data is steered in a similar manner.
The read and write operations may be asynchronous; each
can occur at a rate of 50.0 MHz. The write operation occurs
when the write (W) signal is LOW. Read occurs when read (R)
goes LOW. The nine data outputs go to the high-impedance
state when R is HIGH.
A Half Full (HF) output flag is provided that is valid in the stan-
dalone and width expansion configurations. In the depth ex-
pansion configuration, this pin provides the expansion out
(XO) information that is used to tell the next FIFO that it will be
activated.
In the standalone and width expansion configurations, a LOW
on the retransmit (RT) input causes the FIFOs to retransmit
the data. Read enable (R) and write enable (W) must both be
HIGH during retransmit, and then R is used to access the data.
The CY7C419, CY7C420, CY7C421, CY7C424, CY7C425,
CY7C428, CY7C429, CY7C432, and CY7C433 are fabricated
using an advanced 0.65-micron P-well CMOS technology. In-
put ESD protection is greater than 2000V and latch-up is pre-
vented by careful layout and guard rings.


Similar Part No. - CY7C421-25VC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C421-25VC CYPRESS-CY7C421-25VC Datasheet
479Kb / 25P
   256/512/1K/2K/4K x 9 Asynchronous FIFO
CY7C421-25VC CYPRESS-CY7C421-25VC Datasheet
622Kb / 17P
   256/512/1K/2K/4K x 9 Asynchronous FIFO
More results

Similar Description - CY7C421-25VC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C419 CYPRESS-CY7C419_09 Datasheet
622Kb / 17P
   256/512/1K/2K/4K x 9 Asynchronous FIFO
CY7C419 CYPRESS-CY7C419_05 Datasheet
479Kb / 25P
   256/512/1K/2K/4K x 9 Asynchronous FIFO
logo
LOGIC Devices Incorpora...
L8C201 LODEV-L8C201 Datasheet
182Kb / 22P
   512/1K/2K/4K x 9-bit Asynchronous FIFO
logo
AverLogic Technologies ...
AL4CA01 AVERLOGIC-AL4CA01 Datasheet
74Kb / 2P
   512/ 1K/ 2K/ 4K/ 8K x 9 Asynchronous FIFOs
logo
Integrated Device Techn...
IDT72021 IDT-IDT72021 Datasheet
153Kb / 14P
   CMOS ASYNCHRONOUS FIFO WITH RETRANSMIT 1K x 9, 2K x 9, 4K x 9
logo
Cypress Semiconductor
CY7C4201 CYPRESS-CY7C4201 Datasheet
411Kb / 18P
   64/256/512/1K/2K/4K/8K x 9 Synchronous FIFOs
CY7C4421 CYPRESS-CY7C4421_05 Datasheet
545Kb / 19P
   64/256/512/1K/2K/4K/8K x 9 Synchronous FIFOs
logo
Mosel Vitelic, Corp
MS7200L MOSEL-MS7200L Datasheet
175Kb / 11P
   256 x 9, 512 x 9, 1K x 9 CMOS FIFO
logo
AverLogic Technologies ...
AL4CS205 AVERLOGIC-AL4CS205 Datasheet
35Kb / 2P
   256, 512, 1K, 2K, 4K x 18 Synchronous FIFOs
logo
Integrated Device Techn...
IDT7200L IDT-IDT7200L Datasheet
145Kb / 13P
   CMOS ASYNCHRONOUS FIFO 256 x 9, 512 x 9, 1,024 x 9
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com