Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1511A35UY3 Datasheet(PDF) 1 Page - Chicago Miniature Lamp,inc

Part # 1511A35UY3
Description  StarLEDs T11/2(5mm) WB with half wave rectifier
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CML [Chicago Miniature Lamp,inc]
Direct Link  http://www.cml-it.com
Logo CML - Chicago Miniature Lamp,inc

1511A35UY3 Datasheet(HTML) 1 Page - Chicago Miniature Lamp,inc

  1511A35UY3 Datasheet HTML 1Page - Chicago Miniature Lamp,inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image


Similar Part No. - 1511A35UY3

ManufacturerPart #DatasheetDescription
logo
Chicago Miniature Lamp,...
1511A15B3 CML-1511A15B3 Datasheet
359Kb / 1P
   StarLEDs T11/2(5mm) WB with half wave rectifier
1511A15UG3 CML-1511A15UG3 Datasheet
359Kb / 1P
   StarLEDs T11/2(5mm) WB with half wave rectifier
1511A15UR3 CML-1511A15UR3 Datasheet
359Kb / 1P
   StarLEDs T11/2(5mm) WB with half wave rectifier
1511A15UY3 CML-1511A15UY3 Datasheet
359Kb / 1P
   StarLEDs T11/2(5mm) WB with half wave rectifier
1511A15W3 CML-1511A15W3 Datasheet
359Kb / 1P
   StarLEDs T11/2(5mm) WB with half wave rectifier
More results

Similar Description - 1511A35UY3

ManufacturerPart #DatasheetDescription
logo
Chicago Miniature Lamp,...
1511A45XXX CML-1511A45XXX Datasheet
361Kb / 1P
   StarLEDs T11/2(5mm) WB with half wave rectifier
1511B35XXX CML-1511B35XXX Datasheet
361Kb / 1P
   StarLEDs T11/2(5mm) WB with half wave rectifier
1511A25XXX CML-1511A25XXX Datasheet
362Kb / 1P
   StarLEDs T11/2(5mm) WB with half wave rectifier
1511B25XXX CML-1511B25XXX Datasheet
361Kb / 1P
   StarLEDs T11/2(5mm) WB with half wave rectifier
1511A15XXX CML-1511A15XXX Datasheet
359Kb / 1P
   StarLEDs T11/2(5mm) WB with half wave rectifier
1511B45XXX CML-1511B45XXX Datasheet
361Kb / 1P
   StarLEDs T11/2(5mm) WB with half wave rectifier
1511B15XXX CML-1511B15XXX Datasheet
362Kb / 1P
   StarLEDs T31/4(10mm) WB with half wave rectifier
1511245X CML-1511245X Datasheet
259Kb / 1P
   MultiLEDs T11/2 (5mm) WB 6-Chip-LED
1511335X CML-1511335X Datasheet
264Kb / 1P
   MultiLEDs T11/2 (5mm) WB 6-Chip-LED with bridge rectifier
1511345X CML-1511345X Datasheet
264Kb / 1P
   MultiLEDs T11/2 (5mm) WB 6-Chip-LED with bridge rectifier
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com