Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M48T02-120PC1 Datasheet(PDF) 8 Page - STMicroelectronics

Part # M48T02-120PC1
Description  CMOS 8K x 8 TIMEKEEPER SRAM
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M48T02-120PC1 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button M48T02-120PC1 Datasheet HTML 4Page - STMicroelectronics M48T02-120PC1 Datasheet HTML 5Page - STMicroelectronics M48T02-120PC1 Datasheet HTML 6Page - STMicroelectronics M48T02-120PC1 Datasheet HTML 7Page - STMicroelectronics M48T02-120PC1 Datasheet HTML 8Page - STMicroelectronics M48T02-120PC1 Datasheet HTML 9Page - STMicroelectronics M48T02-120PC1 Datasheet HTML 10Page - STMicroelectronics M48T02-120PC1 Datasheet HTML 11Page - STMicroelectronics M48T02-120PC1 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 27 page
background image
M48T08, M48T08Y, M48T18
8/27
Table 3. READ Mode AC Characteristics
Note: 1. Valid for Ambient Operating Temperature: TA = 0 to 70°C; VCC = 4.75 to 5.5V or 4.5 to 5.5V (except where noted).
Symbol
Parameter(1)
M48T08/M48T18/T08Y
Unit
–100/–10 (T08Y)
–150/–15 (T08Y)
MinMax
MinMax
tAVAV
READ Cycle Time
100
150
ns
tAVQV
Address Valid to Output Valid
100
150
ns
tE1LQV
Chip Enable 1 Low to Output Valid
100
150
ns
tE2HQV
Chip Enable 2 High to Output Valid
100
150
ns
tGLQV
Output Enable Low to Output Valid
50
75
ns
tE1LQX
Chip Enable 1 Low to Output Transition
10
10
ns
tE2HQX
Chip Enable 2 High to Output Transition
10
10
ns
tGLQX
Output Enable Low to Output Transition
5
5
ns
tE1HQZ
Chip Enable 1 High to Output Hi-Z
50
75
ns
tE2LQZ
Chip Enable 2 Low to Output Hi-Z
50
75
ns
tGHQZ
Output Enable High to Output Hi-Z
40
60
ns
tAXQX
Address Transition to Output Transition
5
5
ns


Similar Part No. - M48T02-120PC1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M48T02-150PC1 STMICROELECTRONICS-M48T02-150PC1 Datasheet
94Kb / 15P
   16 Kbit 2Kb x8 TIMEKEEPER[ SRAM
M48T02-150PC1 STMICROELECTRONICS-M48T02-150PC1 Datasheet
251Kb / 19P
   5.0V, 16 Kbit (2Kb x 8) TIMEKEEPER짰 SRAM
M48T02-150PC1 STMICROELECTRONICS-M48T02-150PC1 Datasheet
200Kb / 24P
   5.0V, 16 Kbit (2Kb x 8) TIMEKEEPER SRAM
logo
ARTSCHIP ELECTRONICS CO...
M48T02-150PC1 ARTSCHIP-M48T02-150PC1 Datasheet
6Mb / 21P
   TIMEKEEPER SRAM
logo
STMicroelectronics
M48T02-150PC1TR STMICROELECTRONICS-M48T02-150PC1TR Datasheet
251Kb / 19P
   5.0V, 16 Kbit (2Kb x 8) TIMEKEEPER짰 SRAM
More results

Similar Description - M48T02-120PC1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
MK48T02 STMICROELECTRONICS-MK48T02 Datasheet
922Kb / 14P
   CMOS 2K x 8 TIMEKEEPER SRAM
M48T36 STMICROELECTRONICS-M48T36 Datasheet
138Kb / 17P
   CMOS 32K x 8 TIMEKEEPER SRAM
logo
UMC Corporation
UM6264 UMC-UM6264 Datasheet
410Kb / 8P
   8K x 8 CMOS SRAM
logo
Rohm
BR6265 ROHM-BR6265 Datasheet
424Kb / 8P
   8K X 8 CMOS SRAM
logo
STMicroelectronics
MK48Z08 STMICROELECTRONICS-MK48Z08 Datasheet
622Kb / 12P
   CMOS 8K x 8 ZEROPOWER SRAM
logo
AMIC Technology
A623308A AMICC-A623308A Datasheet
194Kb / 14P
   8K X 8 BIT CMOS SRAM
logo
Alliance Semiconductor ...
AS7C164-12 ALSC-AS7C164-12 Datasheet
224Kb / 8P
   5V 8K X 8 CMOS SRAM
logo
Holtek Semiconductor In...
HT6264 HOLTEK-HT6264 Datasheet
238Kb / 10P
   CMOS 8K x 8-Bit SRAM
logo
STMicroelectronics
M48Z09 STMICROELECTRONICS-M48Z09 Datasheet
122Kb / 13P
   CMOS 8K x 8 ZEROPOWER SRAM
logo
AMIC Technology
A623308 AMICC-A623308 Datasheet
130Kb / 13P
   8K X 8 BIT CMOS SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com