Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSS6132-683MX Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # MSS6132-683MX
Description  SMT Power Inductors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

MSS6132-683MX Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  MSS6132-683MX Datasheet HTML 1Page - List of Unclassifed Manufacturers MSS6132-683MX Datasheet HTML 2Page - List of Unclassifed Manufacturers MSS6132-683MX Datasheet HTML 3Page - List of Unclassifed Manufacturers MSS6132-683MX Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Document 278-2
Specifications subject to change without notice.
Document 278-2
Revised 11/01/02
5
Irms5
DCR
SRF3
20°C 40°C
L ±20%2 max
typ
I
sat4 rise
rise
Part number1
(µH)
( )
(MHz)
(A)
(A)
(A)
MSS5131-222MX_
2.2
0.023
65.0
1.90
2.00
3.30
MSS5131-332MX_
3.3
0.032
60.0
1.53
1.60
2.90
MSS5131-472MX_
4.7
0.045
48.0
1.26
1.40
2.50
MSS5131-562MX_
5.6
0.055
44.0
1.16
1.30
2.30
MSS5131-682MX_
6.8
0.060
42.0
1.05
1.20
2.16
MSS5131-822MX_
8.2
0.075
40.0
0.96
1.10
2.00
MSS5131-103MX_
10
0.083
38.0
0.87
1.00
1.90
MSS5131-123MX_
12
0.100
35.0
0.80
0.97
1.60
MSS5131-153MX_
15
0.115
32.0
0.71
0.94
1.50
MSS5131-183MX_
18
0.150
26.0
0.65
0.89
1.40
MSS5131-223MX_
22
0.160
22.0
0.58
0.87
1.30
MSS5131-273MX_
27
0.190
19.0
0.53
0.85
1.20
MSS5131-333MX_
33
0.216
18.0
0.48
0.80
1.10
MSS5131-393MX_
39
0.290
17.0
0.44
0.74
1.00
MSS5131-473MX_
47
0.320
16.0
0.40
0.71
0.95
MSS5131-563MX_
56
0.365
15.0
0.36
0.70
0.90
MSS5131-683MX_
68
0.480
12.5
0.33
0.66
0.85
MSS5131-823MX_
82
0.520
12.0
0.30
0.62
0.80
MSS5131-104MX_
100
0.700
11.5
0.27
0.55
0.69
MSS5131-124MX_
120
0.800
11.0
0.25
0.51
0.62
MSS5131-154MX_
150
1.100
10.0
0.22
0.47
0.58
MSS5131-184MX_
180
1.200
9.0
0.20
0.43
0.54
MSS5131-224MX_
220
1.400
8.0
0.18
0.39
0.50
MSS5131-274MX_
270
1.800
7.5
0.17
0.35
0.45
MSS5131-334MX_
330
2.100
6.8
0.15
0.32
0.42
MSS5131-394MX_
390
2.200
5.4
0.14
0.30
0.38
MSS5131Series
Typical L vs Frequency
1. When ordering, please specify packaging code:
MSS5131-394MX_
Packaging code:
C = 7
″ machine-ready reel EIA-481 embossed plastic tape (400 per full reel).
B = Less than full reel
In tape, but not machine-ready. To have a
leader and trailer added ($25 charge), use code letter C instead.
D = 13
″ machine-ready reel EIA-481 embossed plastic tape. Factory
order only, not stocked (1500 per reel per full reel).
2. Inductance tested at 100 kHz, 0.1 Vrms, 0 Adc.
3. SRF measured using Agilent/HP 4191A or equilvalent.
4. DC current at which the inductance drops 10% (typ) from its value without
current.
5. Average current for temperature rise above 25°C ambient.
6. Operating temperature range
−40°C to +85°C.
7. Electrical specifications at 25°C.
See Qualification Standards section for environmental and test data.
Typical L vs Current
Typical L vs Frequency


Similar Part No. - MSS6132-683MX

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
MSS6132-683ML COILCRAFT-MSS6132-683ML Datasheet
394Kb / 2P
   SMT Power Inductors
MSS6132-683ML COILCRAFT-MSS6132-683ML Datasheet
320Kb / 2P
   Shielded Power Inductors ??MSS6132
MSS6132-683MLB COILCRAFT-MSS6132-683MLB Datasheet
283Kb / 2P
   Shielded Power Inductors - MSS6132
MSS6132-683MLC COILCRAFT-MSS6132-683MLC Datasheet
283Kb / 2P
   Shielded Power Inductors - MSS6132
MSS6132-683MLD COILCRAFT-MSS6132-683MLD Datasheet
283Kb / 2P
   Shielded Power Inductors - MSS6132
More results

Similar Description - MSS6132-683MX

ManufacturerPart #DatasheetDescription
logo
Filtran LTD
8401-XXX FILTRAN-8401-XXX Datasheet
21Kb / 1P
   Inductors SMT Power Inductors
logo
EPCOS
B82479 EPCOS-B82479 Datasheet
1Mb / 4P
   SMT Power Inductors
B82477G2 EPCOS-B82477G2 Datasheet
160Kb / 7P
   SMT power inductors
logo
Pulse A Technitrol Comp...
PF0560.252NLT PULSE-PF0560.252NLT Datasheet
234Kb / 2P
   SMT POWER INDUCTORS
logo
EPCOS
B82477G4105M EPCOS-B82477G4105M Datasheet
566Kb / 8P
   SMT power inductors
B82462G4152M EPCOS-B82462G4152M Datasheet
542Kb / 8P
   SMT power inductors
logo
Pulse A Technitrol Comp...
PE-53680NLT PULSE-PE-53680NLT Datasheet
181Kb / 2P
   SMT POWER INDUCTORS
logo
EPCOS
B82462G4472M EPCOS-B82462G4472M Datasheet
542Kb / 8P
   SMT power inductors
B82479G1103M EPCOS-B82479G1103M Datasheet
521Kb / 7P
   SMT power inductors
B82477G2104M EPCOS-B82477G2104M Datasheet
541Kb / 7P
   SMT power inductors
B82472P6473M EPCOS-B82472P6473M Datasheet
546Kb / 7P
   SMT power inductors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com