Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY241V8ASXC-12 Datasheet(PDF) 5 Page - Cypress Semiconductor

Part # CY241V8ASXC-12
Description  Clock Generator with VCXO
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY241V8ASXC-12 Datasheet(HTML) 5 Page - Cypress Semiconductor

  CY241V8ASXC-12 Datasheet HTML 1Page - Cypress Semiconductor CY241V8ASXC-12 Datasheet HTML 2Page - Cypress Semiconductor CY241V8ASXC-12 Datasheet HTML 3Page - Cypress Semiconductor CY241V8ASXC-12 Datasheet HTML 4Page - Cypress Semiconductor CY241V8ASXC-12 Datasheet HTML 5Page - Cypress Semiconductor CY241V8ASXC-12 Datasheet HTML 6Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
CY241V08A-12
Document #: 38-07676 Rev. **
Page 5 of 6
© Cypress Semiconductor Corporation, 2004. The information contained herein is subject to change without notice. Cypress Semiconductor Corporation assumes no responsibility for the use
of any circuitry other than circuitry embodied in a Cypress product. Nor does it convey or imply any license under patent or other rights. Cypress products are not warranted nor intended to be
used for medical, life support, life saving, critical control or safety applications, unless pursuant to an express written agreement with Cypress. Furthermore, Cypress does not authorize its
products for use as critical components in life-support systems where a malfunction or failure may reasonably be expected to result in significant injury to the user. The inclusion of Cypress
products in life-support systems application implies that the manufacturer assumes all risk of such use and in doing so indemnifies Cypress against all charges.
Package Drawing and Dimensions
All product or company names mentioned in this document may be the trademarks of their respective holders.
SEATING PLANE
PIN1ID
0.230[5.842]
0.244[6.197]
0.157[3.987]
0.150[3.810]
0.189[4.800]
0.196[4.978]
0.050[1.270]
BSC
0.061[1.549]
0.068[1.727]
0.004[0.102]
0.0098[0.249]
0.0138[0.350]
0.0192[0.487]
0.016[0.406]
0.035[0.889]
0.0075[0.190]
0.0098[0.249]
1. DIMENSIONS IN INCHES[MM] MIN.
MAX.
0°~8°
0.016[0.406]
0.010[0.254]
X 45°
2. PIN 1 ID IS OPTIONAL,
ROUND ON SINGLE LEADFRAME
RECTANGULAR ON MATRIX LEADFRAME
0.004[0.102]
8 Lead (150 Mil) SOIC - S08
1
4
58
3. REFERENCE JEDEC MS-012
PART #
S08.15 STANDARD PKG.
SZ08.15 LEAD FREE PKG.
4. PACKAGE WEIGHT 0.07gms
8-lead (150-Mil) SOIC S8
51-85066-*C


Similar Part No. - CY241V8ASXC-12

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY241V8ASXC-11 CYPRESS-CY241V8ASXC-11 Datasheet
481Kb / 9P
   Integrated phase locked loop (PLL)
CY241V8ASXC-11T CYPRESS-CY241V8ASXC-11T Datasheet
481Kb / 9P
   Integrated phase locked loop (PLL)
More results

Similar Description - CY241V8ASXC-12

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY241V08A-11 CYPRESS-CY241V08A-11 Datasheet
120Kb / 6P
   MPEG Clock Generator with VCXO
logo
Asahi Kasei Microsystem...
AK8130D AKM-AK8130D Datasheet
194Kb / 8P
   Multi Clock Generator with VCXO
logo
Cypress Semiconductor
CY241V08A-41 CYPRESS-CY241V08A-41 Datasheet
122Kb / 6P
   MPEG Clock Generator with VCXO
CY2412 CYPRESS-CY2412 Datasheet
128Kb / 6P
   MPEG Clock Generator with VCXO
logo
Asahi Kasei Microsystem...
AK8158A AKM-AK8158A Datasheet
326Kb / 10P
   Multi Clock Generator with VCXO
logo
Cypress Semiconductor
CY241V08A-05 CYPRESS-CY241V08A-05 Datasheet
122Kb / 6P
   MPEG Clock Generator with VCXO
logo
Asahi Kasei Microsystem...
AK8131C AKM-AK8131C Datasheet
193Kb / 8P
   Multi Clock Generator with VCXO
AK8130BV AKM-AK8130BV Datasheet
184Kb / 8P
   Multi Clock Generator with VCXO
AK8130C AKM-AK8130C Datasheet
191Kb / 8P
   Multi Clock Generator with VCXO
logo
Cypress Semiconductor
CY241V08A-02 CYPRESS-CY241V08A-02 Datasheet
129Kb / 6P
   MPEG Clock Generator with VCXO
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com