Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DSP45-12AT Datasheet(PDF) 1 Page - IXYS Corporation

Part # DSP45-12AT
Description  Phase-leg Rectifier Diode
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

DSP45-12AT Datasheet(HTML) 1 Page - IXYS Corporation

  DSP45-12AT Datasheet HTML 1Page - IXYS Corporation DSP45-12AT Datasheet HTML 2Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
© 2004 IXYS All rights reserved
1 - 2
DSP 45
Symbol
Conditions
Maximum Ratings
I
F(RMS)
T
VJ = TVJM
70
A
I
F(AV)M
T
C
= 130
°C; 180° sine
45
A
I
F(AV)M
2)
T
C
= 100
°C; 180° sine
43
A
I
FSM
T
VJ = 45°C;
t = 10 ms
(50 Hz), sine
480
A
t = 8.3 ms
(60 Hz), sine
510
A
T
VJ = 150°C;
t = 10 ms
(50 Hz), sine
420
A
t = 8.3 ms
(60 Hz), sine
450
A
I2t
T
VJ = 45°C
t = 10 ms
(50 Hz), sine
1150
A2s
t = 8.3 ms
(60 Hz), sine
1090
A2s
T
VJ = 150°C;
t = 10 ms
(50 Hz), sine
880
A2s
t = 8.3 ms
(60 Hz), sine
855
A2s
T
VJ
-40...+180
°C
T
VJM
+180
°C
T
VJ
2)
-40...+150
°C
T
VJM
2)
+150
°C
T
stg
-40...+150
°C
M
d
1)
Mounting torque
1.13/10
Nm/lb.in.
F
C
2+3)
Clip mounting force
1.13/10
Nm/lb.in.
V
ISOL
2)
50/60 Hz, RMS, t = 1 minute, leads-to-tab
2500
V~
Weight
TO-268 / TO-247
4 / 6
g
1) Verson A; 2) Version AR; 3) Version AT
Symbol
Conditions
Characteristic Values
I
R
T
VJ = 150°CVR
= V
RRM
3mA
V
F
I
F = 40 A; TVJ = 25°C
1.23
V
V
T0
For power-loss calculations only
0.8
V
r
T
T
VJ = TVJM
11
m
R
thJC
DC current
0.55
K/W
R
thJC
2)
DC current
0.7
K/W
R
thCH
DC current (with heatsink compound)
0.2
K/W
a
Maximum allowable acceleration
50
m/s2
V
RRM
= 1200/1600 V
I
F(RMS) =
2x70 A
I
F(AV)M =
2x45 A
Data according to IEC 60747 and refer to a single diode
Features
International standard packages
JEDEC TO-247 AD and TO-268 AA
surface mountable
For single and three phase bridge
configuration
Planar passivated chips
Epoxy meets UL 94V-0 flammability
classification
Version AR isolated and
UL registered E153432
Phase-leg
Rectifier Diode
TO-247 AD
TO-268 AA
Version A
Version AT
1
2
2 (TAB)
3
2 (TAB)
1
3
1 = Cathode, 2 = Anode/Cathode, 3 = Anode
ISOPLUS 247 TM
Version AR
3
1
2
TAB
V
RSM
V
RRM
TO-247 AD
TO-268 AA
ISOPLUS 247 TM
V
V
Type
1300
1200
DSP 45-12A
DSP 45-12AT
1700
1600
DSP 45-16A
DSP 45-16AT DSP 45-16AR
12
3
IXYS reserves the right to change limits, test conditions and dimensions


Similar Part No. - DSP45-12AT

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
DSP45-12A IXYS-DSP45-12A Datasheet
141Kb / 5P
   Standard Rectifier
DSP45-12AZ IXYS-DSP45-12AZ Datasheet
142Kb / 5P
   Standard Rectifier
More results

Similar Description - DSP45-12AT

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
L015 IXYS-L015 Datasheet
36Kb / 2P
   Phase-leg Rectifier Diode
DSP8-08 IXYS-DSP8-08 Datasheet
46Kb / 1P
   Phase-leg Rectifier Diode
DSP25 IXYS-DSP25 Datasheet
36Kb / 2P
   Phase-leg Rectifier Diode
DSP8-08S IXYS-DSP8-08S Datasheet
77Kb / 3P
   Phase-leg Rectifier Diode
DSP8 IXYS-DSP8 Datasheet
1Mb / 1P
   Phase-leg Rectifier Diode ISOPLUS220
DSP8-08AC IXYS-DSP8-08AC Datasheet
393Kb / 1P
   Phase-leg Rectifier Diode ISOPLUS220
MDMA25P1200TG IXYS-MDMA25P1200TG Datasheet
270Kb / 5P
   Standard Rectifier Module Phase leg
logo
Microsemi Corporation
APTDF400AK120G MICROSEMI-APTDF400AK120G Datasheet
220Kb / 4P
   Diode Phase leg Power Module
APTDF400AK60G MICROSEMI-APTDF400AK60G Datasheet
216Kb / 4P
   Diode Phase leg Power Module
logo
IXYS Corporation
MDD312-14N1 IXYS-MDD312-14N1 Datasheet
296Kb / 6P
   Standard Rectifier Module Phase leg
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com