Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R5324D001X Datasheet(PDF) 11 Page - RICOH electronics devices division

Part # R5324D001X
Description  CMOS 3CH-LDOs for RF Unit
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

R5324D001X Datasheet(HTML) 11 Page - RICOH electronics devices division

Back Button R5324D001X Datasheet HTML 7Page - RICOH electronics devices division R5324D001X Datasheet HTML 8Page - RICOH electronics devices division R5324D001X Datasheet HTML 9Page - RICOH electronics devices division R5324D001X Datasheet HTML 10Page - RICOH electronics devices division R5324D001X Datasheet HTML 11Page - RICOH electronics devices division R5324D001X Datasheet HTML 12Page - RICOH electronics devices division R5324D001X Datasheet HTML 13Page - RICOH electronics devices division R5324D001X Datasheet HTML 14Page - RICOH electronics devices division R5324D001X Datasheet HTML 15Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
R5324D
11
• ELECTRICAL CHARACTERISTICS by OUTPUT VOLTAGE (VR3)
Topt=25°C
Dropout Voltage
VDIF (V)
Output Voltage VOUT (V)
Condition
Typ.
Max.
VOUT=1.5
0.24
0.44
VOUT=1.6
0.22
0.40
VOUT=1.7
0.21
0.38
1.8≤VOUT≤2.0
0.20
0.37
2.1≤VOUT≤2.7
0.18
0.33
2.8≤VOUT≤4.0
IOUT=100mA
0.15
0.25
OPERATION
R5324DxxxA
VDD
1
CE1
2
CE2
3
CE3
4
VOUT1
R1_1
R2_1
R1_2
R2_2
R1_3
R2_3
8
VOUT2
7
VOUT3
6
GND
5
-
+
Current Limit
Vref
Error Amp.
Error Amp.
-
+
Current Limit
Vref
Error Amp.
-
+
Current Limit
Vref
Fluctuation of each regulator’s output voltage, or VOUT1, 2, 3 is detected individually. Then it is put back to an error
amplifier through feedback resistors, or R1_1, R2_1, R1_2, R2_2, R1_3, R2_3 and compared with a reference voltage
and compensated for the result and make a constant voltage.
In each regulator, short protection is made with a current limit circuit and stand-by mode is available by a chip en-
able circuit.


Similar Part No. - R5324D001X

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
R5324D001A RICOH-R5324D001A Datasheet
398Kb / 29P
   CMOS 3ch-LDOs for RF Unit
R5324D001B RICOH-R5324D001B Datasheet
398Kb / 29P
   CMOS 3ch-LDOs for RF Unit
More results

Similar Description - R5324D001X

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
R5324D RICOH-R5324D_07 Datasheet
398Kb / 29P
   CMOS 3ch-LDOs for RF Unit
logo
ON Semiconductor
NCP4523 ONSEMI-NCP4523 Datasheet
132Kb / 24P
   CMOS 3CH-LDOs for RF Unit
December, 2004 ??Rev. 4
logo
RICOH electronics devic...
R5320X RICOH-R5320X Datasheet
288Kb / 28P
   CMOS 3CH-LDOs for RF Unit
logo
ON Semiconductor
NCP4523G3T1G ONSEMI-NCP4523G3T1G Datasheet
127Kb / 24P
   CMOS 3CH?묹DOs for RF Unit
September, 2005 ??Rev. 6
logo
RICOH electronics devic...
R5321D RICOH-R5321D Datasheet
406Kb / 22P
   CMOS 2ch-LDOs for RF Unit
R5320G RICOH-R5320G Datasheet
271Kb / 30P
   CMOS Multi-LDOs for RF Unit
logo
Rohm
BU6650NUX ROHM-BU6650NUX_11 Datasheet
1Mb / 22P
   3ch CMOS LDO Regulators
logo
Sanyo Semicon Device
LV5217GP SANYO-LV5217GP Datasheet
106Kb / 12P
   Bi-CMOS IC For Cell Phones 3ch LED Driver
logo
Semtech Corporation
SC653 SEMTECH-SC653 Datasheet
309Kb / 22P
   Light Management Unit with 2 LDOs and SemPulse짰Interface
SC643 SEMTECH-SC643 Datasheet
355Kb / 26P
   Light Management Unit with 4 LDOs and SemPulse짰Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com