Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74LVT2241DB Datasheet(PDF) 1 Page - NXP Semiconductors

Part # 74LVT2241DB
Description  3.3V Octal buffer/line driver with 30ohm series termination resistors; 3-State
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LVT2241DB Datasheet(HTML) 1 Page - NXP Semiconductors

  74LVT2241DB Datasheet HTML 1Page - NXP Semiconductors 74LVT2241DB Datasheet HTML 2Page - NXP Semiconductors 74LVT2241DB Datasheet HTML 3Page - NXP Semiconductors 74LVT2241DB Datasheet HTML 4Page - NXP Semiconductors 74LVT2241DB Datasheet HTML 5Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Philips Semiconductors
Product specification
74LVT2241
3.3V Octal buffer/line driver with 30
W series
termination resistors; 3-State
1
1996 May 29
853-1840 16867
FEATURES
Octal bus interface
3-State buffers
Output capability: +12mA/-12mA
TTL input and output switching levels
Input and output interface capability to systems at 5V supply
Bus-hold data inputs eliminate the need for external pull-up
resistors to hold unused inputs
Power-up 3-State
Live insertion/extraction permitted
No bus current loading when output is tied to 5V bus
Latch-up protection exceeds 500mA per JEDEC Std 17
ESD protection exceeds 2000V per MIL STD 883 Method 3015
and 200V per Machine Model.
Outputs include series resistance of 30Ω, making external
termination resistors unnecessary.
DESCRIPTION
The 74LVT2241 high-performance BiCMOS device combines low
static and dynamic power dissipation with high speed and high
output drive.
The 74LVT2241 device is an octal buffer that is ideal for driving bus
lines. The device features two Output Enables (1OE, 2OE), each
controlling four of the 3-State outputs.
The 74LVT2241 is designed with 30
Ω series resistance in both the
High and Low states of the output. This design reduces the line
noise in applications such as memory address drivers, clock drivers
and bus receivers/transmitters.
QUICK REFERENCE DATA
SYMBOL
PARAMETER
CONDITIONS
Tamb = 25°C; GND = 0V
TYPICAL
UNIT
tPLH
tPHL
Propagation delay
nAx to nYx
CL = 50pF;
VCC = 3.3V
3.0
3.3
ns
CIN
Input capacitance
VI = 0V or 3.0V
4
pF
COUT
Output capacitance
Outputs disabled; VO = 0V or 3.0V
8
pF
ICCZ
Total supply current
Outputs disabled; VCC = 3.6V
0.12
mA
ORDERING INFORMATION
PACKAGES
TEMPERATURE RANGE
OUTSIDE NORTH AMERICA
NORTH AMERICA
DWG NUMBER
20-Pin Plastic SOL
–40
°C to +85°C
74LVT2241 D
74LVT2241 D
SOT163-1
20-Pin Plastic SSOP Type II
–40
°C to +85°C
74LVT2241 DB
74LVT2241 DB
SOT339-1
20-Pin Plastic TSSOP Type I
–40
°C to +85°C
74LVT2241 PW
7LVT2241PW DH
SOT360-1
PIN CONFIGURATION
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
1OE
1A0
2Y0
1A1
2Y1
1A2
2Y2
1A3
2Y3
1Y3
GND
2A2
1Y2
2A1
1Y1
2A0
1Y0
2OE
VCC
2A3
SA00038
PIN DESCRIPTION
PIN NUMBER
SYMBOL
NAME AND FUNCTION
2, 4, 6, 8
1A0 – 1A3
Data inputs
17, 15, 13, 11
2A0 – 2A3
Data inputs
18, 16, 14, 12
1Y0 – 1Y3
Data outputs
3, 5, 7, 9
2Y0 – 2Y3
Data outputs
1, 19
1OE, 2OE
Output enables
10
GND
Ground (0V)
20
VCC
Positive supply voltage


Similar Part No. - 74LVT2241DB

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
74LVT2241D NEXPERIA-74LVT2241D Datasheet
235Kb / 13P
   3.3 V octal buffer/line driver with 30 Ω series termination resistors; 3-state
Rev. 3 - 17 February 2021
More results

Similar Description - 74LVT2241DB

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVT2244 PHILIPS-74LVT2244 Datasheet
90Kb / 10P
   3.3V Octal buffer/line driver with 30ohm series termination resistors 3-State
1998 Feb 19
74ABT2244 PHILIPS-74ABT2244 Datasheet
104Kb / 12P
   Octal buffer/line driver with 30ohm series termination resistors 3-State
1998 Jan 16
74ABT2241 PHILIPS-74ABT2241 Datasheet
104Kb / 12P
   Octal buffer with 30ohm series termination resistors; 3-State
1996 Sep 30
74LVT2245 PHILIPS-74LVT2245 Datasheet
93Kb / 10P
   3.3V Octal transceiver with 30ohm termination resistors 3-State
1998 Feb 19
74ABT2240 PHILIPS-74ABT2240 Datasheet
103Kb / 10P
   Octal inverting buffer with 30ohm series termination resistors 3-State
1998 Jan 16
74LVT2241 PHILIPS-74LVT2241_15 Datasheet
61Kb / 5P
   3.3V Octal buffer/line driver with 30 series termination resistors; 3-State
1996 May 29
74LVT2244 PHILIPS-74LVT2244_15 Datasheet
107Kb / 10P
   3.3V Octal buffer/line driver with 30W series termination resistors (3-State)
1998 Feb 19
74ABT162244 PHILIPS-74ABT162244 Datasheet
78Kb / 10P
   16-bit buffer/line driver with 30ohm series termination resistors 3-State
1998 Oct 22
74ALVT162244 PHILIPS-74ALVT162244 Datasheet
86Kb / 10P
   2.5V/3.3V 16-bit buffer/driver with 30ohm termination resistors 3-State
1998 Oct 07
74ALVT162241 PHILIPS-74ALVT162241 Datasheet
88Kb / 10P
   2.5V/3.3V 16-bit buffer/driver with 30ohm termination resistors 3-State
1998 Feb 13
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com