Electronic Components Datasheet Search |
|
TK1-L-9V Datasheet(PDF) 2 Page - Nais(Matsushita Electric Works) |
|
TK1-L-9V Datasheet(HTML) 2 Page - Nais(Matsushita Electric Works) |
2 / 5 page TK 174 TYPES AND COIL DATA (at 20 °C 68°F) 1. Single side stable 2. 1 Coil latching 3. 2 Coil latching Notes: 1. Specified value of the pick-up, drop-out, set and reset voltage is with the condition of square wave coil pulse. 2. Standard packing: Tube: 50 pcs.; Case; 1,000 pcs. 3. In case of 5 V transistor drive circuit, it is recommended to use 4.5 V type relay. Part No. Nominal voltage, V DC Pick-up voltage, V DC (max.) Drop-out voltage, V DC (min.) Nominal operating current, mA ( ±10%) Coil resistance, Ω (±10%) Nominal operating power, mW Max. allowable voltage, V DC Standard PC board terminal Self-clinching terminal TK1-1.5 V TK1-H-1.5 V 1.5 1.125 0.15 93.8 16 140 2.25 TK1-3 V TK1-H-3 V 3 2.25 0.3 46.7 64.3 140 4.5 TK1-4.5 V TK1-H-4.5 V 4.5 3.38 0.45 31.1 145 140 6.7 TK1-5 V TK1-H-5 V 5 3.75 0.5 28.1 178 140 7.5 TK1-6 V TK1-H-6 V 6 4.5 0.6 23.3 257 140 9 TK1-9 V TK1-H-9 V 9 6.75 0.9 15.5 579 140 13.5 TK1-12 V TK1-H-12 V 12 9 1.2 11.7 1,028 140 18 TK1-24 V TK1-H-24 V 24 18 2.4 11.3 2,133 270 28.8 Part No. Nominal voltage, V DC Set voltage, V DC (max.) Reset voltage, V DC (max.) Nominal operating current, mA ( ±10%) Coil resistance, Ω (±10%) Nominal operating power, mW Max. allowable voltage, V DC Standard PC board terminal Self-clinching terminal TK1-L-1.5 V TK1-L-H-1.5 V 1.5 1.125 1.125 66.7 22.5 100 2.25 TK1-L-3 V TK1-L-H-3 V 3 2.25 2.25 33.3 90 100 4.5 TK1-L-4.5 V TK1-L-H-4.5 V 4.5 3.38 3.38 22.2 202.5 100 6.7 TK1-L-5 V TK1-L-H-5 V 5 3.75 3.75 20 250 100 7.5 TK1-L-6 V TK1-L-H-6 V 6 4.5 4.5 16.7 360 100 9 TK1-L-9 V TK1-L-H-9 V 9 6.75 6.75 11.1 810 100 13.5 TK1-L-12 V TK1-L-H-12 V 12 9 9 8.3 1,440 100 18 TK1-L-24 V TK1-L-H-24 V 24 18 18 6.3 3,840 150 28.8 Part No. Nominal voltage, V DC Set voltage, V DC (max.) Reset voltage, V DC (max.) Nominal operating current, mA ( ±10%) Coil resistance, Ω (±10%) Nominal operating power, mW Max. allowable voltage, V DC Standard PC board terminal Self-clinching terminal TK1-L2-1.5 V TK1-L2-H-1.5 V 1.5 1.125 1.125 133.9 11.2 200 2.25 TK1-L2-3 V TK1-L2-H-3 V 3 2.25 2.25 66.7 45 200 4.5 TK1-L2-4.5 V TK1-L2-H-4.5 V 4.5 3.38 3.38 44.5 101.2 200 6.7 TK1-L2-5 V TK1-L2-H-5 V 5 3.75 3.75 40 125 200 7.5 TK1-L2-6 V TK1-L2-H-6 V 6 4.5 4.5 33.3 180 200 9 TK1-L2-9 V TK1-L2-H-9 V 9 6.75 6.75 22.2 405 200 13.5 TK1-L2-12 V TK1-L2-H-12 V 12 9 9 20.8 576 250 14.4 TK1-L2-24 V TK1-L2-H-24 V 24 18 18 16.7 1,440 400 26.4 DIMENSIONS mm inch Standard PC board terminal Self-clinching terminal General tolerance: ±0.3 ±.012 10.6 3.75 9 3.5 0.25 2.54 7.62 0.5 0.25 4 .148 .354 .417 .138 .010 .100 2.54 .100 .300 .020 .010 .157 10.6 3.75 9 3.5 0.25 2.54 7.62 0.5 0.25 4 .148 .354 .417 .138 .010 .100 2.54 .100 .300 .020 .010 .157 PC board pattern (Copper-side view) 2.54 .100 2.54 .100 2.54 .100 6-1.0 dia. holes 6-.040 dia. holes .300 + + + + + + 7.62 Tolerance: ±0.1 ±.004 Schematic (Bottom view) • Single side stable (Deenergized condition) • 1-coil latching (Reset condition) • 2-coil latching (Reset condition) 12 3 65 4 Direction indication* − + Direction indication* 12 3 65 4 −+ 12 3 65 4 Direction indication* +− + *Orientation stripe located on top of relay. |
Similar Part No. - TK1-L-9V |
|
Similar Description - TK1-L-9V |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |